Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

10-36675-24 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 10-36675-24
Description  GT Connectors - accessories
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

10-36675-24 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  10-36675-24 Datasheet HTML 1Page - List of Unclassifed Manufacturers 10-36675-24 Datasheet HTML 2Page - List of Unclassifed Manufacturers 10-36675-24 Datasheet HTML 3Page - List of Unclassifed Manufacturers 10-36675-24 Datasheet HTML 4Page - List of Unclassifed Manufacturers 10-36675-24 Datasheet HTML 5Page - List of Unclassifed Manufacturers 10-36675-24 Datasheet HTML 6Page - List of Unclassifed Manufacturers 10-36675-24 Datasheet HTML 7Page - List of Unclassifed Manufacturers 10-36675-24 Datasheet HTML 8Page - List of Unclassifed Manufacturers 10-36675-24 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
80
GT Connectors – accessories
receptacle protection caps
* To complete order number, add shell size and suffix number. For
example, shell size 11 with olive drab cadmium plate would be
10-580902-113.
All dimensions for reference only.
Inches
Shell
Size
D
+ .020
– .000
L
Max.
N
Max.
LL
Approx.
11
.173
.700
.905
5.000
14
.173
.700
1.181
5.000
16
.173
.700
1.280
5.000
17
.173
.900
1.280
5.000
18
.173
.900
1.457
5.000
20
.173
.900
1.594
5.000
22
.173
.900
1.713
5.000
24
.173
.900
1.850
5.000
28
.220
.900
2.126
7.480
32
.261
.900
2.382
7.480
36
.261
.900
2.638
7.480
40
.261
.900
2.874
7.480
Millimeters
Shell
Size
D
+ 0.5
– 0.0
L
Max.
N
Max.
LL
Approx.
11
4.4
17.8
23.0
127
14
4.4
17.8
30.0
127
16
4.4
17.8
32.5
127
17
4.4
22.9
32.5
127
18
4.4
22.9
37.0
127
20
4.4
22.9
40.5
127
22
4.4
22.9
43.5
127
24
4.4
22.9
47.0
127
28
5.6
22.9
54.0
190
32
5.6
22.9
60.5
190
36
5.6
22.9
67.0
175
40
5.6
22.9
73.0
190
Finish
Suffix
Black anodize
-XXZ
Olive drab cadmium plate
-XX3
Olive drab cadmium nickel base
-XX9
Electroless nickel
-XXG
Green zinc cobalt
-XXU
Black zinc cobalt
-XXY
Protective metal caps which seal the front of receptacles
Includes a chain for retention of the cap at the required
location
For receptacles: GT00, 01, 02, 020, 030, 070
* 10-580902-XXX
D
LL
L
N


Similar Part No. - 10-36675-24

ManufacturerPart #DatasheetDescription
logo
HARTING Technology Grou...
10-36-103-0001 HARTING-10-36-103-0001 Datasheet
516Kb / 2P
   Han Ex UL 3A Set
2021-10-01
10-36-104-0001 HARTING-10-36-104-0001 Datasheet
518Kb / 3P
   Han Ex UL 4A Set
2021-12-02
10-36-104-0003 HARTING-10-36-104-0003 Datasheet
519Kb / 3P
   Han Ex UL 4A-QL Set
2021-12-02
10-36-104-0004 HARTING-10-36-104-0004 Datasheet
519Kb / 3P
   Han Ex UL 4A-QL set
2021-12-02
10-36-104-0011 HARTING-10-36-104-0011 Datasheet
500Kb / 3P
   Han Ex UL 4A-QL Set
2021-12-02
More results

Similar Description - 10-36675-24

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
GTC08F16S-4S AMPHENOL-GTC08F16S-4S Datasheet
1Mb / 95P
   Amphenol GT Series Reverse Bayonet Coupling Connectors
logo
PHOENIX CONTACT
2700197 PHOENIX-2700197 Datasheet
62Kb / 6P
   Router - FL MGUARD GT/GT
09/03/2014
logo
Glenair, Inc.
620PS076 GLENAIR-620PS076 Datasheet
311Kb / 2P
   Connectors and Accessories
660PS097 GLENAIR-660PS097 Datasheet
470Kb / 3P
   Connectors and Accessories
logo
Hirose Electric
TM-4-DC1 HIROSE-TM-4-DC1 Datasheet
43Kb / 1P
   MODULAR CONNECTORS(ACCESSORIES)
logo
Carlo Gavazzi Holding A...
CONB53NF-APT2P CARLOGAVAZZI-CONB53NF-APT2P Datasheet
337Kb / 3P
   General Accessories Connectors
logo
Glenair, Inc.
930-014 GLENAIR-930-014 Datasheet
230Kb / 1P
   Connectors and Accessories
logo
List of Unclassifed Man...
IS-T-F ETC-IS-T-F Datasheet
309Kb / 1P
   THERMOCOUPLE CONNECTORS & ACCESSORIES
logo
PHOENIX CONTACT
2700198 PHOENIX-2700198 Datasheet
119Kb / 12P
   Router - FL MGUARD GT/GT VPN
09/12/2020
logo
Soberton Inc.
GT-0603A-2 SOBERTON-GT-0603A-2 Datasheet
298Kb / 5P
   GT MAGNETIC BUZZER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com