Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SG78XXIG Datasheet(PDF) 6 Page - Microsemi Corporation

Part # SG78XXIG
Description  Positive Fixed Voltage Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

SG78XXIG Datasheet(HTML) 6 Page - Microsemi Corporation

  SG78XXIG Datasheet HTML 1Page - Microsemi Corporation SG78XXIG Datasheet HTML 2Page - Microsemi Corporation SG78XXIG Datasheet HTML 3Page - Microsemi Corporation SG78XXIG Datasheet HTML 4Page - Microsemi Corporation SG78XXIG Datasheet HTML 5Page - Microsemi Corporation SG78XXIG Datasheet HTML 6Page - Microsemi Corporation SG78XXIG Datasheet HTML 7Page - Microsemi Corporation SG78XXIG Datasheet HTML 8Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
SG78xxA/78xx
PRODUCT DATASHEET
Microsemi
Analog Mixed Signal Group
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 6
Copyright
© 1997
Rev. 1.5, 2010-07-13
TM
®
Positive Fixed Voltage Regulator
ELECTRI CAL CHARACTERISTICS
Unless otherwise specified, these specifications apply over the operating ambient temperatures for SG7812A / SG7812 with -55°C < TA <
125°C, VIN = 19V, IO = 500mA for the K, G and IG – Power Packages, IO = 100mA for the T and L packages, CIN = 0.33µF, and COUT =
0.1µF. Low duty cycle pulse testing techniques are used which maintains junction and case temperatures equal to the ambient
temperature.
Parameter
Test Conditions
SG7812A
SG7812
Units
Min
Typ
Max
Min
Typ
Max
Output Voltage
TJ = 25°C
11.8
12.0
12.2
11.5
12.0
12.5
V
Line Regulation (Note 1)
VIN = 14.5V to 30V, TJ = 25°C
12
60
12
120
mV
VIN = 16V to 22V, TJ = 25°C
6
30
6
60
mV
Load Regulation (Note 1)
Power Pkgs: IO = 5mA to 1.5A, TJ = 25°C
28
80
28
120
mV
IO = 250mA to 750mA, TJ = 25°C
10
40
10
60
mV
T – Pkg: IO = 5mA to 500mA, TJ = 25°C
10
40
10
60
mV
Total Output Voltage
VIN = 15.5V to 27V
Tolerance
Power Pkgs: IO = 5mA to 1.0A, P < 20W
11.7
12.0
12.3
11.4
12.0
12.6
V
T – Pkg: IO = 5mA to 500mA, P < 2W
11.7
12.0
12.3
11.4
12.0
12.6
V
Quiescent Current
Over Temperature Range
7
7
mA
TJ = 25°C
4
6
4
6
mA
Quiescent Current Change
With Line: VIN = 15V to 30V
0.8
0.8
mA
With Load: IO = 5mA to 1.0A (Power Pkgs.)
0.5
0.5
mA
IO = 5mA to 500mA (T)
0.5
0.5
mA
Dropout Voltage
∆VO = 100mV, TJ = 25°C
Power Pkgs: IO = 1.0A, T – Pkg: IO = 500mA
2
2.5
2
2.5
V
Peak Output Current
Power Pkgs: TJ = 25°C
1.5
2.0
3.3
1.5
2.0
3.3
A
T – Pkg: TJ = 25°C
0.5
1.0
1.7
0.5
1.0
1.7
A
Short Circuit Current
Power Pkgs: VIN = 35V, TJ = 25°C
1.2
1.2
A
T – Pkg: VIN = 35V, TJ = 25°C
0.7
0.7
A
Ripple Rejection
∆VIN = 10V, f = 120Hz, TJ = 25°C
61
61
dB
Output Noise Voltage (rms)
f = 10Hz to 100kHz (note 2)
40
40
µV/V
Long Term Stability
1000 hours @ TJ = 125°C
48
48
mV
Thermal Shutdown
IO = 5mA
175
175
°C
Note
1: All regulation tests are made at constant junction temperature with low duty cycle testing.
2: This test is guaranteed but is not tested in production.


Similar Part No. - SG78XXIG

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
SG78XXIG MICRO-ELECTRONICS-SG78XXIG Datasheet
112Kb / 7P
   POSITIVE FIXED VOLTAGE REGULATOR
logo
List of Unclassifed Man...
SG78XXIG ETC1-SG78XXIG Datasheet
110Kb / 7P
   POSITIVE FIXED VOLTAGE REGULATOR
logo
Microsemi Corporation
SG78XXIG MICROSEMI-SG78XXIG Datasheet
312Kb / 7P
   POSITIVE FIXED VOLTAGE REGULATOR
SG78xxIG MICROSEMI-SG78xxIG Datasheet
420Kb / 8P
   Positive Fixed Voltage Regulator
SG78XXIG MICROSEMI-SG78XXIG Datasheet
312Kb / 7P
   POSITIVE FIXED VOLTAGE REGULATOR
More results

Similar Description - SG78XXIG

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SG7800A MICROSEMI-SG7800A Datasheet
96Kb / 7P
   POSITIVE FIXED VOLTAGE REGULATOR
logo
List of Unclassifed Man...
SG7800A ETC1-SG7800A Datasheet
110Kb / 7P
   POSITIVE FIXED VOLTAGE REGULATOR
logo
Seme LAB
IP140ME SEME-LAB-IP140ME Datasheet
336Kb / 8P
   POSITIVE FIXED VOLTAGE REGULATOR
logo
Micro Electronics
SG7815T MICRO-ELECTRONICS-SG7815T Datasheet
112Kb / 7P
   POSITIVE FIXED VOLTAGE REGULATOR
logo
Microsemi Corporation
M3851014103BEA MICROSEMI-M3851014103BEA Datasheet
312Kb / 7P
   POSITIVE FIXED VOLTAGE REGULATOR
logo
KODENSHI_AUK CORP.
IL78L05 KODENSHI-IL78L05 Datasheet
237Kb / 13P
   FIXED VOLTAGE REGULATOR (POSITIVE)
logo
Microsemi Corporation
SG7800A MICROSEMI-SG7800A_1 Datasheet
312Kb / 7P
   POSITIVE FIXED VOLTAGE REGULATOR
SG78XXA MICROSEMI-SG78XXA_10 Datasheet
420Kb / 8P
   Positive Fixed Voltage Regulator
SG7824AT-883B MICROSEMI-SG7824AT-883B Datasheet
396Kb / 8P
   Positive Fixed Voltage Regulator
logo
List of Unclassifed Man...
TS7800 ETC-TS7800 Datasheet
258Kb / 9P
   3-Terminal Fixed Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com