Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SG7805ALDESC Datasheet(PDF) 1 Page - Microsemi Corporation

Part # SG7805ALDESC
Description  Positive Fixed Voltage Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

SG7805ALDESC Datasheet(HTML) 1 Page - Microsemi Corporation

  SG7805ALDESC Datasheet HTML 1Page - Microsemi Corporation SG7805ALDESC Datasheet HTML 2Page - Microsemi Corporation SG7805ALDESC Datasheet HTML 3Page - Microsemi Corporation SG7805ALDESC Datasheet HTML 4Page - Microsemi Corporation SG7805ALDESC Datasheet HTML 5Page - Microsemi Corporation SG7805ALDESC Datasheet HTML 6Page - Microsemi Corporation SG7805ALDESC Datasheet HTML 7Page - Microsemi Corporation SG7805ALDESC Datasheet HTML 8Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
SG78xxA/78xx
PRODUCT DATASHEET
Microsemi
Analog Mixed Signal Group
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 1
Copyright
© 1997
Rev. 1.5, 2010-07-13
TM
®
Positive Fixed Voltage Regulator
DESCRIPTION
The
SG78xxA/SG78xx
series
of
positive regulators offer self contained,
fixed-voltage capability with up to 1.5A of
load current and input voltage up to 50V
(SG78xxA
series
only).
These
units
feature a unique on-chip trimming system
to set the output voltages to within ±1.5%
of nominal on the SG78xxA series, ±2.0%
on the SG78xx series. The SG78xxA
versions also offer much improved line
and
load
regulation
characteristics.
Utilizing an improved bandgap reference
design, problems have been eliminated
that are normally associated with the Zener
diode references, such as drift in output
voltage and large changes in the line and
load regulation.
All
protective
features
of
thermal
shutdown, current limiting, and safe-area
control have been designed into these units
and since these regulators require only a
small
output
capacitor
for
satisfactory
performance, ease of application is assured.
Although
designed
as
fixed-voltage
regulators,
the
output
voltage
can
be
increased through the use of a simple
voltage divider. The low quiescent drain
current of the device insures good regulation
when this method is used. Product is
available in hermetically sealed TO-257
(both case grounded ‘G’ and isolated ‘IG’),
TO-3, TO-39 and LCC packages.
IMPORTANT: For the most current data, consult MICROSEMI’s website: http://www.microsemi.com
KEY FEA T URES
Output Voltage Set Internally to
±1.5% on SG78xxA
Input Voltage Range to 50V max.
on SG78xxA
Two Volt Input-Output Differential
Excellent Line and Load Regulation
Foldback Current Limiting
Thermal Overload Protection
Voltages Available: 5V, 12V, 15V
Contact Factory for Other Voltage
Options
Available in Surface Mount
Package
HIGH RELIABILITY FEATURES
- SG78xxA/78xx
Available to MIL-STD – 883, ¶ 1.2.1
MIL-M38510/10702BXA - JAN7805T
MIL-M38510/10703BXA - JAN7812T
MIL-M38510/10704BXA - JAN7815T
MIL-M38510/10706BYA - JAN7805K
MIL-M38510/10707BYA - JAN7812K
MIL-M38510/10708BYA - JAN7815K
Radiation Data Available
MSC-AMSG level "S" Processing Available
Available to DSCC
– Standard Microcircuit Drawing (SMD)
PRODUCT HIGHLIG HT
SCHEMATIC DIAGRAM
*
* For normal operation the (V
OS) sense pin must be externally connected to the load.


Similar Part No. - SG7805ALDESC

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
SG7805AL MICRO-ELECTRONICS-SG7805AL Datasheet
112Kb / 7P
   POSITIVE FIXED VOLTAGE REGULATOR
logo
List of Unclassifed Man...
SG7805AL ETC1-SG7805AL Datasheet
110Kb / 7P
   POSITIVE FIXED VOLTAGE REGULATOR
logo
Microsemi Corporation
SG7805AL-DESC MICROSEMI-SG7805AL-DESC Datasheet
312Kb / 7P
   POSITIVE FIXED VOLTAGE REGULATOR
SG7805AL/DESC MICROSEMI-SG7805AL/DESC Datasheet
96Kb / 7P
   POSITIVE FIXED VOLTAGE REGULATOR
SG7805AL/DESC MICROSEMI-SG7805AL/DESC Datasheet
312Kb / 7P
   POSITIVE FIXED VOLTAGE REGULATOR
More results

Similar Description - SG7805ALDESC

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SG7800A MICROSEMI-SG7800A Datasheet
96Kb / 7P
   POSITIVE FIXED VOLTAGE REGULATOR
logo
List of Unclassifed Man...
SG7800A ETC1-SG7800A Datasheet
110Kb / 7P
   POSITIVE FIXED VOLTAGE REGULATOR
logo
Seme LAB
IP140ME SEME-LAB-IP140ME Datasheet
336Kb / 8P
   POSITIVE FIXED VOLTAGE REGULATOR
logo
Micro Electronics
SG7815T MICRO-ELECTRONICS-SG7815T Datasheet
112Kb / 7P
   POSITIVE FIXED VOLTAGE REGULATOR
logo
Microsemi Corporation
M3851014103BEA MICROSEMI-M3851014103BEA Datasheet
312Kb / 7P
   POSITIVE FIXED VOLTAGE REGULATOR
logo
KODENSHI_AUK CORP.
IL78L05 KODENSHI-IL78L05 Datasheet
237Kb / 13P
   FIXED VOLTAGE REGULATOR (POSITIVE)
logo
Microsemi Corporation
SG7800A MICROSEMI-SG7800A_1 Datasheet
312Kb / 7P
   POSITIVE FIXED VOLTAGE REGULATOR
SG78XXA MICROSEMI-SG78XXA_10 Datasheet
420Kb / 8P
   Positive Fixed Voltage Regulator
SG7824AT-883B MICROSEMI-SG7824AT-883B Datasheet
396Kb / 8P
   Positive Fixed Voltage Regulator
logo
List of Unclassifed Man...
TS7800 ETC-TS7800 Datasheet
258Kb / 9P
   3-Terminal Fixed Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com