Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT3301N-UY-A Datasheet(PDF) 3 Page - Marktech Corporate

Part # MT3301N-UY-A
Description  ROUND LED LAMP
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

MT3301N-UY-A Datasheet(HTML) 3 Page - Marktech Corporate

  MT3301N-UY-A Datasheet HTML 1Page - Marktech Corporate MT3301N-UY-A Datasheet HTML 2Page - Marktech Corporate MT3301N-UY-A Datasheet HTML 3Page - Marktech Corporate MT3301N-UY-A Datasheet HTML 4Page - Marktech Corporate MT3301N-UY-A Datasheet HTML 5Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
VER.: 01 Date: 2013/08/02 Page: 2/
Absolute Maximum Ratings at Ta=25℃
Parameter
Symbol
Rating
Unit
Power Dissipation
PD
75
mW
Reverse Voltage
VR
5
V
D.C. Forward Current
If
30
mA
Reverse (Leakage) Current
Ir
100
μA
Peak Current(1/10Duty Cycle,0.1ms Pulse Width.)
If(Peak)
100
mA
Operating Temperature Range
Topr.
-25 to +85
Storage Temperature Range
Tstg.
-40 to +100
Soldering Temperature(1.6mm from body)
Tsol.
Dip Soldering : 260
for
5 sec.
Hand Soldering : 350
for 3 sec.
Electrostatic discharge
ESD.
6000
V
Electrical and Optical Characteristics:
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Luminous Intensity
IV
If=20mA
3000
7000
mcd
Forward Voltage
Vf
If=20mA
2.1
2.5
V
Peak Wavelength
λp
If=20mA
591
nm
Dominant Wavelength
λd
If=20mA
587
596
nm
Reverse (Leakage) Current
Ir
Vr=5V
100
µA
Viewing Angle
2θ1/2
If=20mA
30
deg
Spectrum Line Halfwidth
λ
If=20mA
15
nm
Notes:1. The datas tested by IS tester.
2. Customer’s special requirements are also welcome.
MT3301N-UY-A
3.0 mm ROUND LED
LAMP


Similar Part No. - MT3301N-UY-A

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MT3301N-UY-A MARKTECH-MT3301N-UY-A Datasheet
275Kb / 5P
   ROUND LED LAMP
MT3301N-UY-A MARKTECH-MT3301N-UY-A_15 Datasheet
275Kb / 5P
   ROUND LED LAMP
More results

Similar Description - MT3301N-UY-A

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MT3101N-UR-A MARKTECH-MT3101N-UR-A Datasheet
195Kb / 5P
   ROUND LED LAMP
MT3118-Y-A MARKTECH-MT3118-Y-A Datasheet
249Kb / 5P
   ROUND LED LAMP
MT4118-HR-A MARKTECH-MT4118-HR-A Datasheet
136Kb / 6P
   ROUND LED LAMP
MT3101N-UR-A MARKTECH-MT3101N-UR-A_15 Datasheet
195Kb / 5P
   ROUND LED LAMP
MT3203N-UG-A MARKTECH-MT3203N-UG-A_15 Datasheet
195Kb / 5P
   ROUND LED LAMP
MT4118-HR-A MARKTECH-MT4118-HR-A_15 Datasheet
136Kb / 6P
   ROUND LED LAMP
MT240-G-A MARKTECH-MT240-G-A_15 Datasheet
443Kb / 5P
   ROUND LED LAMP
MT3301N-UY-A MARKTECH-MT3301N-UY-A_15 Datasheet
275Kb / 5P
   ROUND LED LAMP
MT1403 MARKTECH-MT1403_15 Datasheet
181Kb / 5P
   ROUND LED LAMP
MT7315B-UR-A MARKTECH-MT7315B-UR-A Datasheet
136Kb / 6P
   ROUND LED LAMP
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com