Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RGP25A Datasheet(PDF) 1 Page - General Semiconductor

Part # RGP25A
Description  GLASS PASSIVATED JUNCTION FAST SWITCHING RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

RGP25A Datasheet(HTML) 1 Page - General Semiconductor

  RGP25A Datasheet HTML 1Page - General Semiconductor RGP25A Datasheet HTML 2Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
RGP25A THRU RGP25M
GLASS PASSIVATED JUNCTION FAST SWITCHING RECTIFIER
Reverse Voltage - 50 to 1000 Volts
Forward Current - 2.5 Amperes
FEATURES
♦ Plastic package has
Underwriters Laboratory
Flammability Classification 94V-0
♦ High temperature metallurgically bonded construction
♦ Glass passivated cavity-free junction
♦ 2.5 Ampere operation at TA=55°C with no thermal
runaway
♦ Typical IR less than 0.2µA
♦ Capable of meeting environmental standards of
MIL-S-19500
♦ Fast switching for high efficiency
♦ High temperature soldering guaranteed:
350°C/10 seconds, 0.375" (9.5mm) lead length,
5 lbs. (2.3kg) tension
MECHANICAL DATA
Case: JEDEC DO-201AD molded plastic over glass body
Terminals: Plated axial leads, solderable per MIL-STD-750,
Method 2026
Polarity: Color band denotes cathode end
Mounting Position: Any
Weight: 0.04 ounce, 1.12 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified.
RGP
RGP
RGP
RGP
RGP
RGP
RGP
SYMBOLS
25A
25B
25D
25G
25J
25K
25M
UNITS
Maximum repetitive peak reverse voltage
VRRM
50
100
200
400
600
800
1000
Volts
Maximum RMS voltage
VRMS
35
70
140
280
420
560
700
Volts
Maximum DC blocking voltage
VDC
50
100
200
400
600
800
1000
Volts
Maximum average forward rectified current
0.375" (9.5mm) lead length at TA=55°C
I(AV)
2.5
Amps
Peak forward surge current 8.3ms single half sine-
wave superimposed on rated load (JEDEC Method)
IFSM
100.0
Amps
Maximum instantaneous forward voltage at 2.5A
VF
1.3
Volts
Maximum DC reverse current
TA=25°C
5.0
at rated DC blocking voltage
TA=125°C
IR
200.0
µA
Maximum full load reverse current, full cycle average
0.375" (9.5mm) lead length at TA=55°C
IR
100.0
µA
Maximum reverse recovery time (NOTE 1)
trr
150
250
500
ns
Typical junction capacitance (NOTE 2)
CJ
60.0
pF
Typical thermal resistance (NOTE 3)
R
ΘJA
20.0
°C/W
Operating junction and storage temperature range
TJ, TSTG
-65 to +175
°C
NOTES:
(1) Reverse recovery test conditions: IF=0.5A, IR=1.0A, Irr=0.25A
(2) Measured at 1.0 MHz and applied reverse voltage of 4.0 Volts
(3) Thermal resistance from junction to ambient at 0.375" (9.5mm) lead length, P.C.B. mounted
4/98
0.210 (5.3)
0.190 (4.8)
DIA.
0.052 (1.32)
0.048 (1.22)
DIA.
1.0 (25.4)
MIN.
0.375 (9.5)
0.285 (7.2)
1.0 (25.4)
MIN.
DO-201AD
Dimensions in inches and (millimeters)
*Glass-plastic encapsulation technique is covered by
Patent No. 3,996,602 and brazed-lead assembly by Patent No 3,930,306
®


Similar Part No. - RGP25A

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
RGP25A FCI-RGP25A Datasheet
169Kb / 2P
   2.5 Amp FAST SWITCHING MEGARECTIFIERS
logo
Gulf Semiconductor
RGP25A GULFSEMI-RGP25A Datasheet
137Kb / 2P
   SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 3.0A
logo
Vishay Siliconix
RGP25A VISHAY-RGP25A Datasheet
75Kb / 4P
   Glass Passivated Junction Fast Switching Rectifier
Revision: 15-Mar-11
logo
Rugao Dachang Electroni...
RGP25A DACHANG-RGP25A Datasheet
119Kb / 2P
   Plastic Fast Recover Rectifiers Reverse Voltage 50 to 1000V Forward Current 2.5A
RGP25A DACHANG-RGP25A Datasheet
119Kb / 2P
   Plastic Fast Recover Rectifiers
More results

Similar Description - RGP25A

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
1N4942G GOOD-ARK-1N4942G Datasheet
156Kb / 2P
   GLASS PASSIVATED JUNCTION FAST SWITCHING RECTIFIER
FR601G GOOD-ARK-FR601G Datasheet
195Kb / 3P
   GLASS PASSIVATED JUNCTION FAST SWITCHING RECTIFIER
logo
General Semiconductor
GI810 GE-GI810 Datasheet
63Kb / 2P
   GLASS PASSIVATED JUNCTION FAST SWITCHING RECTIFIER
1N4942 GE-1N4942 Datasheet
51Kb / 2P
   GLASS PASSIVATED JUNCTION FAST SWITCHING RECTIFIER
RGP02-12E GE-RGP02-12E Datasheet
60Kb / 2P
   GLASS PASSIVATED JUNCTION FAST SWITCHING RECTIFIER
logo
Pan Jit International I...
PG100RS PANJIT-PG100RS Datasheet
57Kb / 2P
   GLASS PASSIVATED JUNCTION FAST SWITCHING RECTIFIER
logo
Vishay Siliconix
RGP20A VISHAY-RGP20A Datasheet
81Kb / 4P
   Glass Passivated Junction Fast Switching Rectifier
Revision: 15-Mar-11
RGP25A VISHAY-RGP25A Datasheet
75Kb / 4P
   Glass Passivated Junction Fast Switching Rectifier
Revision: 15-Mar-11
logo
Shenzhen Taychipst Elec...
PG200R TAYCHIPST-PG200R Datasheet
4Mb / 2P
   GLASS PASSIVATED JUNCTION FAST SWITCHING RECTIFIER
logo
Vishay Siliconix
1N4933GP VISHAY-1N4933GP Datasheet
76Kb / 4P
   Glass Passivated Junction Fast Switching Rectifier
Revision: 15-Mar-11
GI810 VISHAY-GI810 Datasheet
75Kb / 4P
   Glass Passivated Junction Fast Switching Rectifier
Revision: 15-Mar-11
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com