Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBZ5256 Datasheet(PDF) 2 Page - General Semiconductor

Part # MMBZ5256
Description  ZENER DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

MMBZ5256 Datasheet(HTML) 2 Page - General Semiconductor

  MMBZ5256 Datasheet HTML 1Page - General Semiconductor MMBZ5256 Datasheet HTML 2Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MMBZ5225
18E
3.0
20
30
1600
-0.075
50
1.0
MMBZ5226
8A
3.3
20
28
1600
-0.070
25
1.0
MMBZ5227
8B
3.6
20
24
1700
-0.065
15
1.0
MMBZ5228
8C
3.9
20
23
1900
-0.060
10
1.0
MMBZ5229
8D
4.3
20
22
2000
-0.055
5
1.0
MMBZ5230
8E
4.7
20
19
1900
±0.030
5
2.0
MMBZ5231
8F
5.1
20
17
1600
±0.030
5
2.0
MMBZ5232
8G
5.6
20
11
1600
+0.038
5
3.0
MMBZ5233
8H
6.0
20
7
1600
+0.038
5
3.5
MMBZ5234
8J
6.2
20
7
1000
+0.045
5
4.0
MMBZ5235
8K
6.8
20
5
750
+0.050
3
5.0
MMBZ5236
8L
7.5
20
6
500
+0.058
3
6.0
MMBZ5237
8M
8.2
20
8
500
+0.062
3
6.5
MMBZ5238
8N
8.7
20
8
600
+0.065
3
6.5
MMBZ5239
8P
9.1
20
10
600
+0.068
3
7.0
MMBZ5240
8Q
10
20
17
600
+0.075
3
8.0
MMBZ5241
8R
11
20
22
600
+0.076
2
8.4
MMBZ5242
8S
12
20
30
600
+0.077
1
9.1
MMBZ5243
8T
13
9.5
13
600
+0.079
0.5
9.9
MMBZ5244
8U
14
9.0
15
600
+0.082
0.1
10
MMBZ5245
8V
15
8.5
16
600
+0.082
0.1
11
MMBZ5246
8W
16
7.8
17
600
+0.083
0.1
12
MMBZ5247
8X
17
7.4
19
600
+0.084
0.1
13
MMBZ5248
8Y
18
7.0
21
600
+0.085
0.1
14
MMBZ5249
8Z
19
6.6
23
600
+0.086
0.1
14
MMBZ5250
81A
20
6.2
25
600
+0.086
0.1
15
MMBZ5251
81B
22
5.6
29
600
+0.087
0.1
17
MMBZ5252
81C
24
5.2
33
600
+0.087
0.1
18
MMBZ5253
81D
25
5.0
35
600
+0.089
0.1
19
MMBZ5254
81E
27
4.6
41
600
+0.090
0.1
21
MMBZ5255
81F
28
4.5
44
600
+0.091
0.1
21
MMBZ5256
81G
30
4.2
49
600
+0.091
0.1
23
MMBZ5257
81H
33
3.8
58
700
+0.092
0.1
25
MMBZ5258
81J
36
3.4
70
700
+0.093
0.1
27
MMBZ5259
81K
39
3.2
80
800
+0.094
0.1
30
MMBZ5260
18F
43
3.0
93
900
+0.095
0.1
33
MMBZ5261
81M
47
2.7
105
1000
+0.095
0.1
36
MMBZ5262
81N
51
2.5
125
1100
+0.096
0.1
39
MMBZ5263
81P
56
2.2
150
1300
+0.096
0.1
43
MMBZ5264
81Q
60
2.1
170
1400
+0.097
0.1
46
MMBZ5265
81R
62
2.0
185
1400
+0.097
0.1
47
MMBZ5266
81S
68
1.8
230
1600
+0.097
0.1
52
MMBZ5267
81T
75
1.7
270
1700
+0.098
0.1
56
MMBZ5225 THRU MMBZ5267
ELECTRICAL CHARACTERISTICS
Type
Marking
Code
Nominal
Zener
voltage(3)
at
IZT
VZ(V)
Test
current
IZT(mA)
Maximum Zener
impedance(2)
Typical
temperture
coefficient
αVZ (%/K)
Maximum
reverse leakage current
Test Voltage
IR
VR
(
µA)
(Volts)
at
IZT
ZZT(
Ω)
at
IZK = 0.25 mA
ZZK(
Ω)
NOTES:
(1) The Zener Impedance is derived from the 1kHZ AC voltage which results when an AC current having an
RMS value equal to 10% of the Zener current (IZT or IZK) is superimposed on IZT or IZK.
Zener Impedance is measured at two points to insure a sharp knee on the breakdown curve
and to eliminate unstable units.
(2) Valid provided that leads at a distance of 10 mm from case are kept at ambient temperature.
(3) Measured with a pulse test current.
Ratings at 25°C ambient temperature unless otherwise specified.


Similar Part No. - MMBZ5256

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
MMBZ5256 JGD-MMBZ5256 Datasheet
96Kb / 1P
   SURFACE MOUNT ZENER DIODES/SOT-23
logo
Vishay Siliconix
MMBZ5256 VISHAY-MMBZ5256 Datasheet
89Kb / 4P
   Small Signal Zener Diodes
Rev. 1.8, 08-Nov-16
MMBZ5256-G VISHAY-MMBZ5256-G Datasheet
95Kb / 4P
   Small Signal Zener Diodes
Rev. 1.3, 11-Feb-13
MMBZ5256-V VISHAY-MMBZ5256-V Datasheet
107Kb / 6P
   Small Signal Zener Diodes
Rev. 1.4, 21-Oct-05
MMBZ5256-V-G VISHAY-MMBZ5256-V-G Datasheet
88Kb / 4P
   Small Signal Zener Diodes
Rev. 1.2, 24-Nov-11
More results

Similar Description - MMBZ5256

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
1SMA5914 KEXIN-1SMA5914 Datasheet
1Mb / 4P
   Zener Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com