Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC121S625CIMM Datasheet(PDF) 2 Page - Texas Instruments

Part # ADC121S625CIMM
Description  ADC121S625 12-Bit, 50 ksps to 200 ksps, Differential Input, Micro Power Sampling A/D Converter
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC121S625CIMM Datasheet(HTML) 2 Page - Texas Instruments

  ADC121S625CIMM Datasheet HTML 1Page - Texas Instruments ADC121S625CIMM Datasheet HTML 2Page - Texas Instruments ADC121S625CIMM Datasheet HTML 3Page - Texas Instruments ADC121S625CIMM Datasheet HTML 4Page - Texas Instruments ADC121S625CIMM Datasheet HTML 5Page - Texas Instruments ADC121S625CIMM Datasheet HTML 6Page - Texas Instruments ADC121S625CIMM Datasheet HTML 7Page - Texas Instruments ADC121S625CIMM Datasheet HTML 8Page - Texas Instruments ADC121S625CIMM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
SAR
CONTROL
SERIAL
INTERFACE
COMPARATOR
S/H
CDAC
+IN
-IN
VREF
ADC121S625
SNAS294B – MAY 2005 – REVISED MARCH 2013
www.ti.com
Block Diagram
PIN DESCRIPTIONS AND EQUIVALENT CIRCUITS
Pin No.
Symbol
DESCRIPTION
1
VREF
Reference Voltage input.
2
+IN
Non-inverting input.
3
−IN
Inverting input.
4
GND
Ground pin.
The ADC is in the active move when this pin is LOW and in the Power-Down Mode when this pin is HIGH.
5
CS
A conversion begins at the fall of CS.
The serial output data word is comprised of 12 bits of data. In operation the data is valid on the falling edge
6
DOUT
of SCLK. The second clock pulse after the falling edge of CS enables the serial output. After one null bit
the data is valid for the next 12 SCLK edges.
7
SCLK
Serial Clock used to control data transfer. Also serves as the conversion clock.
8
VA
Power Supply input.
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
2
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: ADC121S625


Similar Part No. - ADC121S625CIMM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC121S625CIMM NSC-ADC121S625CIMM Datasheet
1Mb / 20P
   12-Bit, 50 ksps to 200 ksps, Differential Input, Micro Power Sampling A/D Converter
logo
Texas Instruments
ADC121S625CIMM TI1-ADC121S625CIMM Datasheet
1Mb / 31P
[Old version datasheet]   12-Bit, 50 ksps to 200 ksps, Differential Input, Micro Power Sampling A/D Converter
ADC121S625CIMM/NOPB TI1-ADC121S625CIMM/NOPB Datasheet
1Mb / 31P
[Old version datasheet]   12-Bit, 50 ksps to 200 ksps, Differential Input, Micro Power Sampling A/D Converter
logo
National Semiconductor ...
ADC121S625CIMMX NSC-ADC121S625CIMMX Datasheet
1Mb / 20P
   12-Bit, 50 ksps to 200 ksps, Differential Input, Micro Power Sampling A/D Converter
logo
Texas Instruments
ADC121S625CIMMX/NOPB TI1-ADC121S625CIMMX/NOPB Datasheet
1Mb / 31P
[Old version datasheet]   12-Bit, 50 ksps to 200 ksps, Differential Input, Micro Power Sampling A/D Converter
More results

Similar Description - ADC121S625CIMM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC121S625 NSC-ADC121S625 Datasheet
1Mb / 20P
   12-Bit, 50 ksps to 200 ksps, Differential Input, Micro Power Sampling A/D Converter
logo
Texas Instruments
ADC121S625 TI1-ADC121S625_15 Datasheet
1Mb / 31P
[Old version datasheet]   12-Bit, 50 ksps to 200 ksps, Differential Input, Micro Power Sampling A/D Converter
ADC121S655 TI1-ADC121S655 Datasheet
1Mb / 31P
[Old version datasheet]   12-Bit, 200 kSPS to 500 kSPS, Differential Input, Micro Power A/D Converter
logo
National Semiconductor ...
ADC121S655 NSC-ADC121S655 Datasheet
536Kb / 22P
   12-Bit, 200 kSPS to 500 kSPS, Differential Input, Micro Power A/D Converter
logo
Texas Instruments
ADC122S625 TI1-ADC122S625_15 Datasheet
1Mb / 28P
[Old version datasheet]   Dual 12-Bit, 50 kSPS to 200 kSPS, Simultaneous Sampling A/D Converter
logo
National Semiconductor ...
ADC122S625 NSC-ADC122S625 Datasheet
496Kb / 20P
   Dual 12-Bit, 50 kSPS to 200 kSPS, Simultaneous Sampling A/D Converter
ADC141S626 NSC-ADC141S626 Datasheet
519Kb / 20P
   14-Bit, 50 kSPS to 250 kSPS, Differential Input, Micro Power A/D Converter
logo
Texas Instruments
ADC141S625 TI1-ADC141S625_14 Datasheet
1Mb / 27P
[Old version datasheet]   14-Bit, 50 kSPS to 250 kSPS, Differential Input, Micro Power A/D Converter
ADC122S625 TI1-ADC122S625_14 Datasheet
1Mb / 28P
[Old version datasheet]   ADC122S625 Dual 12-Bit, 50 kSPS to 200 kSPS, Simultaneous Sampling A/D Converter
ADC122S655 TI1-ADC122S655_15 Datasheet
1Mb / 28P
[Old version datasheet]   Dual 12-Bit, 200 kSPS to 500 kSPS, Simultaneous Sampling A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com