Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC121S625CIMM Datasheet(PDF) 11 Page - Texas Instruments

Part # ADC121S625CIMM
Description  ADC121S625 12-Bit, 50 ksps to 200 ksps, Differential Input, Micro Power Sampling A/D Converter
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC121S625CIMM Datasheet(HTML) 11 Page - Texas Instruments

Back Button ADC121S625CIMM Datasheet HTML 7Page - Texas Instruments ADC121S625CIMM Datasheet HTML 8Page - Texas Instruments ADC121S625CIMM Datasheet HTML 9Page - Texas Instruments ADC121S625CIMM Datasheet HTML 10Page - Texas Instruments ADC121S625CIMM Datasheet HTML 11Page - Texas Instruments ADC121S625CIMM Datasheet HTML 12Page - Texas Instruments ADC121S625CIMM Datasheet HTML 13Page - Texas Instruments ADC121S625CIMM Datasheet HTML 14Page - Texas Instruments ADC121S625CIMM Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
ADC121S625
www.ti.com
SNAS294B – MAY 2005 – REVISED MARCH 2013
Typical Performance Characteristics (continued)
TA = +25°C, fSAMPLE = 200 ksps, fSCLK = 3.2 MHz, fIN = 20 kHz unless otherwise stated.
DNL vs. fSCLK
INL vs. fSCLK
Figure 15.
Figure 16.
DNL vs. SCLK DUTY CYCLE
INL vs. SCLK DUTY CYCLE
Figure 17.
Figure 18.
DNL vs. TEMPERATURE
INL vs. TEMPERATURE
Figure 19.
Figure 20.
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: ADC121S625


Similar Part No. - ADC121S625CIMM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC121S625CIMM NSC-ADC121S625CIMM Datasheet
1Mb / 20P
   12-Bit, 50 ksps to 200 ksps, Differential Input, Micro Power Sampling A/D Converter
logo
Texas Instruments
ADC121S625CIMM TI1-ADC121S625CIMM Datasheet
1Mb / 31P
[Old version datasheet]   12-Bit, 50 ksps to 200 ksps, Differential Input, Micro Power Sampling A/D Converter
ADC121S625CIMM/NOPB TI1-ADC121S625CIMM/NOPB Datasheet
1Mb / 31P
[Old version datasheet]   12-Bit, 50 ksps to 200 ksps, Differential Input, Micro Power Sampling A/D Converter
logo
National Semiconductor ...
ADC121S625CIMMX NSC-ADC121S625CIMMX Datasheet
1Mb / 20P
   12-Bit, 50 ksps to 200 ksps, Differential Input, Micro Power Sampling A/D Converter
logo
Texas Instruments
ADC121S625CIMMX/NOPB TI1-ADC121S625CIMMX/NOPB Datasheet
1Mb / 31P
[Old version datasheet]   12-Bit, 50 ksps to 200 ksps, Differential Input, Micro Power Sampling A/D Converter
More results

Similar Description - ADC121S625CIMM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC121S625 NSC-ADC121S625 Datasheet
1Mb / 20P
   12-Bit, 50 ksps to 200 ksps, Differential Input, Micro Power Sampling A/D Converter
logo
Texas Instruments
ADC121S625 TI1-ADC121S625_15 Datasheet
1Mb / 31P
[Old version datasheet]   12-Bit, 50 ksps to 200 ksps, Differential Input, Micro Power Sampling A/D Converter
ADC121S655 TI1-ADC121S655 Datasheet
1Mb / 31P
[Old version datasheet]   12-Bit, 200 kSPS to 500 kSPS, Differential Input, Micro Power A/D Converter
logo
National Semiconductor ...
ADC121S655 NSC-ADC121S655 Datasheet
536Kb / 22P
   12-Bit, 200 kSPS to 500 kSPS, Differential Input, Micro Power A/D Converter
logo
Texas Instruments
ADC122S625 TI1-ADC122S625_15 Datasheet
1Mb / 28P
[Old version datasheet]   Dual 12-Bit, 50 kSPS to 200 kSPS, Simultaneous Sampling A/D Converter
logo
National Semiconductor ...
ADC122S625 NSC-ADC122S625 Datasheet
496Kb / 20P
   Dual 12-Bit, 50 kSPS to 200 kSPS, Simultaneous Sampling A/D Converter
ADC141S626 NSC-ADC141S626 Datasheet
519Kb / 20P
   14-Bit, 50 kSPS to 250 kSPS, Differential Input, Micro Power A/D Converter
logo
Texas Instruments
ADC141S625 TI1-ADC141S625_14 Datasheet
1Mb / 27P
[Old version datasheet]   14-Bit, 50 kSPS to 250 kSPS, Differential Input, Micro Power A/D Converter
ADC122S625 TI1-ADC122S625_14 Datasheet
1Mb / 28P
[Old version datasheet]   ADC122S625 Dual 12-Bit, 50 kSPS to 200 kSPS, Simultaneous Sampling A/D Converter
ADC122S655 TI1-ADC122S655_15 Datasheet
1Mb / 28P
[Old version datasheet]   Dual 12-Bit, 200 kSPS to 500 kSPS, Simultaneous Sampling A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com