Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SKY13348-374LF Datasheet(PDF) 10 Page - Skyworks Solutions Inc.

Part # SKY13348-374LF
Description  The Right Products for Your System Applications
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SKY13348-374LF Datasheet(HTML) 10 Page - Skyworks Solutions Inc.

Back Button SKY13348-374LF Datasheet HTML 6Page - Skyworks Solutions Inc. SKY13348-374LF Datasheet HTML 7Page - Skyworks Solutions Inc. SKY13348-374LF Datasheet HTML 8Page - Skyworks Solutions Inc. SKY13348-374LF Datasheet HTML 9Page - Skyworks Solutions Inc. SKY13348-374LF Datasheet HTML 10Page - Skyworks Solutions Inc. SKY13348-374LF Datasheet HTML 11Page - Skyworks Solutions Inc. SKY13348-374LF Datasheet HTML 12Page - Skyworks Solutions Inc. SKY13348-374LF Datasheet HTML 13Page - Skyworks Solutions Inc. SKY13348-374LF Datasheet HTML 14Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
10
WWW.SKYWORKSINC.COM
SynThESIzErS
Table 14. dual and Single Fractional-n Synthesizers
Part
Phase Noise
Direct
I
DD
Package
Frequency Band (MHz)
Number
Function
(dBc/Hz)
Modulation
(mA)
(mm)
450
915
2400
SKY72300-21
Dual Frac-N Synthesizer
-91
FSK, FM, GMSK
12.5
TSSOP 9.7 x 6.4
SKY72300-362
Dual Frac-N Synthesizer
-91
FSK, FM, GMSK
12.5
QFN 4 x 4
SKY72301-22
Dual Frac-N Synthesizer
-96
FSK, FM, GMSK
11
TSSOP 9.7 x 6.4
SKY72310-362LF
Single Frac-N Synthesizer
-91
FSK, FM, GMSK
12.5
QFN 4 x 4
VOlTAgE COnTrOllEd OSCIllATOrS (VCOs)
Table 15. Voltage Controlled Oscillators (VCOs)
Part
Phase Noise
Direct
I
DD
Package
Frequency Band (MHz)
Number
Function
(dBc/Hz)
Modulation
(mA)
(mm)
450
915
2400
SKY73120
CMOS VCO
-110 @ 25 kHz Offset
0
26
MCM 6 x 6
SwITChES
Table 13. SPdT (SP2T), SP3T, and dPdT rF Switches
Part
Insertion
Isolation
P
1 dB
Input IP3
Package
Frequency Band (MHz)
Number
Function
Loss (dB)
(dB)
(dBm)
(dBm)
(mm)
450
915
2400
SKY13268-344LF
SPDT Switch, Low Loss
0.3
25
30
50
SOT-666 1.5 x 1.2
SKY13309-370LF
SP3T Switch, Low Loss
0.5
25
29
QFN 2 x 2
AS179-92LF
SPDT Switch, Low Loss
0.3
25
30
48
SC-88 2.2 x 2
SKY13270-92LF
SPDT Switch, Low Loss
0.35
24
>37
56
SC-88 2.1 x 2.0
AS193-73LF
SPDT Switch, Low Loss
0.35
24
37
55
SOT-6 2.8 x 2.9
SKY13348-374LF
SPDT Switch
0.6
27
37
52
DFN 1.5 x 1.5
SKY13370-374LF
SPDT Switch
0.7
31
39
55
DFN 1.5 x 1.5
SKY13299-321LF
SPDT Switch
0.3–0.75
30–22
39
57
QFN 3 x 3
SKY13318-321LF
DPDT Switch
0.95–1.15
22–15
34
57
QFN 3 x 3
Switches, Synthesizers, Voltage Controlled Oscillators


Similar Part No. - SKY13348-374LF

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY13344-378LF SKYWORKS-SKY13344-378LF Datasheet
206Kb / 10P
   2.0-6.0 GHz GaAs SPDT Switch
SKY13345-368LF SKYWORKS-SKY13345-368LF Datasheet
528Kb / 12P
   SKY13345-368LF 0.1-3.5 GHz SP3T Switch
SKY13345-368LF SKYWORKS-SKY13345-368LF Datasheet
756Kb / 11P
   0.1 to 3.5 GHz SP3T Switch
SKY13345-368LF SKYWORKS-SKY13345-368LF_15 Datasheet
756Kb / 11P
   0.1 to 3.5 GHz SP3T Switch
SKY13347-360LF SKYWORKS-SKY13347-360LF Datasheet
845Kb / 9P
   0.5 to 4.0 GHz SPST Switch, 50 Terminated
More results

Similar Description - SKY13348-374LF

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CRT0402 BOURNS-CRT0402 Datasheet
351Kb / 6P
   Selecting the Right Resistor for Your Application
logo
Fairchild Semiconductor
AN-6609 FAIRCHILD-AN-6609 Datasheet
17Mb / 53P
   Selecting the Best JFET for Your Application
logo
List of Unclassifed Man...
2518121217Y6 ETC1-2518121217Y6 Datasheet
255Kb / 3P
   Fair-Rite Products Corp. Your Sinnal Solution
TSX10A-26057 ETC1-TSX10A-26057 Datasheet
54Kb / 1P
   For the CSR Bluetooth products
logo
Freescale Semiconductor...
IMX53CEC FREESCALE-IMX53CEC Datasheet
3Mb / 204P
   Applications Processors for Consumer Products
MCIMX6U5DVM10AB FREESCALE-MCIMX6U5DVM10AB Datasheet
2Mb / 168P
   Applications Processors for Consumer Products
logo
OKI electronic componet...
PCT-1000 OKI-PCT-1000 Datasheet
2Mb / 4P
   Create Your Own Rework System
logo
Analog Devices
MT-002 AD-MT-002 Datasheet
158Kb / 12P
   What the Nyquist Criterion Means to Your Sampled Data System Design
Rev.A, 10/08, WK
logo
List of Unclassifed Man...
VM3-01 ETC2-VM3-01 Datasheet
99Kb / 2P
   To easily integrate Contura products into your system, Carlingswitch also offers many accessories, including
logo
Freescale Semiconductor...
MCIMX25 FREESCALE-MCIMX25_10 Datasheet
1Mb / 132P
   i.MX25 Applications Processor for Automotive Products
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com