Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMS24PDH1 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # SMS24PDH1
Description  Quick mating panel and cable connectors
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SMS24PDH1 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button SMS24PDH1 Datasheet HTML 3Page - List of Unclassifed Manufacturers SMS24PDH1 Datasheet HTML 4Page - List of Unclassifed Manufacturers SMS24PDH1 Datasheet HTML 5Page - List of Unclassifed Manufacturers SMS24PDH1 Datasheet HTML 6Page - List of Unclassifed Manufacturers SMS24PDH1 Datasheet HTML 7Page - List of Unclassifed Manufacturers SMS24PDH1 Datasheet HTML 8Page - List of Unclassifed Manufacturers SMS24PDH1 Datasheet HTML 9Page - List of Unclassifed Manufacturers SMS24PDH1 Datasheet HTML 10Page - List of Unclassifed Manufacturers SMS24PDH1 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
SMS – Quick mating
Accessories for standard Quick mating connectors
Pin protection shroud for panel mount receptacle (SMS--CSB1)
When pins are inserted into the panelmount
receptacle half (SMS--R1) of the Quick
mating connector, an optional pin
protection shroud can be installed.
The shroud is mounted at the same time
as the receptacle by holding the shroud
against the mating side of the panel with
both cutouts lined up. The receptacle is
then inserted in place, trapping the shroud
between the receptacle and panel. The use
of the pin protection shroud reduces the
allowable thickness of the panel from 2.3 to
1.6 mm max.
Strain relief hoods
(SMS—H1)
Part number
Number of contact
A
B
positions
SMS2CSB1
2
19.8
SMS3CSB1
3
23.4
18.8
SMS4CSB1
4
28.4
SMS6CSB1
6
23.9
SMS9CSB1
9
29.0
SMS12CSB1
12
23.4
34.0
SMS15CSB1
15
39.1
SMS18CSB1
18
44.2
SMS24CSB1
24
28.4
SMS36CSB1
36
54.1
34.0
Discrimination pins
For discrimination pins on both standard Quick mating and Quick mating Pin Headers cable and boardmount:
See accessories section.
Separate strain relief hoods are available for all standard plugs SMS—P1.
The hoods consist of identical halves that snap into position on the plug and are secured in
place with the cable tie drawn tightly around the cabe entry collar.
Catalog numbers designate a complete hood (2 halves) SMS—H1
The cable tie is not included (TF4D – TF5D)
Two three and four position hoods are single piece units


Similar Part No. - SMS24PDH1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SMS24P1 ETC1-SMS24P1 Datasheet
507Kb / 8P
   Trim Trio Interconnection System
SMS24P3 ETC1-SMS24P3 Datasheet
507Kb / 8P
   Trim Trio Interconnection System
SMS24PH3T ETC1-SMS24PH3T Datasheet
507Kb / 8P
   Trim Trio Interconnection System
SMS24PH3TK6 ETC1-SMS24PH3TK6 Datasheet
507Kb / 8P
   Trim Trio Interconnection System
SMS24PH4T ETC1-SMS24PH4T Datasheet
507Kb / 8P
   Trim Trio Interconnection System
More results

Similar Description - SMS24PDH1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
B6252HB-NPP3G-50 ETC-B6252HB-NPP3G-50 Datasheet
5Mb / 27P
   Bayonet coupling mechanism provides quick mating and unmating
logo
ITT Industries
DPXNA ITT-DPXNA Datasheet
492Kb / 16P
   Rack and Panel Connectors
logo
Vishay Siliconix
MM22 VISHAY-MM22_08 Datasheet
261Kb / 8P
   Rack and Panel Connectors
Revision: 15-Feb-07
A20 VISHAY-A20 Datasheet
106Kb / 3P
   Rack and Panel Connectors
Revision: 08-Feb-07
MM22MM24 VISHAY-MM22MM24 Datasheet
209Kb / 6P
   Rack and Panel Connectors
Revision 22-Aug-00
logo
ITT Industries
BKAD3-A653-30001 ITT-BKAD3-A653-30001 Datasheet
2Mb / 120P
   Cannon Rack and Panel Connectors
TDPX ITT-TDPX Datasheet
353Kb / 9P
   Rack and Panel Filter Connectors
logo
Marl International Limi...
357-508-04 MARL-357-508-04 Datasheet
281Kb / 3P
   Quick-Mount Panel Mount Indicator
356-308-04 MARL-356-308-04 Datasheet
266Kb / 3P
   Quick-Mount Panel Mount Indicator
357-508-04 MARL-357-508-04 Datasheet
281Kb / 3P
   Quick-Mount Panel Mount Indicator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com