Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS8508IBDW Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # ADS8508IBDW
Description  12-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS8508IBDW Datasheet(HTML) 2 Page - Texas Instruments

  ADS8508IBDW Datasheet HTML 1Page - Texas Instruments ADS8508IBDW Datasheet HTML 2Page - Texas Instruments ADS8508IBDW Datasheet HTML 3Page - Texas Instruments ADS8508IBDW Datasheet HTML 4Page - Texas Instruments ADS8508IBDW Datasheet HTML 5Page - Texas Instruments ADS8508IBDW Datasheet HTML 6Page - Texas Instruments ADS8508IBDW Datasheet HTML 7Page - Texas Instruments ADS8508IBDW Datasheet HTML 8Page - Texas Instruments ADS8508IBDW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
ADS8508
SLAS433 – SEPTEMBER 2005
PACKAGE/ORDERING INFORMATION(1)
MINIMUM
NO
MINIMUM
SPECIFICATION
RELATIVE
PACKAGE
PACKAGE
ORDERING
TRANSPORT
PRODUCT
MISSING
SINAD
TEMPERATURE
ACCURACY
LEAD
DESIGNATOR
NUMBER
MEDIA, QTY
CODE
(dB)
RANGE
(LSB)
ADS8508IBDW
Tube, 25
ADS8508IB
±0.45
12
72
-40°C to 85°C
SO-20
DW
ADS8508IBDWR
Tape and Reel, 2000
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
over operating free-air temperature range (unless otherwise noted)(1)
ADS8508
R1IN
±25 V
R2IN
±25 V
Analog inputs
R3IN
±25 V
CAP
+VANA + 0.3 V to AGND2 - 0.3 V
REF
Indefinite short to AGND2, momentary short to VANA
DGND, AGND2
±0.3 V
VANA
6 V
Ground voltage differences
VDIG to VANA
0.3 V
VDIG
6 V
Digital inputs
-0.3 V to +VDIG + 0.3 V
Maximum junction temperature
165°C
Storage temperature range
–65°C to 150°C
Internal power dissipation
700 mW
Lead temperature (soldering, 10s)
260°C
(1)
All voltage values are with respect to network ground terminal.
At T
A = -40°C to 85°C, fs = 250 kHz, VDIG = VANA = 5 V, using internal reference and fixed resistors (See Figure 28 and
Figure 29) (unless otherwise specified)
ADS8508IB
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
Resolution
12
Bits
ANALOG INPUT
Voltage ranges(1)
Impedance(1)
Capacitance
50
pF
THROUGHPUT SPEED
Conversion cycle
Acquire and convert
4
µs
Throughput rate
250
kHz
DC ACCURACY
INL
Integral linearity error
-0.45
0.45
LSB(2)
DNL
Differential linearity error
-0.45
0.45
LSB
No missing codes
12
Bits
Transition noise(3)
0.1
LSB
(1)
±10 V, 0 V to 5 V, etc. (see Table 3)
(2)
LSB means least significant bit. For the ±10-V input range, one LSB is 4.88 mV.
(3)
Typical rms noise at worst case transitions and temperatures.
2


Similar Part No. - ADS8508IBDW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8508IBDW TI-ADS8508IBDW Datasheet
631Kb / 27P
[Old version datasheet]   12-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
ADS8508IBDWG4 TI-ADS8508IBDWG4 Datasheet
631Kb / 27P
[Old version datasheet]   12-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
ADS8508IBDWR TI-ADS8508IBDWR Datasheet
631Kb / 27P
[Old version datasheet]   12-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
ADS8508IBDWRG4 TI-ADS8508IBDWRG4 Datasheet
631Kb / 27P
[Old version datasheet]   12-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - ADS8508IBDW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8508 TI-ADS8508 Datasheet
631Kb / 27P
[Old version datasheet]   12-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS8504 BURR-BROWN-ADS8504 Datasheet
379Kb / 19P
   12-BIT 250-KSPS SAMPLING CMOS ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS8519 TI-ADS8519 Datasheet
390Kb / 25P
[Old version datasheet]   16-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
ADS8509 TI1-ADS8509_14 Datasheet
1Mb / 32P
[Old version datasheet]   16-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
ADS8509-HT TI1-ADS8509-HT Datasheet
568Kb / 29P
[Old version datasheet]   16-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS8509 BURR-BROWN-ADS8509 Datasheet
693Kb / 26P
   16-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS8515 TI1-ADS8515_14 Datasheet
573Kb / 23P
[Old version datasheet]   16-Bit 250-kSPS Sampling CMOS ANALOG-TO-DIGITAL CONVERTER
ADS8505 TI1-ADS8505_14 Datasheet
1Mb / 27P
[Old version datasheet]   16-BIT 250-KSPS SAMPLING CMOS ANALOG-TO-DIGITAL CONVERTER
ADS8515 TI-ADS8515 Datasheet
526Kb / 22P
[Old version datasheet]   16-BIT 250-KSPS SAMPLING CMOS ANALOG-TO-DIGITAL CONVERTER
ADS8505 TI-ADS8505 Datasheet
600Kb / 25P
[Old version datasheet]   16-BIT 250-KSPS SAMPLING CMOS ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com