Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS8512 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # ADS8512
Description  12-Bit, 40-kSPS, Low Power Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Serial Interface
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS8512 Datasheet(HTML) 2 Page - Texas Instruments

  ADS8512 Datasheet HTML 1Page - Texas Instruments ADS8512 Datasheet HTML 2Page - Texas Instruments ADS8512 Datasheet HTML 3Page - Texas Instruments ADS8512 Datasheet HTML 4Page - Texas Instruments ADS8512 Datasheet HTML 5Page - Texas Instruments ADS8512 Datasheet HTML 6Page - Texas Instruments ADS8512 Datasheet HTML 7Page - Texas Instruments ADS8512 Datasheet HTML 8Page - Texas Instruments ADS8512 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 34 page
background image
ABSOLUTE MAXIMUM RATINGS
(1) (2)
ELECTRICAL CHARACTERISTICS
ADS8512
SLAS485 – JUNE 2008 ...................................................................................................................................................................................................... www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
PACKAGE/ORDERING INFORMATION(1)
MINIMUM
NO
MINIMUM
SPECIFIED
INL
MISSING
SINAD
TEMPERATURE
PACKAGE-
PACKAGE
ORDERING
TRANSPORT
PRODUCT
(LSB)
CODES
(dB)
RANGE
LEAD
DESIGNATOR
NUMBER
MEDIA, QUANTITY
ADS8512IBDW
Tube, 20
ADS8512IB
±0.5
12
72
-40°C to +85°C
SO-16
DW
ADS8512IBDWR
Tape and Reel, 1000
ADS8512IDW
Tube, 20
ADS8512I
±1
12
70
-40°C to +85°C
SO-16
DW
ADS8512IDWR
Tape and Reel, 1000
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
Over operating free-air temperature range (unless otherwise noted).
PARAMETER
UNIT
R1IN
±25 V
R2IN
±25 V
Analog inputs
R3IN
±25 V
REF
VS + 0.3 V to GND – 0.3 V
GND
±0.3 V
Ground voltage differences
VS
6 V
Digital inputs
–0.3 V to VS + 0.3 V
Maximum junction temperature
+165°C
Storage temperature range
–65°C to +150°C
Internal power dissipation
700 mW
Lead temperature (soldering, 1,6 mm from case, 10 seconds)
+260°C
(1)
Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. Exposure to absolute
maximum conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to network ground terminal.
At TA = -40°C to +85°C, fS = 40 kHz, VS = 5 V, and using internal reference and fixed resistors, unless otherwise specified.
ADS8512I
ADS8512IB
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
Resolution
12
12
Bits
ANALOG INPUT
Voltage ranges
See Table 1
See Table 1
V
Impedance
See Table 1
See Table 1
k
Capacitance
45
45
pF
THROUGHPUT SPEED
Conversion time
20
20
µs
Complete cycle
Acquire and convert
25
25
µs
Throughput rate
40
40
kHz
2
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): ADS8512


Similar Part No. - ADS8512

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8512 TI-ADS8512 Datasheet
955Kb / 32P
[Old version datasheet]   12-Bit, 40-kSPS, Low Power Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Serial Interface
ADS8512IBDW TI-ADS8512IBDW Datasheet
955Kb / 32P
[Old version datasheet]   12-Bit, 40-kSPS, Low Power Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Serial Interface
ADS8512IBDWR TI-ADS8512IBDWR Datasheet
955Kb / 32P
[Old version datasheet]   12-Bit, 40-kSPS, Low Power Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Serial Interface
ADS8512IDW TI-ADS8512IDW Datasheet
955Kb / 32P
[Old version datasheet]   12-Bit, 40-kSPS, Low Power Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Serial Interface
ADS8512IDWR TI-ADS8512IDWR Datasheet
955Kb / 32P
[Old version datasheet]   12-Bit, 40-kSPS, Low Power Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Serial Interface
More results

Similar Description - ADS8512

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8512 TI-ADS8512 Datasheet
955Kb / 32P
[Old version datasheet]   12-Bit, 40-kSPS, Low Power Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Serial Interface
logo
Burr-Brown (TI)
ADS8506 BURR-BROWN-ADS8506 Datasheet
632Kb / 28P
   12-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
logo
Texas Instruments
ADS8506 TI1-ADS8506 Datasheet
1Mb / 35P
[Old version datasheet]   12-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
ADS8507 TI-ADS8507 Datasheet
911Kb / 32P
[Old version datasheet]   16-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
logo
Burr-Brown (TI)
ADS8507 BURR-BROWN-ADS8507 Datasheet
935Kb / 32P
   16-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
logo
Texas Instruments
ADS8513 TI-ADS8513 Datasheet
430Kb / 24P
[Old version datasheet]   16-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
ADS8517 TI1-ADS8517_14 Datasheet
1Mb / 42P
[Old version datasheet]   16-Bit, 200-kSPS, Low-Power, Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Parallel/Serial Interface
ADS8517 TI-ADS8517 Datasheet
800Kb / 34P
[Old version datasheet]   16-Bit, 200-kSPS, Low-Power, Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Parallel/Serial Interface
ADS8513 TI1-ADS8513_14 Datasheet
1Mb / 34P
[Old version datasheet]   16-Bit, 40kSPS, Low-Power Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Parallel/Serial Interface
TLV2556-EP TI-TLV2556-EP Datasheet
709Kb / 37P
[Old version datasheet]   12-BIT 200-KSPS 11-CHANNEL LOW-POWER SERIAL ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com