Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS8512IBDWR Datasheet(PDF) 6 Page - Texas Instruments

Part # ADS8512IBDWR
Description  12-Bit, 40-kSPS, Low Power Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Serial Interface
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS8512IBDWR Datasheet(HTML) 6 Page - Texas Instruments

Back Button ADS8512IBDWR Datasheet HTML 2Page - Texas Instruments ADS8512IBDWR Datasheet HTML 3Page - Texas Instruments ADS8512IBDWR Datasheet HTML 4Page - Texas Instruments ADS8512IBDWR Datasheet HTML 5Page - Texas Instruments ADS8512IBDWR Datasheet HTML 6Page - Texas Instruments ADS8512IBDWR Datasheet HTML 7Page - Texas Instruments ADS8512IBDWR Datasheet HTML 8Page - Texas Instruments ADS8512IBDWR Datasheet HTML 9Page - Texas Instruments ADS8512IBDWR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
TYPICAL CHARACTERISTICS
0
16384
0
FFF
000
001
BipolarRange,
V
=0Vin±10V
IN
2.48
2.49
2.5
2.51
2.52
-45
-25
-5
15
35
55
75
95
115
T -Free AirTemperature- C
A
°
4
4.5
5
5.5
6
-45
-25
-5
15
35
55
75
95
115
T -Free AirTemperature- C
A
°
4
4.5
5
5.5
6
10
20
30
40
f -SamplingFrequency-kHz
S
-6
-3
0
3
6
9
-45
-25
-5
15
35
55
75
95
115
T -Free AirTemperature- C
A
°
-10Vto10V
-0.5
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0.5
-45
-25
-5
15
35
55
75
95
115
T -Free AirTemperature- C
A
°
-10Vto10V
-0.5
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0.5
-45
-25
-5
15
35
55
75
95
115
T -Free AirTemperature- C
A
°
-10Vto10V
-5
-4
-3
-2
-1
0
1
2
3
4
5
-45
-25
-5
15
35
55
75
95
115
T -Free AirTemperature- C
A
°
-5Vto5V
-0.2
-0.15
-0.1
-0.05
0
0.05
0.1
0.15
0.2
-45
-25
-5
15
35
55
75
95
115
T -Free AirTemperature- C
A
°
-5Vto5V
ADS8512
SLAS485 – JUNE 2008 ...................................................................................................................................................................................................... www.ti.com
POWER-SUPPLY CURRENT
INTERNAL REFERENCE VOLTAGE
vs
vs
HISTOGRAM
FREE-AIR TEMPERATURE
FREE-AIR TEMPERATURE
Figure 1.
Figure 2.
Figure 3.
BIPOLAR POSITIVE FULL-SCALE
POWER-SUPPLY CURRENT
BIPOLAR OFFSET ERROR
ERROR
vs
vs
vs
SAMPLING FREQUENCY
FREE-AIR TEMPERATURE
FREE-AIR TEMPERATURE
Figure 4.
Figure 5.
Figure 6.
BIPOLAR NEGATIVE FULL-SCALE
BIPOLAR POSITIVE FULL-SCALE
ERROR
BIPOLAR OFFSET ERROR
ERROR
vs
vs
vs
FREE-AIR TEMPERATURE
FREE-AIR TEMPERATURE
FREE-AIR TEMPERATURE
Figure 7.
Figure 8.
Figure 9.
6
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): ADS8512


Similar Part No. - ADS8512IBDWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8512IBDWR TI-ADS8512IBDWR Datasheet
955Kb / 32P
[Old version datasheet]   12-Bit, 40-kSPS, Low Power Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Serial Interface
More results

Similar Description - ADS8512IBDWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8512 TI-ADS8512 Datasheet
955Kb / 32P
[Old version datasheet]   12-Bit, 40-kSPS, Low Power Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Serial Interface
logo
Burr-Brown (TI)
ADS8506 BURR-BROWN-ADS8506 Datasheet
632Kb / 28P
   12-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
logo
Texas Instruments
ADS8506 TI1-ADS8506 Datasheet
1Mb / 35P
[Old version datasheet]   12-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
ADS8507 TI-ADS8507 Datasheet
911Kb / 32P
[Old version datasheet]   16-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
logo
Burr-Brown (TI)
ADS8507 BURR-BROWN-ADS8507 Datasheet
935Kb / 32P
   16-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
logo
Texas Instruments
ADS8513 TI-ADS8513 Datasheet
430Kb / 24P
[Old version datasheet]   16-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
ADS8517 TI1-ADS8517_14 Datasheet
1Mb / 42P
[Old version datasheet]   16-Bit, 200-kSPS, Low-Power, Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Parallel/Serial Interface
ADS8517 TI-ADS8517 Datasheet
800Kb / 34P
[Old version datasheet]   16-Bit, 200-kSPS, Low-Power, Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Parallel/Serial Interface
ADS8513 TI1-ADS8513_14 Datasheet
1Mb / 34P
[Old version datasheet]   16-Bit, 40kSPS, Low-Power Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Parallel/Serial Interface
TLV2556-EP TI-TLV2556-EP Datasheet
709Kb / 37P
[Old version datasheet]   12-BIT 200-KSPS 11-CHANNEL LOW-POWER SERIAL ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com