Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS8519 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # ADS8519
Description  16-Bit, 250kSPS, Serial, CMOS, Sampling ANALOG-TO-DIGITAL CONVERTER
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS8519 Datasheet(HTML) 8 Page - Texas Instruments

Back Button ADS8519 Datasheet HTML 4Page - Texas Instruments ADS8519 Datasheet HTML 5Page - Texas Instruments ADS8519 Datasheet HTML 6Page - Texas Instruments ADS8519 Datasheet HTML 7Page - Texas Instruments ADS8519 Datasheet HTML 8Page - Texas Instruments ADS8519 Datasheet HTML 9Page - Texas Instruments ADS8519 Datasheet HTML 10Page - Texas Instruments ADS8519 Datasheet HTML 11Page - Texas Instruments ADS8519 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
R/C
BUSY
STATUS
(N+1)th Accquisition
(N+1)th Conversion
Error
Correction
Nth Conversion
Error
Correction
Internal
DATACLK
(N−1)th Conversion Data
DATA
Nth Conversion Data
(N+2)th Accquisition
1
2
16
2
16
D15
D0
D15
D0
TAG = 0
TAG = 0
TAG = 0
8 starts READ
CS, EXT/INT, and TAG are tied low
tw1
td1
tw2
td3
td11
td2
td3
tw1
td1
tw2
td11
td2
tconv
tacq
tconv
tacq
td4
td4
tc1
td5
td6
1
BUSY
STATUS
(N+1)th Accquisition
(N+1)th Conversion
Error
Correction
Nth Conversion
Error
Correction
External
DATACLK
DATA
Nth Data
(N+1)th Data
(N+2)th Accquisition
TAG = 0
No more
data to
shift out
No more
data to
shift out
TAG = 0
TAG = 0
TAG = 0
TAG = 0
R/C
EXT/INT tied high, CS and TAG are tied low
tw1 + tsu1 starts READ
tw1
tw1
td1
tw2
td1
tw2
td3
td11
td2
td3
td11
td2
tsu1
tconv
tacq
tconv
tacq
tsu3
tsu1
tsu3
1
16
1
2
16
1
16
1
2
16
ADS8519
SLAS462D – JUNE 2007 – REVISED SEPTEMBER 2010
www.ti.com
TIMING DIAGRAMS (continued)
Figure 2. Basic Conversion Timing: Internal DATACLK (Read Previous Data During Conversion)
Figure 3. Basic Conversion Timing: External DATACLK
8
Submit Documentation Feedback
Copyright © 2007–2010, Texas Instruments Incorporated
Product Folder Link(s): ADS8519


Similar Part No. - ADS8519

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8519 TI-ADS8519 Datasheet
390Kb / 25P
[Old version datasheet]   16-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
ADS8519I TI-ADS8519I Datasheet
390Kb / 25P
[Old version datasheet]   16-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
ADS8519I TI-ADS8519I Datasheet
614Kb / 27P
[Old version datasheet]   16-Bit, 250kSPS, Serial, CMOS, Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8519IB TI-ADS8519IB Datasheet
390Kb / 25P
[Old version datasheet]   16-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
ADS8519IB TI-ADS8519IB Datasheet
614Kb / 27P
[Old version datasheet]   16-Bit, 250kSPS, Serial, CMOS, Sampling ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - ADS8519

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8519 TI-ADS8519_08 Datasheet
614Kb / 27P
[Old version datasheet]   16-Bit, 250kSPS, Serial, CMOS, Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7809 BURR-BROWN-ADS7809 Datasheet
248Kb / 10P
   16-Bit 10ms Serial CMOS Sampling ANALOG-to-DIGITAL CONVERTER
logo
Texas Instruments
ADS8519 TI-ADS8519 Datasheet
390Kb / 25P
[Old version datasheet]   16-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
ADS8509-HT TI1-ADS8509-HT Datasheet
568Kb / 29P
[Old version datasheet]   16-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
ADS8509 TI1-ADS8509_14 Datasheet
1Mb / 32P
[Old version datasheet]   16-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS8509 BURR-BROWN-ADS8509 Datasheet
693Kb / 26P
   16-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
ADS7811 BURR-BROWN-ADS7811 Datasheet
186Kb / 9P
   16-Bit 250kHz Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7815 BURR-BROWN-ADS7815 Datasheet
140Kb / 8P
   16-Bit 250kHz Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7821 BURR-BROWN-ADS7821 Datasheet
280Kb / 10P
   16-Bit 10ms Sampling CMOS ANALOG-to-DIGITAL CONVERTER
logo
Texas Instruments
ADS7809U-1K TI1-ADS7809U-1K Datasheet
867Kb / 19P
[Old version datasheet]   16-Bit 10關s Serial CMOS Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com