Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMV1255-011LF Datasheet(PDF) 9 Page - Skyworks Solutions Inc.

Part # SMV1255-011LF
Description  The Right Products for Your System Applications
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SMV1255-011LF Datasheet(HTML) 9 Page - Skyworks Solutions Inc.

Back Button SMV1255-011LF Datasheet HTML 5Page - Skyworks Solutions Inc. SMV1255-011LF Datasheet HTML 6Page - Skyworks Solutions Inc. SMV1255-011LF Datasheet HTML 7Page - Skyworks Solutions Inc. SMV1255-011LF Datasheet HTML 8Page - Skyworks Solutions Inc. SMV1255-011LF Datasheet HTML 9Page - Skyworks Solutions Inc. SMV1255-011LF Datasheet HTML 10Page - Skyworks Solutions Inc. SMV1255-011LF Datasheet HTML 11Page - Skyworks Solutions Inc. SMV1255-011LF Datasheet HTML 12Page - Skyworks Solutions Inc. SMV1255-011LF Datasheet HTML 13Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
WWW.SKYWORKSINC.COM
9
Power Management
Display and Lighting (Continued)
Table 11. Over Voltage Protection
Part
Number
Number
of Channels
Enable
Fault Flag
I
LIM
typ. R
DS(ON)
(mΩ)
V
IN
(V)
typ. I
Q
(µA)
Package
(mm)
AAT4684
1
Yes
Yes
1.8 A
100
3.0–14.0
30
TSOPJW 12L
3.0 x 2.85 x 1.02
AAT4686
1
Yes
Yes
N/A
N/A
3.0–14.0
30
SC70JW 8L
2.0 x 2.1 x 1.05
AAT4687
1
Yes
Yes
N/A
130
3.0–14.0
30
SC70JW 10L
2.0 x 2.0 x 1.1
Port Protection and Power Distribution
Table 12. Slew rate Controlled
Part
Number
Number
of
Channels
Enable
turn On Rise
time
(t
R)
typ. R
DS(ON)
(mΩ)
V
IN
(V)
typ. I
Q
(µA)
Package
(mm)
AAT4250
1
Yes
1.5 ms
120
1.8–5.5
2
SOT-23 5L, (SOT25)
2.85 x 2.80 x 1.20
SC70JW 8L
2.0 x 2.1 x 1.05
AAT4280
1
Yes
0.5 µs
0.1 ms
1.0 ms
80
1.8–5.5
2
SOT-23 6L
2.85 x 2.80 x 1.20
SC70JW8L
2.2 x 2.0 x 1.05
AAT4282A
2
Yes
0.5 µs
0.1 ms
1.0 ms
60
1.5–6.5
1
FTDFN22-8
2.0 x 2.0 x 0.75
SC70JW 8L
2.2 x 2.0 x 1.05
AAT4282B
2
Yes
0.065 ms
0.75 ms
67
1.5–6.5
0.04
TDFN22-8
2.0 x 2.0 x 0.75
POwEr MAnAgEMEnT (COnTInuEd)


Similar Part No. - SMV1255-011LF

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SMV1255-011LF SKYWORKS-SMV1255-011LF Datasheet
82Kb / 6P
   Hyperabrupt Tuning Varactors
SMV1255-011LF SKYWORKS-SMV1255-011LF Datasheet
940Kb / 11P
   Hyperabrupt Junction Tuning Varactors
More results

Similar Description - SMV1255-011LF

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CRT0402 BOURNS-CRT0402 Datasheet
351Kb / 6P
   Selecting the Right Resistor for Your Application
logo
Fairchild Semiconductor
AN-6609 FAIRCHILD-AN-6609 Datasheet
17Mb / 53P
   Selecting the Best JFET for Your Application
logo
List of Unclassifed Man...
2518121217Y6 ETC1-2518121217Y6 Datasheet
255Kb / 3P
   Fair-Rite Products Corp. Your Sinnal Solution
TSX10A-26057 ETC1-TSX10A-26057 Datasheet
54Kb / 1P
   For the CSR Bluetooth products
logo
Freescale Semiconductor...
IMX53CEC FREESCALE-IMX53CEC Datasheet
3Mb / 204P
   Applications Processors for Consumer Products
MCIMX6U5DVM10AB FREESCALE-MCIMX6U5DVM10AB Datasheet
2Mb / 168P
   Applications Processors for Consumer Products
logo
OKI electronic componet...
PCT-1000 OKI-PCT-1000 Datasheet
2Mb / 4P
   Create Your Own Rework System
logo
Analog Devices
MT-002 AD-MT-002 Datasheet
158Kb / 12P
   What the Nyquist Criterion Means to Your Sampled Data System Design
Rev.A, 10/08, WK
logo
List of Unclassifed Man...
VM3-01 ETC2-VM3-01 Datasheet
99Kb / 2P
   To easily integrate Contura products into your system, Carlingswitch also offers many accessories, including
logo
Freescale Semiconductor...
MCIMX25 FREESCALE-MCIMX25_10 Datasheet
1Mb / 132P
   i.MX25 Applications Processor for Automotive Products
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com