Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS8519IDB Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # ADS8519IDB
Description  16-Bit, 250kSPS, Serial, CMOS, Sampling ANALOG-TO-DIGITAL CONVERTER
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS8519IDB Datasheet(HTML) 2 Page - Texas Instruments

  ADS8519IDB Datasheet HTML 1Page - Texas Instruments ADS8519IDB Datasheet HTML 2Page - Texas Instruments ADS8519IDB Datasheet HTML 3Page - Texas Instruments ADS8519IDB Datasheet HTML 4Page - Texas Instruments ADS8519IDB Datasheet HTML 5Page - Texas Instruments ADS8519IDB Datasheet HTML 6Page - Texas Instruments ADS8519IDB Datasheet HTML 7Page - Texas Instruments ADS8519IDB Datasheet HTML 8Page - Texas Instruments ADS8519IDB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
ADS8519
SLAS462D – JUNE 2007 – REVISED SEPTEMBER 2010
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
PACKAGE/ORDERING INFORMATION(1)
MINIMUM
NO
MINIMUM
SPECIFIED
INL
MISSING
SINAD
TEMPERATURE
PACKAGE-
PACKAGE
ORDERING
TRANSPORT
PRODUCT
(LSB)
CODES
(dB)
RANGE
LEAD
DESIGNATOR
NUMBER
MEDIA, QTY
ADS8519IBDB
Tube, 50
ADS8519IB
±1.5
16-Bit
90
–40°C to +85°C
SSOP-28
DB
ADS8519IBDBR
Tape and Reel, 2000
ADS8519IDB
Tube, 50
ADS8519I
±3
15-Bit
87
–40°C to +85°C
SSOP-28
DB
ADS8519IDBR
Tape and Reel, 2000
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
ABSOLUTE MAXIMUM RATINGS
(1) (2)
Over operating free-air temperature range (unless otherwise noted).
UNIT
R1IN
±25V
R2IN
±25V
Analog inputs
R3IN
±25V
REF
+VANA + 0.3V to AGND2 – 0.3V
DGND, AGND2
±0.3V
Ground voltage differences
VANA
6V
VDIG
6V
Digital inputs
–0.3V to +VDIG + 0.3V
Internal power dissipation
700mW
Maximum junction temperature
+165°C
Lead temperature (soldering, 10s)
+300°C
(1)
Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. Exposure to absolute
maximum conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to network ground terminal.
ELECTRICAL CHARACTERISTICS
At TA = –40°C to +85°C, fs = 250kSPS, and VDIG = VANA = 5V, using internal reference (unless otherwise specified).
ADS8519I
ADS8519IB
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
Resolution
16
16
Bits
ANALOG INPUT
Voltage ranges(1)
Impedance(1)
Capacitance
50
50
pF
THROUGHPUT SPEED
Conversion cycle time
Acquire and convert
4
4
ms
Throughput rate
250
250
kSPS
(1)
±10V, ±5V, 0V to 8.192V, etc. (see Table 2)
2
Submit Documentation Feedback
Copyright © 2007–2010, Texas Instruments Incorporated
Product Folder Link(s): ADS8519


Similar Part No. - ADS8519IDB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8519IDB TI-ADS8519IDB Datasheet
390Kb / 25P
[Old version datasheet]   16-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
ADS8519IDB TI-ADS8519IDB Datasheet
614Kb / 27P
[Old version datasheet]   16-Bit, 250kSPS, Serial, CMOS, Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8519IDBG4 TI-ADS8519IDBG4 Datasheet
614Kb / 27P
[Old version datasheet]   16-Bit, 250kSPS, Serial, CMOS, Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8519IDBR TI-ADS8519IDBR Datasheet
390Kb / 25P
[Old version datasheet]   16-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
ADS8519IDBR TI-ADS8519IDBR Datasheet
614Kb / 27P
[Old version datasheet]   16-Bit, 250kSPS, Serial, CMOS, Sampling ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - ADS8519IDB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8519 TI-ADS8519_08 Datasheet
614Kb / 27P
[Old version datasheet]   16-Bit, 250kSPS, Serial, CMOS, Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7809 BURR-BROWN-ADS7809 Datasheet
248Kb / 10P
   16-Bit 10ms Serial CMOS Sampling ANALOG-to-DIGITAL CONVERTER
logo
Texas Instruments
ADS8519 TI-ADS8519 Datasheet
390Kb / 25P
[Old version datasheet]   16-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
ADS8509-HT TI1-ADS8509-HT Datasheet
568Kb / 29P
[Old version datasheet]   16-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
ADS8509 TI1-ADS8509_14 Datasheet
1Mb / 32P
[Old version datasheet]   16-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS8509 BURR-BROWN-ADS8509 Datasheet
693Kb / 26P
   16-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
ADS7811 BURR-BROWN-ADS7811 Datasheet
186Kb / 9P
   16-Bit 250kHz Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7815 BURR-BROWN-ADS7815 Datasheet
140Kb / 8P
   16-Bit 250kHz Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7821 BURR-BROWN-ADS7821 Datasheet
280Kb / 10P
   16-Bit 10ms Sampling CMOS ANALOG-to-DIGITAL CONVERTER
logo
Texas Instruments
ADS7809U-1K TI1-ADS7809U-1K Datasheet
867Kb / 19P
[Old version datasheet]   16-Bit 10關s Serial CMOS Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com