Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMS18GE4 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # SMS18GE4
Description  Quick mating panel and cable connectors
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SMS18GE4 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button SMS18GE4 Datasheet HTML 5Page - List of Unclassifed Manufacturers SMS18GE4 Datasheet HTML 6Page - List of Unclassifed Manufacturers SMS18GE4 Datasheet HTML 7Page - List of Unclassifed Manufacturers SMS18GE4 Datasheet HTML 8Page - List of Unclassifed Manufacturers SMS18GE4 Datasheet HTML 9Page - List of Unclassifed Manufacturers SMS18GE4 Datasheet HTML 10Page - List of Unclassifed Manufacturers SMS18GE4 Datasheet HTML 11Page - List of Unclassifed Manufacturers SMS18GE4 Datasheet HTML 12Page - List of Unclassifed Manufacturers SMS18GE4 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
SMS – Boardmount Quick mating
Quick mating
PC-boardmount
connectors
Description
These PC boardmount connectors enable
Quick mating and preassembled TRIM TRIO
contacts to be PC board mounted, using
conventional solder production techniques.
They will then mate and latch with the
standard Quick mating plugs.
Straight boardmount Quick mating is
available
in 10 insert arrangements from 2 to 36
positions.
Right-angled boardmount Quick mating is
available in 3, 6, 12 and 18 positions.
All boardmount connectors are supplied
fully loaded with pin or socket contacts,
either in solid machined or stamped and
formed contacts.
Stamped and formed contact have
selective tin plating on the solder tails, thus
eliminating flux operations.
Features and benefits
• Straight versions available in 10 contact
arrangements from 2 to 36 positions
• Right-angled versions available in 3, 6, 12
and 18 positions.
• All versions are available with:
- Pin or socket contacts
- Stamped and formed or solid machined
contacts.
• Some boardmount connectors have
discrimination cavities in between contact
cavities, thus offering discrimination
without contact loss.
• UL recognized File Nr.: E238675
Performance characteristics
Operating
temperature:
-55°C to +125°C
Insulation
resistance:
5000 MΩ min.
Test potential:
2000 VAC
Current rating:
5 Amp for stamped
contacts
7.5 Amp for machined
contacts
Durability:
500 matings and
unmatings.
Construction
Connector body:
Glass filled thermoplast
UL94-V0
Contacts: High conductive copper alloy
Plating table
Plating for solid machined contacts:
No digit (std)
= Min. 0.4µ Gold all over,
over Nickel.
T = 3 - 5µ Tin all over
Plating for Stamped and formed contacts :
K9 (std)
= Min. 0.4µ Gold in contact
area, 3 - 5µ Tin on solder tail.
T = 3 - 5µ Tin all over
Intermateability
• “SMS” Quick mating boardmount
connectors with preassembled TRIM
TRIO size 16 boarmount contacts are
intermateable only with the “SMS” Quick
mating cable plug connectors equipped
with TRIM TRIO crimp type removable
snap-lock contacts (see contact section)
How to order
SMS
SMS
3
3
GE
SE
12
12
K9
Connector family
Contact arrangement
Contact type:
GE:
Solid machined contacts
SE:
Stamped and formed contacts
Design variation:
3:
Straight boardmount with female contacts
4:
Straight boardmount with male contacts
5:
Right angle boardmount with female contacts
6:
Right angle boardmount with male contacts
Plating indication


Similar Part No. - SMS18GE4

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SMS18GE4 ETC2-SMS18GE4 Datasheet
223Kb / 4P
   Boardmount Qikmate
SMS18GE4D70 ETC1-SMS18GE4D70 Datasheet
507Kb / 8P
   Trim Trio Interconnection System
SMS18GE4J ETC1-SMS18GE4J Datasheet
507Kb / 8P
   Trim Trio Interconnection System
More results

Similar Description - SMS18GE4

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
B6252HB-NPP3G-50 ETC-B6252HB-NPP3G-50 Datasheet
5Mb / 27P
   Bayonet coupling mechanism provides quick mating and unmating
logo
ITT Industries
DPXNA ITT-DPXNA Datasheet
492Kb / 16P
   Rack and Panel Connectors
logo
Vishay Siliconix
MM22 VISHAY-MM22_08 Datasheet
261Kb / 8P
   Rack and Panel Connectors
Revision: 15-Feb-07
A20 VISHAY-A20 Datasheet
106Kb / 3P
   Rack and Panel Connectors
Revision: 08-Feb-07
MM22MM24 VISHAY-MM22MM24 Datasheet
209Kb / 6P
   Rack and Panel Connectors
Revision 22-Aug-00
logo
ITT Industries
BKAD3-A653-30001 ITT-BKAD3-A653-30001 Datasheet
2Mb / 120P
   Cannon Rack and Panel Connectors
TDPX ITT-TDPX Datasheet
353Kb / 9P
   Rack and Panel Filter Connectors
logo
Marl International Limi...
357-508-04 MARL-357-508-04 Datasheet
281Kb / 3P
   Quick-Mount Panel Mount Indicator
356-308-04 MARL-356-308-04 Datasheet
266Kb / 3P
   Quick-Mount Panel Mount Indicator
357-508-04 MARL-357-508-04 Datasheet
281Kb / 3P
   Quick-Mount Panel Mount Indicator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com