Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPU-1484 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # CPU-1484
Description  PC/104-Plus compliant Intel짰 Pentium짰 M 1.4GHz, 2MB L2 cache 400MHz FSB
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CPU-1484 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  CPU-1484 Datasheet HTML 1Page - List of Unclassifed Manufacturers CPU-1484 Datasheet HTML 2Page - List of Unclassifed Manufacturers CPU-1484 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
CPU-1484
Embedded Enhanced BIOS
EUROTECH Inc
e-mail: sales-us@eurotech.com
tel: +1 301.490.4007
toll free: +1 888.941.2224
EUROTECH UK
e-mail: sales-uk@eurotech.com
tel: +44 (0) 1223 403.410
EUROTECH Italy
e-mail: sales-it@eurotech.com
tel: +39 0433.485.411
EUROTECH Finland
e-mail: sales-fi@eurotech.com
tel: +358 9.477.888.0
EUROTECH France
e-mail: sales-fr@eurotech.com
tel: +33 04.72.89.00.90
Americas
Western Europe
Central & Southern Europe
Northern & Eastern Europe
www.eurotech.com
• Standard Phoenix BIOS
• Boot Watchdog Management
• Set-Up in Flash in order to avoid Set-Up corruption in field
• Remote console redirection: allows a system with no keyboard
and no video hardware to transmit video and keyboard data to a
host system via the serial port
• Etherboot support: allows the system to boot up from a LAN
connection for diskless operation
Power Management
• Temperature monitor with hardware thermal management circuit
• Power fail Reset (safe operation between 4.75V and 5.25V)
About Eurotech
Eurotech delivers embedded computer systems for high capability and
low power applications, networking and wearable computing solutions,
and application framework middleware for multimedia, industrial,
transportation, medical, and wireless applications. Eurotech platforms
allow OEM and enterprise customers to focus on their core revenue-
generating products and services and get to market quickly.
Physical Characteristics
DIMENSIONS
90 x 96 mm (3.6" X 3.8")
HEIGHT
18.6 mm (0.7”)
POWER SUPPLY
Single +5V DC +/- 5%
POWER CONSUMPTION
14.5 W typical
OPERATING
TEMPERATURE
0 ~ + 60 °C (standard)
-40 ~ + 85 °C (extended)
HUMIDITY
Up to 95% non-condensing
Accessories
• RJ45 Ethernet adapter
• RJ45 Gigabit Ethernet adapter
• AC97 adapter
• Digital Flat Panel LVDS receiver
• USB adapters
• Cable Set Kit
• Development Kit
Options
• Extended operating temperature range
• Custom carrier
• Conformal coating
• Custom Connectors
Note: The information in this document is subject to change without notice and should not be construed as a commitment by EUROTECH.
While reasonable precautions have been taken, EUROTECH assumes no responsibility for any error that may appear in this document.
All trademarks or registered trademarks are the properties of their respective companies.
ETH_CPU-1484_DS251108


Similar Part No. - CPU-1484

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CPU-1482 ETC2-CPU-1482 Datasheet
53Kb / 3P
   PC/104-Plus compliant Intel짰 Pentium짰 M 1.4GHz, 2MB L2 cache 400MHz FSB
More results

Similar Description - CPU-1484

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CPU-1482 ETC2-CPU-1482 Datasheet
53Kb / 3P
   PC/104-Plus compliant Intel짰 Pentium짰 M 1.4GHz, 2MB L2 cache 400MHz FSB
CPU-1474 ETC2-CPU-1474 Datasheet
53Kb / 3P
   PC/104-Plus compliant Intel짰 Celeron짰 M 1GHz, 512KB L2 cache, 400MHz FSB
CPU-1472 ETC2-CPU-1472 Datasheet
53Kb / 3P
   Intel짰 Celeron짰 M 1GHz, 512KB L2 cache, 400MHz FSB
logo
ADL Embedded Solutions
ADLL8XPC ADL-ADLL8XPC Datasheet
278Kb / 3P
   PC/104-Plus
logo
Advantech Co., Ltd.
UNO-2171 ADVANTECH-UNO-2171 Datasheet
576Kb / 1P
   Intel짰 Pentium짰 M/Celeron짰 M Fanless Box PC with 2 x LAN, 4 x COM, PC/104
logo
List of Unclassifed Man...
962-60206-03 ETC2-962-60206-03 Datasheet
191Kb / 2P
   PC/104, PC/104-Plus, VarPol connector
logo
Advantech Co., Ltd.
96MPP-2.3-3M10T ADVANTECH-96MPP-2.3-3M10T Datasheet
372Kb / 1P
   Intel짰 Pentium짰 Processor G3320TE (3M Cache, 2.30 GHz)
6-Nov.-2013
PPC-S154T ADVANTECH-PPC-S154T Datasheet
462Kb / 2P
   15 UltraSlim??Panel PC with Intel짰 Pentium짰 4/Pentium짰 M Processor
logo
List of Unclassifed Man...
PCM-9112 ETC2-PCM-9112 Datasheet
284Kb / 1P
   PC-104 Plus Modules
logo
AAEON Technology
GENE-8315W1 AAEON-GENE-8315W1 Datasheet
231Kb / 1P
   Onboard Intel짰 ULV Celeron짰 M 600 MHz 512 L2 Cache/ 1.0GHz Processor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com