Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMS3SE5K9 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SMS3SE5K9
Description  Quick mating panel and cable connectors
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SMS3SE5K9 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SMS3SE5K9 Datasheet HTML 1Page - List of Unclassifed Manufacturers SMS3SE5K9 Datasheet HTML 2Page - List of Unclassifed Manufacturers SMS3SE5K9 Datasheet HTML 3Page - List of Unclassifed Manufacturers SMS3SE5K9 Datasheet HTML 4Page - List of Unclassifed Manufacturers SMS3SE5K9 Datasheet HTML 5Page - List of Unclassifed Manufacturers SMS3SE5K9 Datasheet HTML 6Page - List of Unclassifed Manufacturers SMS3SE5K9 Datasheet HTML 7Page - List of Unclassifed Manufacturers SMS3SE5K9 Datasheet HTML 8Page - List of Unclassifed Manufacturers SMS3SE5K9 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
SMS – Quick mating
Quick mating panel
and cable
connectors
Description
The versatile “ SMS “ Quick mating panel
and cable connectors are a highly cost-
effective system approach to solving the
constant demand for more cost effective
interconnection techniques.
It is a range of multiway connectors using
N° 16 TRIM TRIO .0625” (1.6mm) diameter
contacts and available in 10 contact
arrangements from 2 to 36 positions.
Having no additional hardware, Panel
receptacle connectors snap and lock
into panel cutouts and cable plugs quick
connect and disconnect with positive
retention locks.
Cable plug connectors also feature pin-
protection skirts, positive polarisation and
can be supplied with or without integrated
strain relief hoods.
Cable receptacle connectors (only
with integrated strain relief hoods) are
developed to mate with cable plug
connectors thus offering solutions for cable
to cable applications.
Features and benefits
• Available in 10 contact arrangements.
• Self mountable panel receptacle with
positive housing retention.
• Cable plugs with retaining latches for
positive locking.
• Cable plug has pin protection skirt to
prevent damage of male contacts
• Positive polarization keys prevent
mismating.
• Cable plug and receptacle have integrated
strain relief hood which can take a wide
range of cables.
• Cable plug and receptacle have
discrimination cavities in between contact
cavities, thus offering discrimination
without contact loss.
• UL recognized File Nr.: E238675
Performance characteristics
Operating
temperature:
-55°C to +105°C
Insulation
resistance:
5000 MΩ min.
Test potential:
2000 VAC
Durability:
500 matings and
unmatings.
Construction
Material : Polyamide 6.6
Flammability rating : UL94-V2
Contact accommodation
• “SMS” Quick mating connectors accept
TRIM TRIO size 16 removable snap-lock
contacts (see contact section)
• Contacts to be ordered seperately.
How to order
SMS
SMS
12
12
PDH1
P1
Connector family
Contact arrangement
Body variation:
R1:
Panel mount receptacle
P1:
Cable plug without strain relief hood
PDH1:
Cable plug with integrated strain relief hood
RDH1:
Cable receptacle with integrated strain relief hood


Similar Part No. - SMS3SE5K9

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SMS3SE5K9 ETC2-SMS3SE5K9 Datasheet
223Kb / 4P
   Boardmount Qikmate
More results

Similar Description - SMS3SE5K9

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
B6252HB-NPP3G-50 ETC-B6252HB-NPP3G-50 Datasheet
5Mb / 27P
   Bayonet coupling mechanism provides quick mating and unmating
logo
ITT Industries
DPXNA ITT-DPXNA Datasheet
492Kb / 16P
   Rack and Panel Connectors
logo
Vishay Siliconix
MM22 VISHAY-MM22_08 Datasheet
261Kb / 8P
   Rack and Panel Connectors
Revision: 15-Feb-07
A20 VISHAY-A20 Datasheet
106Kb / 3P
   Rack and Panel Connectors
Revision: 08-Feb-07
MM22MM24 VISHAY-MM22MM24 Datasheet
209Kb / 6P
   Rack and Panel Connectors
Revision 22-Aug-00
logo
ITT Industries
BKAD3-A653-30001 ITT-BKAD3-A653-30001 Datasheet
2Mb / 120P
   Cannon Rack and Panel Connectors
TDPX ITT-TDPX Datasheet
353Kb / 9P
   Rack and Panel Filter Connectors
logo
Marl International Limi...
357-508-04 MARL-357-508-04 Datasheet
281Kb / 3P
   Quick-Mount Panel Mount Indicator
356-308-04 MARL-356-308-04 Datasheet
266Kb / 3P
   Quick-Mount Panel Mount Indicator
357-508-04 MARL-357-508-04 Datasheet
281Kb / 3P
   Quick-Mount Panel Mount Indicator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com