Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCN-1001 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # PCN-1001
Description  Optimizing customer services Optimizing use of resources Real-time service planning
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PCN-1001 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  PCN-1001 Datasheet HTML 1Page - List of Unclassifed Manufacturers PCN-1001 Datasheet HTML 2Page - List of Unclassifed Manufacturers PCN-1001 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Specifications
System Architecture
North America
sales.na@eurotech.com
Europe, Middle East and Africa
sales.emea@eurotech.com
Latin America
sales.la@eurotech.com
Asia Pacific
sales.ap@eurotech.com
For your local contact please refer to:
www.eurotech.com/contacts
PCN-1001
Note: The information in this document is subject to change without notice and should not be construed as a commitment by EUROTECH.
While reasonable precautions have been taken, EUROTECH assumes no responsibility for any error that may appear in this document.
All trademarks or registered trademarks are the properties of their respective companies.
ETH_PCN-1001_DS_02/2011
People Counter
Adjustable optical panel
APPLICATION
Automatic passenger counting solution
TECHNOLOgy
Contactless stereoscopic vision detection
INTERFACES
RS485 interface, 2+2 digital I/O, USB (service)
MECHANICAL
IP65 sealed magnesium enclosure
PSU
DC/DC 9-32VDC
STANDARDS
EN50155 class T1, 2004/104/EC
ACCESSORIES
Starter Kit, configuration software
ExTERNAL PLATE
230 x 100 x 3 mm
DIMENSIONS
PCN-1001 Frame
• Height 100 mm
• Width 230 mm
• Depth 3 mm
Required cut out
• Height 82 mm
• Width 208.5 mm
• Depth 41.5 to 70 mm
OPERATINg TEMP
-25/+55°C


Similar Part No. - PCN-1001

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
PCN-105D3 MACOM-PCN-105D3 Datasheet
173Kb / 2P
   Slim PCB Relay
PCN-105D3MHZ MACOM-PCN-105D3MHZ Datasheet
153Kb / 2P
   Slim PCB Relay PCN
PCN-105D3MHZ MACOM-PCN-105D3MHZ Datasheet
192Kb / 2P
   Slimline PCB Relay PCN
PCN-106D3 MACOM-PCN-106D3 Datasheet
173Kb / 2P
   Slim PCB Relay
PCN-106D3MHZ MACOM-PCN-106D3MHZ Datasheet
153Kb / 2P
   Slim PCB Relay PCN
More results

Similar Description - PCN-1001

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN3433 STMICROELECTRONICS-AN3433 Datasheet
653Kb / 34P
   Optimizing wakeup time and power consumption in CR95HF and STRFNFCA devices
logo
Dallas Semiconductor
DS12887 DALLAS-DS12887 Datasheet
584Kb / 19P
   Real Time Clock
DS12B887 DALLAS-DS12B887 Datasheet
102Kb / 16P
   Real Time Clock
logo
List of Unclassifed Man...
VT82885 ETC-VT82885 Datasheet
72Kb / 16P
   Real Time Clock
logo
OKI electronic componet...
MSM6782-01 OKI-MSM6782-01 Datasheet
88Kb / 17P
   REAL TIME CLOCK
logo
Golledge Electronics Lt...
RV4162C7 GOLLEDGE-RV4162C7 Datasheet
135Kb / 1P
   Real Time Clock
RV8564C2 GOLLEDGE-RV8564C2_08 Datasheet
55Kb / 1P
   Real Time Clock
logo
Epson ToYoCom
RTC-8593SA EPSONTOYOCOM-RTC-8593SA Datasheet
377Kb / 2P
   Real time clock
RTC-64613 EPSONTOYOCOM-RTC-64613 Datasheet
440Kb / 2P
   Real time clock
logo
Maxim Integrated Produc...
MAX30105ACCEVKIT MAXIM-MAX30105ACCEVKIT Datasheet
2Mb / 14P
   Real-Time Monitoring
19-8536; Rev 1; 7/16
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com