Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZ-DM Datasheet(PDF) 1 Page - HuaXinAn Electronics CO.,LTD

Part # AZ-DM
Description  High reliability in dry circuit condition
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUAXINAN [HuaXinAn Electronics CO.,LTD]
Direct Link  http://www.huaandz.com
Logo HUAXINAN - HuaXinAn Electronics CO.,LTD

AZ-DM Datasheet(HTML) 1 Page - HuaXinAn Electronics CO.,LTD

  AZ-DM Datasheet HTML 1Page - HuaXinAn Electronics CO.,LTD AZ-DM Datasheet HTML 2Page - HuaXinAn Electronics CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
AZ
Main Feature
1. High reliability in dry circuit condition.
2. 2.54mm terminal pitch employment equivalent to I.C.
Terminal.
3. Two types of coil sensitivity for design flexibility.
4. IC compatibility due to its low power consumption.
Contact Rating
Load Type
AZ (DM/LM)
AZ (D/L)
1A 120VAC
1A 120VAC
Rated Load (Resistive)
1A 24VDC
1A 24VDC
Rated Carrying Current
1A
1A
AC 120V
AC 120V
Max. Allowable Voltage
DC 60V
DC 60V
Max. Allowable Current
1A
1A
120VA
120VA
Max. Allowable Power Force
24W
24W
Min. Switching Load
DC 1V, 1mA
DC 1V, 1mA
Contact Material
Ag Alloy
Ag Alloy
Contact Form
SPST
SPDT
Application
Telecommunication, Domestic Appliances, Office Machine,
Audio Equipment, etc.
Performance (at Initial Value)
Contact Resistance .............. 100m
Ω Max. @100mA,
6VDC
Operate Time........................ 5 mSec. Max. (D Type)
10 mSec. Max. (L Type)
Release Time ....................... 4 mSec. Max.
Dielectric Strength:
Between Coil & Contact ....... 500VAC at 50/60 Hz
for one minute.
Between Contacts ................ 500VAC at 50/60 Hz
for one minute.
Surge Strength ..................... 1,000V (between coil
& contact 1.2x50
µSec.)
Insulation Resistance ........... 100 Mega
Ω Min. at
500VDC.
Max. On/Off Switching:
Electrical ............................... 30 Cycles per Minute.
Mechanical ........................... 300 Cycles per Minute.
Temperature Range .............. -30~55
°C (D Type)
-30
75
°C (L Type)
Humidity Range .................... 45~85% RH.
Coil Temperature Rise .......... 43
°C Max. (D Type)
25
°C Max. (L Type)
Vibration:
Endurance ............................ 10 to 55 Hz dual
amplitude width 1.5mm.
Error Operation ..................... 10 to 55 Hz dual
amplitude width 1.5mm.
Shock:
Endurance .......................... 500 m/S
2.
Error Operation ..................... 100 m/S
2.
Life Expectancy:
Mechanical .......................... 10
7
Operations at No
Load condition.
Electrical ............................. 10
5
Operations at Rated
Resistive Load.
Weight................................... About 3.5 g.
Safety Standard & File Number
UL & C-UL …..………………..E141060
TÜV ………..………………….R50192493


Similar Part No. - AZ-DM

ManufacturerPart #DatasheetDescription
logo
Nuvotem Talema
AZ-0500 TALEMA-AZ-0500 Datasheet
316Kb / 2P
   Flying Lead Current Transformers
AZ-0750 TALEMA-AZ-0750 Datasheet
316Kb / 2P
   Flying Lead Current Transformers
AZ-1000 TALEMA-AZ-1000 Datasheet
316Kb / 2P
   Flying Lead Current Transformers
logo
Isabellenhütte Heu...
AZ-H ISABELLENHUETTE-AZ-H Datasheet
833Kb / 4P
   PRECISION RESISTORS
AZ-H1 ISABELLENHUETTE-AZ-H1 Datasheet
833Kb / 4P
   PRECISION RESISTORS
More results

Similar Description - AZ-DM

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
PT080N4 MARKTECH-PT080N4 Datasheet
189Kb / 1P
   High Reliability in Demanding Environments
MTD6000PT-T MARKTECH-MTD6000PT-T Datasheet
588Kb / 3P
   High Reliability in Demanding Environments
MTPS8085MT MARKTECH-MTPS8085MT Datasheet
192Kb / 1P
   High Reliability in Demanding Environments
MTPS3085MT MARKTECH-MTPS3085MT Datasheet
191Kb / 1P
   High Reliability in Demanding Environments
logo
Samsung semiconductor
RC3216F512CS SAMSUNG-RC3216F512CS Datasheet
787Kb / 2P
   Circuit for high precision resistance and reliability.
logo
New Jersey Semi-Conduct...
22RC10 NJSEMI-22RC10 Datasheet
92Kb / 1P
   Maximum Fusing Condition
logo
Balluff Korea Ltd.
BCM0002 BALLUFF-BCM0002 Datasheet
128Kb / 3P
   Condition Monitoring Sensors
BCM0001 BALLUFF-BCM0001 Datasheet
119Kb / 3P
   Condition Monitoring Sensors
logo
List of Unclassifed Man...
NAS1291 ETC1-NAS1291 Datasheet
65Kb / 4P
   LEAST MATERIAL CONDITION
logo
Mini-Circuits
ADE-R272MH MINI-ADE-R272MH Datasheet
236Kb / 2P
   High Reliability Mixer High Reliability Mixer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com