Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSL25911 Datasheet(PDF) 10 Page - ams AG

Part # TSL25911
Description  Dual Diode
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TSL25911 Datasheet(HTML) 10 Page - ams AG

Back Button TSL25911 Datasheet HTML 6Page - ams AG TSL25911 Datasheet HTML 7Page - ams AG TSL25911 Datasheet HTML 8Page - ams AG TSL25911 Datasheet HTML 9Page - ams AG TSL25911 Datasheet HTML 10Page - ams AG TSL25911 Datasheet HTML 11Page - ams AG TSL25911 Datasheet HTML 12Page - ams AG TSL25911 Datasheet HTML 13Page - ams AG TSL25911 Datasheet HTML 14Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
TSL2591 – 10
Datasheet - Apr. 2013 - ams163.5
The device is controlled and monitored by registers accessed
through the I2C serial interface. These registers provide for a
variety of control functions and can be read to determine results
of the ADC conversions. The register set is summarized in Figure
TSL2591 - 16.
Figure TSL2591 – 16:
Register Description
Note: JGS-Stopped here.
Address
Register Name
R/W
Register Function
Reset
Value
--
COMMAND
W
Specifies Register Address
0x00
0x00
ENABLE
R/W
Enables states and interrupts
0x00
0x01
CONFIG
R/W
ALS gain and integration time configuration
0x00
0x04
AILTL
R/W
ALS interrupt low threshold low byte
0x00
0x05
AILTH
R/W
ALS interrupt low threshold high byte
0x00
0x06
AIHTL
R/W
ALS interrupt high threshold low byte
0x00
0x07
AIHTH
R/W
ALS interrupt high threshold high byte
0x00
0x08
NPAILTL
R/W
No Persist ALS interrupt low threshold low byte
0x00
0x09
NPAILTH
R/W
No Persist ALS interrupt low threshold high byte
0x00
0x0A
NPAIHTL
R/W
No Persist ALS interrupt high threshold low byte
0x00
0x0B
NPAIHTH
R/W
No Persist ALS interrupt high threshold high
byte
0x00
0x0C
PERSIST
R/W
Interrupt persistence filter
0x00
0x11
PID
R
Package ID
--
0x12
ID
R
Device ID
ID
0x13
STATUS
R
Device status
0x00
0x14
C0DATAL
R
CH0 ADC low data byte
0x00
0x15
C0DATAH
R
CH0 ADC high data byte
0x00
0x16
C1DATAL
R
CH1 ADC low data byte
0x00
0x17
C1DATAH
R
CH1 ADC high data byte
0x00
Register Description


Similar Part No. - TSL25911

ManufacturerPart #DatasheetDescription
logo
ams AG
TSL2591 AMSCO-TSL2591 Datasheet
711Kb / 25P
   very-high sensitivity light-to-digital
TSL2591 AMSCO-TSL2591 Datasheet
824Kb / 33P
   Light-to-Digital Converter
2018-Jun-05
TSL2591 AMSCO-TSL2591_V01 Datasheet
824Kb / 33P
   Light-to-Digital Converter
2018-Jun-05
More results

Similar Description - TSL25911

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMPZDC2V4 CENTRAL-CMPZDC2V4 Datasheet
117Kb / 2P
   DUAL ZENER DIODE DUAL ZENER DIODE 350mW
logo
AiT Semiconductor Inc.
BAV99L AITSEMI-BAV99L Datasheet
442Kb / 5P
   SWITCHING DIODE DUAL SWITCHING DIODE
REV2.0
logo
ON Semiconductor
MMBD7000LT1 ONSEMI-MMBD7000LT1 Datasheet
77Kb / 4P
   Dual Switching Diode
November, 2001 ??Rev. 2
logo
Motorola, Inc
MMBD7000LT1 MOTOROLA-MMBD7000LT1 Datasheet
77Kb / 4P
   Dual Switching Diode
logo
Dynex Semiconductor
MP02XX175 DYNEX-MP02XX175 Datasheet
85Kb / 9P
   Dual Diode Modules
logo
ON Semiconductor
BAW56TT1G ONSEMI-BAW56TT1G_16 Datasheet
65Kb / 4P
   Dual Switching Diode
April, 2016 ??Rev. 5
logo
CHENG-YI ELECTRONIC CO....
BAV99 CHENG-YI-BAV99 Datasheet
86Kb / 3P
   DUAL SWITCHING DIODE
logo
Leshan Radio Company
LMBD7000WT1G LRC-LMBD7000WT1G Datasheet
118Kb / 3P
   Dual Switching Diode
logo
Central Semiconductor C...
CPD30V CENTRAL-CPD30V Datasheet
479Kb / 2P
   Dual Switching Diode
logo
Vishay Siliconix
BB814-V-GH VISHAY-BB814-V-GH Datasheet
82Kb / 3P
   Dual Varicap Diode
Rev. 1.0, 22-Apr-10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com