Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PY1102W Datasheet(PDF) 4 Page - STANLEY ELECTRIC CO.,LTD.

Part # PY1102W
Description  Single Color 3216 Type
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Direct Link  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.

PY1102W Datasheet(HTML) 4 Page - STANLEY ELECTRIC CO.,LTD.

  PY1102W Datasheet HTML 1Page - STANLEY ELECTRIC CO.,LTD. PY1102W Datasheet HTML 2Page - STANLEY ELECTRIC CO.,LTD. PY1102W Datasheet HTML 3Page - STANLEY ELECTRIC CO.,LTD. PY1102W Datasheet HTML 4Page - STANLEY ELECTRIC CO.,LTD. PY1102W Datasheet HTML 5Page - STANLEY ELECTRIC CO.,LTD. PY1102W Datasheet HTML 6Page - STANLEY ELECTRIC CO.,LTD. PY1102W Datasheet HTML 7Page - STANLEY ELECTRIC CO.,LTD. PY1102W Datasheet HTML 8Page - STANLEY ELECTRIC CO.,LTD. PY1102W Datasheet HTML 9Page - STANLEY ELECTRIC CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
Electro-Optical Characteristics
Page 4
2004.10.29
Single Color 3216 Type
1102W Series
Conditions
BG
PG
PY
AY
AA
BR
TYP.
2.1
2.1
2.1
2.2
2.2
1.7
MAX.
2.5
2.5
2.5
2.5
2.5
2.0
Reverse Current
VR=4V
IR
MAX.
100
100
100
100
100
100
μA
Peak Wavelength
IF=20mA
λp
TYP.
555
560
570
580
605
660
nm
Dominant
Wavelength
IF=20mA
λd
TYP.
558
567
572
590
606
647
nm
Spectral Line Half
Width
IF=20mA
⊿λ
TYP.
30
30
30
30
30
30
nm
56(θx) 69(θx) 61(θx) 70(θx) 77(θx) 70(θx)
71(θy) 85(θy) 71(θy) 89(θy) 87(θy) 82(θy)
deg.
Half Intensity Angle
IF=20mA
2θ1/2
TYP.
Item
Symbol
Unit
Forward Voltage
IF=20mA
VF
V
Characteristics
(Ta=25℃)


Similar Part No. - PY1102W

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
PY1102W STANLEY-PY1102W Datasheet
679Kb / 21P
   Outer Dimension 3.0 x 1.5 x 1.5mm
PY1102W-TR STANLEY-PY1102W-TR Datasheet
724Kb / 21P
   Single Color 3216 Type
More results

Similar Description - PY1102W

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
BR1101W-TR STANLEY-BR1101W-TR Datasheet
724Kb / 21P
   Single Color 3216 Type
PY1101W-TR STANLEY-PY1101W-TR Datasheet
724Kb / 21P
   Single Color 3216 Type
PY1102W-TR STANLEY-PY1102W-TR Datasheet
724Kb / 21P
   Single Color 3216 Type
BG1111R STANLEY-BG1111R Datasheet
441Kb / 21P
   Single Color 3216 Reverse Mount Type
HPG1105W-TR STANLEY-HPG1105W-TR Datasheet
549Kb / 21P
   Single Color 3216 Dome Lenz Type
HBG1105W STANLEY-HBG1105W Datasheet
542Kb / 21P
   Single Color 3216 Dome Lenz Type
VFJY1105W-4C92D-TR STANLEY-VFJY1105W-4C92D-TR Datasheet
736Kb / 21P
   3216 size Dome Lens Type, Yellow color emitting LED
AY1112H-TR STANLEY-AY1112H-TR Datasheet
431Kb / 21P
   Single Color 2125 Type
YPY1104B STANLEY-YPY1104B Datasheet
259Kb / 18P
   Single Color High Brightness Type
FR1113F-TR STANLEY-FR1113F-TR Datasheet
311Kb / 18P
   Single Color High Brightness Type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com