Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N5817-B Datasheet(PDF) 1 Page - Diodes Incorporated

Part # 1N5817-B
Description  Guard Ring Die Construction for Transient Protection
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

1N5817-B Datasheet(HTML) 1 Page - Diodes Incorporated

  1N5817-B Datasheet HTML 1Page - Diodes Incorporated 1N5817-B Datasheet HTML 2Page - Diodes Incorporated 1N5817-B Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DS23001 Rev. 8 - 2
1 of 3
1N5817-1N5819
www.diodes.com
ã Diodes Incorporated
Features
1N5817 - 1N5819
1.0A SCHOTTKY BARRIER RECTIFIER
A
A
B
C
D
DO-41 Plastic
Dim
Min
Max
A
25.40
¾
B
4.06
5.21
C
0.71
0.864
D
2.00
2.72
All Dimensions in mm
Maximum Ratings and Electrical Characteristics @ TA = 25°C unless otherwise specified
·
Guard Ring Die Construction for Transient Protection
·
Low Power Loss, High Efficiency
·
High Surge Capability
·
High Current Capability and Low Forward Voltage Drop
·
For Use in Low Voltage, High Frequency Inverters, Free
Wheeling, and Polarity Protection Application
·
Lead Free Finish, RoHS Compliant (Note 5)
Mechanical Data
·
Case: DO-41
·
Case Material: Molded Plastic. UL Flammability
Classification Rating 94V-0
·
Moisture Sensitivity: Level 1 per J-STD-020C
·
Terminals: Finish
¾ Tin. Plated Leads Solderable per
MIL-STD-202, Method 208
·
Polarity: Cathode Band
·
Ordering Information: See Page 2
·
Marking: Type Number and Date Code
·
Weight: 0.3 grams (approximate)
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol
1N5817
1N5818
1N5819
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
20
30
40
V
RMS Reverse Voltage
VR(RMS)
14
21
28
V
Average Rectified Output Current
(Note 1)
@ TL = 90
°C
IO
1.0
A
Non-Repetitive Peak Forward Surge Current 8.3ms
single half sine-wave superimposed on rated load
IFSM
25
A
Forward Voltage (Note 2)
@ IF = 1.0A
@ IF = 3.0A
VFM
0.450
0.750
0.550
0.875
0.60
0.90
V
Peak Reverse Leakage Current
@ TA = 25
°C
at Rated DC Blocking Voltage (Note 2)
@ TA = 100
°C
IRM
1.0
10
mA
Typical Total Capacitance (Note 3)
CT
110
pF
Typical Thermal Resistance Junction to Lead (Note 4)
RqJL
15
°C/W
Typical Thermal Resistance Junction to Ambient
RqJA
50
Operating and Storage Temperature Range
Tj, TSTG
-65 to +125
°C
Notes:
1. Measured at ambient temperature at a distance of 9.5mm from the case.
2. Short duration test pulse used to minimize self-heating effect.
3. Measured at 1.0MHz and applied reverse voltage of 4.0V DC.
4. Thermal resistance from junction to lead vertical P.C.B. mounted, 0.375" (9.5mm) lead length with 1.5 x 1.5" (38 x 38mm)
copper pads.
5. RoHS revision 13.2.2003. Glass and High Temperature Solder Exemptions Applied, see
EU Directive Annex Notes 5 and 7.


Similar Part No. - 1N5817-B

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
1N5817-B DIODES-1N5817-B Datasheet
68Kb / 3P
   1.0A SCHOTTKY BARRIER RECTIFIER
DS23001 Rev. 8 - 2
More results

Similar Description - 1N5817-B

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
SBL5100 SMC-SBL5100 Datasheet
148Kb / 5P
   Guard Ring Die Construction for Transient Protection
ST5100SAX SMC-ST5100SAX Datasheet
170Kb / 3P
   Guard Ring Die Construction for Transient Protection
ST5150SAX SMC-ST5150SAX Datasheet
299Kb / 5P
   Guard Ring Die Construction for Transient Protection
SB20100 SMC-SB20100 Datasheet
133Kb / 4P
   Guard Ring Die Construction for Transient Protection
logo
Diodes Incorporated
SDM160S1F DIODES-SDM160S1F Datasheet
395Kb / 5P
   Guard Ring Die Construction for Transient Protection
logo
Kersemi Electronic Co.,...
MBR845 KERSEMI-MBR845 Datasheet
789Kb / 2P
   Guard Ring Die Construction for Transient Protection
MBR850 KERSEMI-MBR850 Datasheet
789Kb / 2P
   Guard Ring Die Construction for Transient Protection
logo
Bruckewell Technology L...
SD0530WT BWTECH-SD0530WT Datasheet
456Kb / 3P
   Guard ring construction for transient Protection
logo
Kersemi Electronic Co.,...
MBR1540CT KERSEMI-MBR1540CT Datasheet
1Mb / 4P
   Guard ring die constuction for transient protection
MBR1545CG KERSEMI-MBR1545CG Datasheet
1Mb / 4P
   Guard ring die constuction for transient protection
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com