Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

52-PV4F2G0SS3G4 Datasheet(PDF) 1 Page - E-SWITCH

Part # 52-PV4F2G0SS3G4
Description  HARDWARE SUPPLIED: O-RING AND HEXNUT
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

52-PV4F2G0SS3G4 Datasheet(HTML) 1 Page - E-SWITCH

  52-PV4F2G0SS3G4 Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
PV4F2G0SS-3G4
NONE
11/22/2011
52-PV4F2G0SS3G4
B
BGL
1
1
PANEL CUTOUT
MAX. PANEL THICKNESS
11.0mm [.433]
1
3
1
4
(-)
(+)
C
NO
NC
A
20300
RELEASE FOR PRODUCTION
11/22/11
BMA
n22.00
[.866 in]
n13.40
[.528 in]
2.00
[.079 in]
37.00 `.50
1.457 `.020 in
[
]
28.50 `.50
1.122 `.020 in
[
]
NOTE:
1. ALL DIMENSIONS IN mm [INCH]
2. GENERAL TOLERANCE: X.X=±0.4
X.XX=±0.25
3. TERMINAL NUMBERS FOR REF ONLY
4. CONTACT MATERIAL: SILVER
5. RATING: 2A 48VDC
6. ELECTRIC LIFE: 50,000 MAKE-AND-BREAK CYCLES
AT FULL LOAD.
7. INSULATION RESISTANCE: 1,000 M
MIN.
8. DIELECTRIC STRENGTH: 2,000 VAC MIN. FOR 1 MINUTE
9. CONTACT RESISTANCE: 50m
MAX. @ 1A 12VDC
10. OPERATING TEMP.: -20°C to 55°C
11. TRAVEL: 2.8mm
12.
DENOTES CRITICAL PARAMETER.
13. LAMP VOLTAGE: 12V
14. INGRESS PROTECTION: IP65
15. HARDWARE SUPPLIED: O-RING AND HEXNUT
16. ILLUMINATION COLOR: RED / GREEN BICOLOR
n19.00
[.748 in]
POS. 1
POS. 2
SWITCH FUNCTION
ON
ON
1-3, 4-6
1-2, 4-5
FLAT ACTUATOR
NOTE 15
HARDWARE
SUPPLIED
ACTUATOR FINISH
MACHINED STAINLESS
BODY FINISH
MACHINED STAINLESS
M19x1.0
2.60
[.102 in]
1
1
4
4
3
2
6
5
DPDT
CONTACT CONFIGURATION
_
+
RED
GREEN
n15.50
[.610 in]
ILLUMINATED RING
37.00 `.50
1.457 `.020 in
[
]
.50
[.020 in]
1
2
4
3
6
5
(+)
(-)
B
20642
MODEL UPDATE
06/14/12
drg


Similar Part No. - 52-PV4F2G0SS3G4

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
52-PV4F2G0SS304 E-SWITCH-52-PV4F2G0SS304 Datasheet
192Kb / 1P
   HARDWARE SUPPLIED: O-RING AND HEXNUT
52-PV4F2G0SS304 E-SWITCH-52-PV4F2G0SS304_15 Datasheet
192Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
52-PV4F2G0SS311 E-SWITCH-52-PV4F2G0SS311 Datasheet
221Kb / 1P
   HARDWARE SUPPLIED: O-RING AND HEXNUT
52-PV4F2G0SS314 E-SWITCH-52-PV4F2G0SS314 Datasheet
196Kb / 1P
   HARDWARE SUPPLIED: O-RING AND HEXNUT
52-PV4F2G0SS325 E-SWITCH-52-PV4F2G0SS325 Datasheet
67Kb / 1P
   Silver Plated Brass
More results

Similar Description - 52-PV4F2G0SS3G4

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
52-PV3F2B0BB344 E-SWITCH-52-PV3F2B0BB344 Datasheet
215Kb / 1P
   HARDWARE SUPPLIED: O-RING AND HEXNUT
52-PV3F2B011G304 E-SWITCH-52-PV3F2B011G304 Datasheet
216Kb / 1P
   HARDWARE SUPPLIED: O-RING AND HEXNUT
52-PV3F2B011341 E-SWITCH-52-PV3F2B011341 Datasheet
159Kb / 1P
   HARDWARE SUPPLIED: O-RING AND HEXNUT
52-PV3F2H011 E-SWITCH-52-PV3F2H011 Datasheet
225Kb / 1P
   HARDWARE SUPPLIED: O-RING AND HEXNUT
52-PV4F230SS324 E-SWITCH-52-PV4F230SS324 Datasheet
191Kb / 1P
   HARDWARE SUPPLIED: O-RING AND HEXNUT
52-PV3H2B0GG343 E-SWITCH-52-PV3H2B0GG343 Datasheet
176Kb / 1P
   HARDWARE SUPPLIED: O-RING AND HEXNUT
52-PV3H2B0NN344 E-SWITCH-52-PV3H2B0NN344 Datasheet
155Kb / 1P
   HARDWARE SUPPLIED: O-RING AND HEXNUT
52-PV3H2H0NN E-SWITCH-52-PV3H2H0NN Datasheet
163Kb / 1P
   HARDWARE SUPPLIED: O-RING AND HEXNUT
52-PV3SWF2H011G E-SWITCH-52-PV3SWF2H011G Datasheet
189Kb / 1P
   HARDWARE SUPPLIED: O-RING AND HEXNUT
52-PV4F2Y0SS304 E-SWITCH-52-PV4F2Y0SS304 Datasheet
210Kb / 1P
   HARDWARE SUPPLIED: O-RING AND HEXNUT
52-PV4F2Y0SS345 E-SWITCH-52-PV4F2Y0SS345 Datasheet
207Kb / 1P
   HARDWARE SUPPLIED: O-RING AND HEXNUT
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com