Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APD160VD-G1 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # APD160VD-G1
Description  SCHOTTKY BARRIER RECTIFIER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

APD160VD-G1 Datasheet(HTML) 4 Page - Diodes Incorporated

  APD160VD-G1 Datasheet HTML 1Page - Diodes Incorporated APD160VD-G1 Datasheet HTML 2Page - Diodes Incorporated APD160VD-G1 Datasheet HTML 3Page - Diodes Incorporated APD160VD-G1 Datasheet HTML 4Page - Diodes Incorporated APD160VD-G1 Datasheet HTML 5Page - Diodes Incorporated APD160VD-G1 Datasheet HTML 6Page - Diodes Incorporated APD160VD-G1 Datasheet HTML 7Page - Diodes Incorporated APD160VD-G1 Datasheet HTML 8Page - Diodes Incorporated APD160VD-G1 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
APD160
Document number: DS36972 Rev. 3 - 2
4 of 10
www.diodes.com
July 2014
© Diodes Incorporated
APD160
Maximum Ratings (TA = +25oC, unless otherwise noted.) (Note 5)
Characteristic
Symbol
Rating
Unit
Maximum Repetitive Peak Reverse Voltage
VRRM
60
V
Maximum DC Blocking Voltage
VDC
60
V
Maximum RMS Voltage
VRMS
42
V
Average Rectified Forward Current
0.375” (9.5mm) Lead Length
IF(AV)
1.0
A
Non-repetitive Peak Forward Surge Current
8.3ms Single Half Sine-wave on Rated Load
IFSM
35
A
Operating Junction Temperature Range (Note 6)
TJ
-65 to +125
°C
Storage Temperature Range
TSTG
-65 to +150
°C
Notes:
5. Stresses greater than those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “Recommended Operating Conditions” is not implied.
Exposure to “Absolute Maximum Ratings” for extended periods may affect device reliability.
6. The heat generated must be less than the thermal conductivity from Junction to Ambient: dPD/dTJ < 1/θJA.
Thermal Characteristics (TA = +25oC, unless otherwise noted.)
Characteristic
Symbol
Rating
Unit
Typical Thermal Resistance
(Note 7)
JA
DO-41
80
°C/W
R-1
80
DO-214AC
100
Note 7:
Device mounted on heat sink, with minimum recommended pad layout per http://www.diodes.com
Electrical Characteristics (TA = +25oC, unless otherwise noted.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Forward Voltage @ IF = 1.0A
VF
0.68
V
Reverse Current @ Rated VR (Note 8)
IR
0.5
mA
TA = +25°C
10
TA = +100°C
Note 8:
Short duration pulse test used to minimize self-heating effect, Pulse Test: 300μs pulse width, 1.0% duty cycle.


Similar Part No. - APD160VD-G1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
APD160VD-G1 BCDSEMI-APD160VD-G1 Datasheet
308Kb / 9P
   SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - APD160VD-G1

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
   Schottky Barrier Rectifier Schottky Barrier Type
logo
Shenzhen Ping Sheng Ele...
SS12 PFS-SS12 Datasheet
559Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Sanken electric
FMW-2156 SANKEN-FMW-2156 Datasheet
209Kb / 4P
   Schottky Barrier Rectifier
logo
Micro Commercial Compon...
1N60 MCC-1N60 Datasheet
419Kb / 3P
   Schottky Barrier Rectifier
LL60 MCC-LL60 Datasheet
400Kb / 3P
   Schottky Barrier Rectifier
logo
Vishay Siliconix
1N5820 VISHAY-1N5820_09 Datasheet
68Kb / 4P
   Schottky Barrier Rectifier
Revision: 20-Oct-09
logo
Galaxy Semi-Conductor H...
S5817 BILIN-S5817 Datasheet
57Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Vishay Siliconix
SBL1030 VISHAY-SBL1030 Datasheet
142Kb / 5P
   Schottky Barrier Rectifier
Revision: 25-Apr-08
logo
Chenmko Enterprise Co. ...
MPL1035PT CHENMKO-MPL1035PT Datasheet
260Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL270CTPT CHENMKO-SPL270CTPT Datasheet
161Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL320LLPT CHENMKO-SPL320LLPT Datasheet
153Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com