Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APD260VD-G1 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # APD260VD-G1
Description  SCHOTTKY BARRIER RECTIFIERS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

APD260VD-G1 Datasheet(HTML) 4 Page - Diodes Incorporated

  APD260VD-G1 Datasheet HTML 1Page - Diodes Incorporated APD260VD-G1 Datasheet HTML 2Page - Diodes Incorporated APD260VD-G1 Datasheet HTML 3Page - Diodes Incorporated APD260VD-G1 Datasheet HTML 4Page - Diodes Incorporated APD260VD-G1 Datasheet HTML 5Page - Diodes Incorporated APD260VD-G1 Datasheet HTML 6Page - Diodes Incorporated APD260VD-G1 Datasheet HTML 7Page - Diodes Incorporated APD260VD-G1 Datasheet HTML 8Page - Diodes Incorporated APD260VD-G1 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
APD260
Document number: DS36970 Rev. 3 - 2
4 of 10
www.diodes.com
July 2014
© Diodes Incorporated
APD260
Maximum Ratings (TA = +25oC, unless otherwise noted.) (Note 5)
Characteristic
Symbol
Rating
Unit
Maximum Repetitive Peak Reverse Voltage
VRRM
60
V
Maximum DC Blocking Voltage
VDC
60
V
Maximum RMS Voltage
VRMS
42
V
Average Rectified Forward Current
0.375” (9.5mm) Lead Length (See Figure 1)
IF(AV)
2.0
A
Non-repetitive Peak Forward Surge Current
8.3ms Single Half Sine-wave on Rated Load
IFSM
50
A
Operating Junction Temperature Range (Note 6)
TJ
-65 to +125
C
Storage Temperature Range
TSTG
-65 to +150
C
Notes:
5.
Stresses greater than those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “Recommended Operating Conditions” is not implied.
Exposure to “Absolute Maximum Ratings” for extended periods may affect device reliability.
6. The heat generated must be less than the thermal conductivity from Junction to Ambient: dPD/dTJ < 1/θJA
Thermal Characteristics (TA = +25oC, unless otherwise noted.)
Characteristic
Symbol
Rating
Unit
Typical Thermal Resistance
(Note 7)
R
θJA
DO-41/DO-15
52
C/W
DO-214AC
90
Note 7:
Device mounted on heat sink, with minimum recommended pad layout per http://www.diodes.com
Electrical Characteristics (TA = +25oC, unless otherwise noted.)
Characteristic
Symbol
Rating
Unit
Test Condition
Forward Voltage @ IF = 2.0A
VF
0.68
V
Reverse Current @ Rated VR (Note 8)
IR
0.5
mA
TA = +25C
10
TA = +100C
Note 8:
Short duration pulse test used to minimize self-heating effect, Pulse Test: 300
μs pulse width, 1.0% duty cycle.


Similar Part No. - APD260VD-G1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
APD260VD-G1 BCDSEMI-APD260VD-G1 Datasheet
567Kb / 9P
   SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - APD260VD-G1

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LMBR1200ETIG LRC-LMBR1200ETIG Datasheet
495Kb / 11P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
SB220 LRC-SB220 Datasheet
262Kb / 7P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
logo
Diotec Semiconductor
SBT1020 DIOTEC-SBT1020 Datasheet
378Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS, SCHOTTKY BARRIER GLEICHRICHTER
logo
Shenzhen Ping Sheng Ele...
15SQ030 PFS-15SQ030 Datasheet
269Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
1N5817 PANJIT-1N5817_09 Datasheet
49Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Comchip Technology
MBR20H100FCT-G COMCHIP-MBR20H100FCT-G Datasheet
87Kb / 3P
   Schottky Barrier Rectifiers
logo
Pan Jit International I...
SD1020CT PANJIT-SD1020CT_05 Datasheet
426Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
HY ELECTRONIC CORP.
1N5817 HY-1N5817 Datasheet
34Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR520 HY-SR520 Datasheet
42Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR830T HY-SR830T Datasheet
39Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR2030CT HY-SR2030CT Datasheet
40Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com