Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NAC3MX Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # NAC3MX
Description  Locking male cable connector, screw terminals
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

NAC3MX Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  NAC3MX Datasheet HTML 1Page - List of Unclassifed Manufacturers NAC3MX Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Shell
Polyamide (PA 6.6 30 % GR)
Strain relief
Polyacetal (POM)
Flammability
UL 94 V-0
Protection class
IP 65 (mated)
Temperature range
-30 °C - +80 °C
Environmental
Page 2 of 2
NAC3MX-W - Neutrik
12/5/2013
http://www.neutrik.us/en-us/industrial/powercon/powercon-true1/nac3mx-w


Similar Part No. - NAC3MX

ManufacturerPart #DatasheetDescription
logo
Neutrik AG
NAC3MX-W-TOP NEUTRIK-NAC3MX-W-TOP Datasheet
68Kb / 2P
   Locking male cable connector, screw terminals
More results

Similar Description - NAC3MX

ManufacturerPart #DatasheetDescription
logo
Neutrik AG
NAC3MX-W-TOP NEUTRIK-NAC3MX-W-TOP Datasheet
68Kb / 2P
   Locking male cable connector, screw terminals
NAC3FX-W-TOP NEUTRIK-NAC3FX-W-TOP Datasheet
72Kb / 2P
   Locking female cable connector, screw terminals
logo
CONEC Elektronische Bau...
160X10359X CONEC-160X10359X Datasheet
54Kb / 1P
   SCREW LOCKING
logo
Neutrik AG
NAC3FCA NEUTRIK-NAC3FCA Datasheet
103Kb / 3P
   Lockable cable connector, power-in, screw terminals, blue
NAC3FCB NEUTRIK-NAC3FCB Datasheet
85Kb / 3P
   Lockable cable connector, power-out, screw terminals, grey
logo
United Chemi-Con, Inc.
E32D6R3HPN393MA41M CHEMI-CON-E32D6R3HPN393MA41M Datasheet
145Kb / 12P
   Screw Terminals
E36L351HPN222MCA5M CHEMI-CON-E36L351HPN222MCA5M Datasheet
126Kb / 9P
   Screw Terminals
logo
List of Unclassifed Man...
1259 ETC2-1259 Datasheet
584Kb / 2P
   SCREW TERMINALS
logo
United Chemi-Con, Inc.
E32F351HPN222MCA5M CHEMI-CON-E32F351HPN222MCA5M Datasheet
128Kb / 9P
   Screw Terminals
E36D6R3HPN393MA41M CHEMI-CON-E36D6R3HPN393MA41M Datasheet
151Kb / 13P
   Screw Terminals
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com