Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APD360 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # APD360
Description  SCHOTTKY BARRIER RECTIFIER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

APD360 Datasheet(HTML) 5 Page - Diodes Incorporated

  APD360 Datasheet HTML 1Page - Diodes Incorporated APD360 Datasheet HTML 2Page - Diodes Incorporated APD360 Datasheet HTML 3Page - Diodes Incorporated APD360 Datasheet HTML 4Page - Diodes Incorporated APD360 Datasheet HTML 5Page - Diodes Incorporated APD360 Datasheet HTML 6Page - Diodes Incorporated APD360 Datasheet HTML 7Page - Diodes Incorporated APD360 Datasheet HTML 8Page - Diodes Incorporated APD360 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
APD360
Document number: DS36968 Rev. 2 - 2
5 of 9
www.diodes.com
July 2014
© Diodes Incorporated
APD360
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0.01
0.1
1
10
100
Instantaneous Forward Voltage (V)
+25
0C
+125
0C
+150
0C
1
10
10
100
Reverse Voltage
60
400
Figure 5. Typical Junction Capacitance
Figure 1. Forward Current Derating Curve
Figure 2. Typical Instantaneous Forward Characteristics
Figure 3. Maximum Non-Repetitive Surge Current
Figure 4. Typical Reverse Characteristics
1
10
100
0
10
20
30
40
50
60
70
80
90
Number of Cycle at 60Hz
0
10
20
30
40
50
60
70
1
10
100
1000
10000
100000
Instantaneous Reverse Voltage (V)
+25
0C
+125
0C
+150
0C
0
20
40
60
80
100
120
140
160
0
1
2
3
4
5
Note 7
T
A
, Ambient Temperature (
oC)


Similar Part No. - APD360

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
APD360 BCDSEMI-APD360 Datasheet
282Kb / 7P
   SCHOTTKY BARRIER RECTIFIER
APD360 BCDSEMI-APD360 Datasheet
297Kb / 10P
   SCHOTTKY BARRIER RECTIFIER
APD360 BCDSEMI-APD360 Datasheet
295Kb / 10P
   SCHOTTKY BARRIER RECTIFIER Polarity Protection
APD360VP-E1 BCDSEMI-APD360VP-E1 Datasheet
297Kb / 10P
   SCHOTTKY BARRIER RECTIFIER
APD360VP-E1 BCDSEMI-APD360VP-E1 Datasheet
295Kb / 10P
   SCHOTTKY BARRIER RECTIFIER Polarity Protection
More results

Similar Description - APD360

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
   Schottky Barrier Rectifier Schottky Barrier Type
logo
Shenzhen Ping Sheng Ele...
SS12 PFS-SS12 Datasheet
559Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Sanken electric
FMW-2156 SANKEN-FMW-2156 Datasheet
209Kb / 4P
   Schottky Barrier Rectifier
logo
Micro Commercial Compon...
1N60 MCC-1N60 Datasheet
419Kb / 3P
   Schottky Barrier Rectifier
LL60 MCC-LL60 Datasheet
400Kb / 3P
   Schottky Barrier Rectifier
logo
Vishay Siliconix
1N5820 VISHAY-1N5820_09 Datasheet
68Kb / 4P
   Schottky Barrier Rectifier
Revision: 20-Oct-09
logo
Galaxy Semi-Conductor H...
S5817 BILIN-S5817 Datasheet
57Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Vishay Siliconix
SBL1030 VISHAY-SBL1030 Datasheet
142Kb / 5P
   Schottky Barrier Rectifier
Revision: 25-Apr-08
logo
Chenmko Enterprise Co. ...
MPL1035PT CHENMKO-MPL1035PT Datasheet
260Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL270CTPT CHENMKO-SPL270CTPT Datasheet
161Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL320LLPT CHENMKO-SPL320LLPT Datasheet
153Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com