Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S6004VS1TP Datasheet(PDF) 3 Page - Littelfuse

Part # S6004VS1TP
Description  4 Amp Sensitive SCRs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

S6004VS1TP Datasheet(HTML) 3 Page - Littelfuse

  S6004VS1TP Datasheet HTML 1Page - Littelfuse S6004VS1TP Datasheet HTML 2Page - Littelfuse S6004VS1TP Datasheet HTML 3Page - Littelfuse S6004VS1TP Datasheet HTML 4Page - Littelfuse S6004VS1TP Datasheet HTML 5Page - Littelfuse S6004VS1TP Datasheet HTML 6Page - Littelfuse S6004VS1TP Datasheet HTML 7Page - Littelfuse S6004VS1TP Datasheet HTML 8Page - Littelfuse S6004VS1TP Datasheet HTML 9Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
211
©2010 Littelfuse, Inc
Revised: July 29, 2010 09:54 AM
Teccor® brand Thyristors
Specifications are subject to change without notice.
Please refer to http://www.littelfuse.com for current information.
Sxx04xSx Series
4 Amp Sensitive SCRs
Figure 1: Normalized DC Gate Trigger Current
vs. Junction Temperature
Figure 2: Normalized DC Gate Trigger Voltage
vs. Junction Temperature
0.0
1.0
2.0
3.0
4.0
-40
-15
10
35
60
85
110
Junction Temperature (T
J) -- (°C)
Figure 5: On-State Current vs. On-State
Voltage (Typical)
Figure 6: Power Dissipation (Typical)
vs. RMS On-State Current
Figure 3: Normalized DC Holding Current
vs. Junction Temperature
Figure 4: Normalized DC Latching Current
vs. Junction Temperature
0.0
0.5
1.0
1.5
2.0
-40
-15
10
35
60
85
110
Junction Temperature (T
J) -- (°C)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
-40
-15
10
35
60
85
110
Junction Temperature (T
J) -- (°C)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
-40
-15
10
35
60
85
110
Junction Temperature (T
J) -- (°C)
T
J = 25°C
0
5
10
15
20
25
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
Instantaneous On-state Voltage (v) – Volts
Sxx04VSy
Sxx04DSy
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
RMS On-State Current [I
T(RMS)] - (Amps)
Sxx04VSy
Sxx04DSy


Similar Part No. - S6004VS1TP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
S6004VS1 LITTELFUSE-S6004VS1 Datasheet
199Kb / 12P
   Sensitive SCRs (0.8 A to 10 A)
logo
List of Unclassifed Man...
S6004VS1 ETC2-S6004VS1 Datasheet
205Kb / 12P
   RoHS Compliant
S6004VS1 ETC2-S6004VS1 Datasheet
205Kb / 12P
   RoHS Compliant
More results

Similar Description - S6004VS1TP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SJ6004DS2 LITTELFUSE-SJ6004DS2 Datasheet
1Mb / 7P
   4 Amp High Temperature Sensitive SCRs
Revised: 08/02/17
SJ6004DS2TP LITTELFUSE-SJ6004DS2TP Datasheet
1Mb / 7P
   Thyristors 4 Amp High Temperature Sensitive SCRs
S8008DRP LITTELFUSE-S8008DRP Datasheet
411Kb / 1P
   8 Amp Sensitive Standard SCRs
S8X5ECSX LITTELFUSE-S8X5ECSX Datasheet
961Kb / 6P
   EV Series 0.8 Amp Sensitive SCRs
Revised: BO.12/08/20
S802ECS LITTELFUSE-S802ECS Datasheet
1Mb / 6P
   EV Series 1.5 Amp Sensitive SCRs
Revised: 09/04/19
T106D4 LITTELFUSE-T106D4 Datasheet
205Kb / 12P
   Sensitive SCRs
logo
Unisonic Technologies
X0202 UTC-X0202_10 Datasheet
332Kb / 5P
   SENSITIVE SCRS
logo
STMicroelectronics
TS420-600T STMICROELECTRONICS-TS420-600T Datasheet
110Kb / 11P
   Sensitive gate 4 A SCRs
logo
Unisonic Technologies
X0202 UTC-X0202 Datasheet
218Kb / 5P
   SENSITIVE SCRS
logo
Littelfuse
T106D2 LITTELFUSE-T106D2 Datasheet
205Kb / 12P
   Sensitive SCRs
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com