Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APD360VRTR-G1 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # APD360VRTR-G1
Description  SCHOTTKY BARRIER RECTIFIER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

APD360VRTR-G1 Datasheet(HTML) 2 Page - Diodes Incorporated

  APD360VRTR-G1 Datasheet HTML 1Page - Diodes Incorporated APD360VRTR-G1 Datasheet HTML 2Page - Diodes Incorporated APD360VRTR-G1 Datasheet HTML 3Page - Diodes Incorporated APD360VRTR-G1 Datasheet HTML 4Page - Diodes Incorporated APD360VRTR-G1 Datasheet HTML 5Page - Diodes Incorporated APD360VRTR-G1 Datasheet HTML 6Page - Diodes Incorporated APD360VRTR-G1 Datasheet HTML 7Page - Diodes Incorporated APD360VRTR-G1 Datasheet HTML 8Page - Diodes Incorporated APD360VRTR-G1 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
APD360
Document number: DS36968 Rev. 2 - 2
2 of 9
www.diodes.com
July 2014
© Diodes Incorporated
APD360
Cathode line by
marking
Green
Green
Green
Green
Pin Assignments (Cont.)
(Top View)
DO-214AC
Ordering Information (Note 4)
Packing
Package
Product Name
E1/G1
Blank: Bulk
G1: Green
TR: Tape & Reel
E1 : RoHS Compliant
or Ammo
VP: DO-27
VPL: DO-27 (L)
VR: DO-214AC
APD360 XXX XX - XX
Note 4:
Diodes IC's Pb-free products, as designated with "E1" suffix in the part number, are RoHS compliant. Products with "G1" suffix are available in green
packages.
Package
Temperature
Range
Part Number
Marking ID
Packing
DO-27
-65 to +125
C
APD360VP-E1
D360VP
500/Bulk
DO-27
-65 to +125
C
APD360VP-G1
360VPG
500/Bulk
DO-27
-65 to +125
C
APD360VPTR-E1
D360VP
500/Ammo
DO-27
-65 to +125
C
APD360VPTR-G1
360VPG
500/Ammo
DO-27 (L)
-65 to +125
C
APD360VPL-E1
D360VP
500/Bulk
DO-27 (L)
-65 to +125
C
APD360VPL-G1
360VPG
500/Bulk
DO-214AC
-65 to +125
C
APD360VRTR-G1
360VRG
7500/Tape & Reel
Cathode
Anode
Pb
Pb
Pb


Similar Part No. - APD360VRTR-G1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
APD360VRTR-G1 BCDSEMI-APD360VRTR-G1 Datasheet
297Kb / 10P
   SCHOTTKY BARRIER RECTIFIER
APD360VRTR-G1 BCDSEMI-APD360VRTR-G1 Datasheet
295Kb / 10P
   SCHOTTKY BARRIER RECTIFIER Polarity Protection
More results

Similar Description - APD360VRTR-G1

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
   Schottky Barrier Rectifier Schottky Barrier Type
logo
Shenzhen Ping Sheng Ele...
SS12 PFS-SS12 Datasheet
559Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Sanken electric
FMW-2156 SANKEN-FMW-2156 Datasheet
209Kb / 4P
   Schottky Barrier Rectifier
logo
Micro Commercial Compon...
1N60 MCC-1N60 Datasheet
419Kb / 3P
   Schottky Barrier Rectifier
LL60 MCC-LL60 Datasheet
400Kb / 3P
   Schottky Barrier Rectifier
logo
Vishay Siliconix
1N5820 VISHAY-1N5820_09 Datasheet
68Kb / 4P
   Schottky Barrier Rectifier
Revision: 20-Oct-09
logo
Galaxy Semi-Conductor H...
S5817 BILIN-S5817 Datasheet
57Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Vishay Siliconix
SBL1030 VISHAY-SBL1030 Datasheet
142Kb / 5P
   Schottky Barrier Rectifier
Revision: 25-Apr-08
logo
Chenmko Enterprise Co. ...
MPL1035PT CHENMKO-MPL1035PT Datasheet
260Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL270CTPT CHENMKO-SPL270CTPT Datasheet
161Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL320LLPT CHENMKO-SPL320LLPT Datasheet
153Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com