Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SL5501 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # SL5501
Description  6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

SL5501 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  SL5501 Datasheet HTML 1Page - Fairchild Semiconductor SL5501 Datasheet HTML 2Page - Fairchild Semiconductor SL5501 Datasheet HTML 3Page - Fairchild Semiconductor SL5501 Datasheet HTML 4Page - Fairchild Semiconductor SL5501 Datasheet HTML 5Page - Fairchild Semiconductor SL5501 Datasheet HTML 6Page - Fairchild Semiconductor SL5501 Datasheet HTML 7Page - Fairchild Semiconductor SL5501 Datasheet HTML 8Page - Fairchild Semiconductor SL5501 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
6/30/03
Page 4 of 10
© 2003 Fairchild Semiconductor Corporation
6-PIN PHOTOTRANSISTOR
OPTOCOUPLERS
SL5500
SL5501
SL5504
SL5511
Note
1. Device considered a two-terminal device: pins 1, 2 and 3 shorted together and pins 4, 5 and 6 shorted together.
TRANSFER CHARACTERISTICS (TA = 25°C Unless otherwise specified.)
DC Characteristics
Test Conditions
Symbol
Device
Min
Typ
Max
Units
Output/Input Current Transfer
Ratio
IF = 10 mA, VCE = 0.4 V
CTR
SL5500
50
300
%
IF = 10 mA, VCE = 0.4 V, TA = 70°C
SL5500
40
300
IF = 10 mA, VCE = 0.4 V,
TA = 25°C to 70°C
SL5501, SL5504
25
400
IF = 2 mA, VCE = 5 V
SL5500
40
IF = 2 mA, VCE = 5 V, TA = 70°C
SL5500
30
IF = 2 mA, VCE = 5 V,
TA = 25°C to 70°C
SL5501, SL5504
15
IF = 2 mA, VCE = 5 V,
TA = 25°C to 70°C
SL5511
25
IF = 0.5 mA, VCE = 0.4 V,
TA = 25°C to 70°C
SL5511
20
Collector-Emitter
Saturation Voltage
IF = 50 mA, IC = 10 mA
VCE(SAT)
SL5500
0.4
V
IF = 20 mA, IC = 2 mA
SL5501, SL5504,
SL5511
0.4
AC Characteristics
Test Conditions
Symbol
Device
Min
Typ
Max
Units
Saturated Switching Times
Turn-On Time
RL = 1 kΩ, IF = 16 mA, VCC = 5 V
ton
SL5500, SL5501,
SL5511
20
µs
SL5504
50
Turn-Off Time
See Fig. 1 and Fig. 2
toff
SL5500, SL5501,
SL5511
50
µs
SL5504
150


Similar Part No. - SL5501

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SL5501 FAIRCHILD-SL5501 Datasheet
525Kb / 10P
   6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
SL5501 FAIRCHILD-SL5501 Datasheet
524Kb / 10P
   6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
SL5501 FAIRCHILD-SL5501 Datasheet
524Kb / 10P
   6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
More results

Similar Description - SL5501

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
CNX82AW QT-CNX82AW Datasheet
40Kb / 4P
   6-pin phototransistor optocouplers
logo
Fairchild Semiconductor
SL5500 FAIRCHILD-SL5500 Datasheet
525Kb / 10P
   6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
CNX35U FAIRCHILD-CNX35U Datasheet
146Kb / 8P
   6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
SL5500SD FAIRCHILD-SL5500SD Datasheet
524Kb / 10P
   6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
SL5500S FAIRCHILD-SL5500S Datasheet
524Kb / 10P
   6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
SL5582W FAIRCHILD-SL5582W Datasheet
395Kb / 7P
   6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
CNX82A FAIRCHILD-CNX82A_1 Datasheet
390Kb / 7P
   6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
CNX82A FAIRCHILD-CNX82A Datasheet
64Kb / 5P
   6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
logo
ON Semiconductor
H11AV1M ONSEMI-H11AV1M Datasheet
415Kb / 11P
   6-Pin DIP Phototransistor Optocouplers
March, 2020 ??Rev. 2
logo
Fairchild Semiconductor
MOC8204 FAIRCHILD-MOC8204 Datasheet
115Kb / 6P
   GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com