Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SF-0603S315 Datasheet(PDF) 3 Page - Bourns Electronic Solutions

Part # SF-0603S315
Description  SF-0603S Series - Slow Blow Surface Mount Fuses
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SF-0603S315 Datasheet(HTML) 3 Page - Bourns Electronic Solutions

  SF-0603S315 Datasheet HTML 1Page - Bourns Electronic Solutions SF-0603S315 Datasheet HTML 2Page - Bourns Electronic Solutions SF-0603S315 Datasheet HTML 3Page - Bourns Electronic Solutions SF-0603S315 Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SF-0603S Series - Slow Blow Surface Mount Fuses
Average Time Current Curves
Minimum I2T V Clear Time Curves
100
10
1
0.1
0.001
0.01
0.1
1
10
CURRENT (A)
100
0.50 A
3.15 A
0.63 A
3.00 A
0.80 A
2.50 A
1.00 A
2.00 A
4.00 A
5.00 A
1.25 A
1.60 A
1.50 A
100
10
1
0.1
0.01
0.001
0.001
0.01
0.1
CLEARING TIME (S)
1
4.00 A
5.00 A
1.25 A
1.00 A
0.80 A
0.63 A
0.50 A
2.50 A
2.00 A
1.60 A
1.50 A
3.15 A
3.00 A
REV. D 03/13
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.


Similar Part No. - SF-0603S315

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SF-0603S315 BOURNS-SF-0603S315 Datasheet
364Kb / 4P
   Slow Blow Surface Mount Fuses
SF-0603S315 BOURNS-SF-0603S315 Datasheet
368Kb / 4P
   Slow Blow Surface Mount Fuses
SF-0603S315 BOURNS-SF-0603S315 Datasheet
368Kb / 4P
   SinglFuse??SF-0603S Series Features
SF-0603S315 BOURNS-SF-0603S315 Datasheet
384Kb / 5P
   SF-0603S Series - Slow Blow Surface Mount Fuses
SF-0603S315 BOURNS-SF-0603S315 Datasheet
541Kb / 4P
   Slow Blow Surface Mount Fuses
More results

Similar Description - SF-0603S315

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SF-0603S500-2 BOURNS-SF-0603S500-2 Datasheet
384Kb / 5P
   SF-0603S Series - Slow Blow Surface Mount Fuses
SF-0603S-M BOURNS-SF-0603S-M Datasheet
268Kb / 6P
   SF-0603S-M Series - Slow Blow Multilayer Surface Mount Fuses
REV. E 03/21
SF-0402S050-2 BOURNS-SF-0402S050-2 Datasheet
422Kb / 4P
   SF-0402S Series - Slow Blow Surface Mount Fuses
SF-1206S150-2 BOURNS-SF-1206S150-2 Datasheet
353Kb / 4P
   SF-1206S Series - Slow Blow Surface Mount Fuses
SF-1206S125-2 BOURNS-SF-1206S125-2 Datasheet
353Kb / 4P
   SF-1206S Series - Slow Blow Surface Mount Fuses
SF-1206S080-2 BOURNS-SF-1206S080-2 Datasheet
353Kb / 4P
   SF-1206S Series - Slow Blow Surface Mount Fuses
SF-1206S-M BOURNS-SF-1206S-M Datasheet
263Kb / 6P
   SF-1206S-M Series - Slow Blow Multilayer Surface Mount Fuses
REV. F 03/21
SF-0402S-M BOURNS-SF-0402S-M Datasheet
246Kb / 5P
   SF-0402S-M Series - Slow Blow Multilayer Surface Mount Fuses
REV. E 03/21
SF-1206S050-2 BOURNS-SF-1206S050-2 Datasheet
353Kb / 4P
   Slow Blow Surface Mount Fuses
SF-0603S050 BOURNS-SF-0603S050 Datasheet
368Kb / 4P
   Slow Blow Surface Mount Fuses
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com