Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM1206UWC-IL Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # SM1206UWC-IL
Description  SURFACE MOUNT WHITE, 1206 IL PACKAGE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SM1206UWC-IL Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  SM1206UWC-IL Datasheet HTML 1Page - List of Unclassifed Manufacturers SM1206UWC-IL Datasheet HTML 2Page - List of Unclassifed Manufacturers SM1206UWC-IL Datasheet HTML 3Page - List of Unclassifed Manufacturers SM1206UWC-IL Datasheet HTML 4Page - List of Unclassifed Manufacturers SM1206UWC-IL Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
3mm (T1) Package Discrete LEDs
AMBER
Bivar reserves the right to make changes at any time in order to improve design and to supply the best product possible.
Bivar, Inc. — 4 Thomas, Irvine, California 92618, U.S.A.
Phone: (949) 951-8808 Fax: (949) 951-3974 E-mail: bivar@bivar.com Web: www.bivar.com
Rev. A 01/16/08
Page 4 of 4
Bivar reserves the right to make changes at any time in order to improve design and to supply the best product possible.
Bivar, Inc. — 4 Thomas, Irvine, California 92618, U.S.A.
Phone: (949) 951-8808 Fax: (949) 951-3974 E-mail: bivar@bivar.com Web: www.bivar.com
Revision A 03/09
Page 5 of 5
Bivar reserves the right to make changes at any time without notice.
Packaging and Labeling Plan
Desiccant
Internal Quality Control
Bivar Standard Packaging Label
Humidity Indicator
Card
Note: 1 Reel / Bag
Vacuum and Heat Sealed
Clear AntiStatic Poly Bag
X.XXX
X.XXX
Outline Drawings Notes:
1. All dimensions are in inches [millimeters].
2. Standard tolerance unless otherwise noted: X.XXX ± 0.010"
X.X ± 0.1”
SURFACE MOUNT LED
WHITE, 1206 IL PACKAGE


Similar Part No. - SM1206UWC-IL

ManufacturerPart #DatasheetDescription
logo
Bivar, Inc.
SM1206UWC-IL BIVAR-SM1206UWC-IL Datasheet
1Mb / 5P
   SURFACE MOUNT LED WHITE, 1206 IL PACKAGE
Revision B 03/18
More results

Similar Description - SM1206UWC-IL

ManufacturerPart #DatasheetDescription
logo
Bivar, Inc.
SM1206NUWC-IL BIVAR-SM1206NUWC-IL Datasheet
1Mb / 5P
   SURFACE MOUNT LED WHITE, 1206 IL PACKAGE
Revision D 03/18
SM1206UWC-IL BIVAR-SM1206UWC-IL Datasheet
1Mb / 5P
   SURFACE MOUNT LED WHITE, 1206 IL PACKAGE
Revision B 03/18
SM1206NBWC-IL BIVAR-SM1206NBWC-IL Datasheet
1Mb / 5P
   SURFACE MOUNT LED BLUE, 1206 IL PACKAGE
Revision B 06/15
SM1206URC-IL BIVAR-SM1206URC-IL Datasheet
646Kb / 5P
   SURFACE MOUNT LED RED, 1206 IL PACKAGE
Revision A 03/09
SM1206UYC-IL BIVAR-SM1206UYC-IL Datasheet
643Kb / 5P
   SURFACE MOUNT LED YELLOW, 1206 IL PACKAGE
Revision A 03/09
SM1206RC-IL BIVAR-SM1206RC-IL Datasheet
647Kb / 5P
   SURFACE MOUNT LED RED, 1206 IL PACKAGE
Revision A 03/09
SM1206NYC-IL BIVAR-SM1206NYC-IL Datasheet
599Kb / 5P
   SURFACE MOUNT LED YELLOW, 1206 IL PACKAGE
Revision A 06/14
SM1206BWC-IL BIVAR-SM1206BWC-IL Datasheet
645Kb / 5P
   SURFACE MOUNT LED BLUE, 1206 IL PACKAGE
Revision A 03/09
SM1206NAC-IL BIVAR-SM1206NAC-IL Datasheet
588Kb / 5P
   SURFACE MOUNT LED AMBER, 1206 IL PACKAGE
Revision A 06/14
SM1206AC-IL BIVAR-SM1206AC-IL Datasheet
1Mb / 5P
   SURFACE MOUNT LED AMBER, 1206 IL PACKAGE
Revision B 06/22
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com