Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM15T36A Datasheet(PDF) 2 Page - General Semiconductor

Part # SM15T36A
Description  TRANSZORB??SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

SM15T36A Datasheet(HTML) 2 Page - General Semiconductor

  SM15T36A Datasheet HTML 1Page - General Semiconductor SM15T36A Datasheet HTML 2Page - General Semiconductor SM15T36A Datasheet HTML 3Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ELECTRICAL CHARACTERISTICS RATINGS at (TA=25ºC unless otherwise noted)
SM15T6V8A
GDE7
GDE7
5.80
1000
6.45
7.14
10
10.5
143
13.4
746
5.7
SM15T7V5A
GDK7
BDK7
6.40
500
7.13
7.88
10
11.3
132
14.5
690
6.1
SM15T10A
GDT7
BDT7
8.55
10.0
9.50
10.5
1.0
14.5
103
18.6
538
7.3
SM15T12A
GDX7
BDX7
10.2
5.00
11.4
12.6
1.0
16.7
90.0
21.7
461
7.8
SM15T15A
GEG7
GEG7
12.8
5.00
14.3
15.8
1.0
21.2
71.0
27.2
368
8.4
SM15T18A
GEM7
BEM7
15.3
5.00
17.1
18.9
1.0
25.2
59.5
32.5
308
8.8
SM15T22A
GET7
BET7
18.8
5.00
20.9
23.1
1.0
30.6
49.0
39.3
254
9.2
SM15T24A
GEV7
GEV7
20.5
5.00
22.8
25.2
1.0
33.2
45.0
42.8
234
9.4
SM15T27A
GEX7
BEX7
23.1
5.00
25.7
28.4
1.0
37.5
40.0
48.3
207
9.6
SM15T30A
GFE7
BFE7
25.6
5.00
28.5
31.5
1.0
41.5
36.0
53.5
187
9.7
SM15T33A
GFG7
GFG7
28.2
5.00
31.4
34.7
1.0
45.7
33.0
59.0
169
9.8
SM15T36A
GFK7
BFK7
30.8
5.00
34.2
37.8
1.0
49.9
30.0
64.3
156
9.9
SM15T39A
GFM7
BFM7
33.3
5.00
37.1
41.0
1.0
53.9
28.0
69.7
143
10.0
SM15T68A
GGG7
GGG7
58.1
5.00
64.6
71.4
1.0
92.0
16.3
121
83
10.4
SM15T100A
GGV7
GGV7
85.5
5.00
95.0
105
1.0
137
11.0
178
56
10.6
SM15T150A
GHK7
GHK7
128
5.00
143
158
1.0
207
7.20
265
38
10.8
SM15T200A
GHR7
GHR7
171
5.00
190
210
1.0
274
5.50
353
28
10.8
SM15T220A
GHR8
GHR8
188
5.00
209
231
1.0
328
4.60
388
26
10.8
NOTES:
(1) For bi-directional devices add “C” for ±10% and “CA” for ±5% tolerance of VBR
(2) VBR measured after IT applied for 300µs square wave pulse
(3) For bipolar devices with VR=10 Volts or under, the IT limit is doubled
APPLICATION NOTES
A 1500W (SMC) device is normally selected when the threat of transients is from lightning induced transients, conducted via external leads or I/O lines. It is also used to
protect against switching transients induced by large coils or industrial motors. Source impedance at component level in a system is usually high enough to limit the current
within the peak pulse current (IPP) rating of this series. In an overstress condition, the failure mode is a short circuit.
RECOMMENDED PAD SIZES
The pad dimensions should be 0.010” (0.25mm) longer than the contact size, in the lead axis. This allows a solder fillet to form, see figure below. Contact factory for
soldering methods
Type(1)
Device
Marking Code
Uni
Bi
Standoff
Voltage
VRM
(Volts)
Leakage
Current(3)
IRM @ VRM
(
µA)
Breakdown Voltage
VBR @ IT
(2)
(Volts)
Min
Max
Test
Current
IT
(mA)
Clamping Voltage
VC @ IPP
10/1000
µs
(Volts)
(Amps)
α
T
Max
10-4/
°C
Clamping Voltage
VC @ IPP
8/20
µs
(Volts)
(Amps)
0.190 (4.83)
0.125 (3.17)
0.070 (1.78)


Similar Part No. - SM15T36A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SM15T36A STMICROELECTRONICS-SM15T36A Datasheet
189Kb / 5P
   TRANSILTM
SM15T36A STMICROELECTRONICS-SM15T36A Datasheet
125Kb / 9P
   TransilTM
logo
Vishay Siliconix
SM15T36A VISHAY-SM15T36A Datasheet
112Kb / 5P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 21-Oct-08
logo
MDE Semiconductor, Inc.
SM15T36A MDE-SM15T36A Datasheet
157Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Vishay Siliconix
SM15T36A VISHAY-SM15T36A Datasheet
93Kb / 5P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 13-Dec-13
More results

Similar Description - SM15T36A

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
SMBG GE-SMBG Datasheet
77Kb / 4P
   SURFACE MOUNT TRANSZORB??TRANSIENT VOLTAGE SUPPRESSOR
SMCG GE-SMCG Datasheet
103Kb / 5P
   SURFACE MOUNT TRANSZORB??TRANSIENT VOLTAGE SUPPRESSOR
SM6T GE-SM6T Datasheet
55Kb / 3P
   TRANSZORB??SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
TGL41-6.8 GE-TGL41-6.8 Datasheet
57Kb / 4P
   SURFACE MOUNT TRANSZORB??TRANSIENT VOLTAGE SUPPRESSOR
SMAJ530 GE-SMAJ530 Datasheet
37Kb / 2P
   SURFACE MOUNT TRANSZORB??TRANSIENT VOLTAGE SUPPRESSOR
ICTE5.0 GE-ICTE5.0 Datasheet
46Kb / 4P
   TRANSZORB??TRANSIENT VOLTAGE SUPPRESSOR
P4KE530 GE-P4KE530 Datasheet
37Kb / 2P
   TRANSZORB??TRANSIENT VOLTAGE SUPPRESSOR
P6KE68 GE-P6KE68 Datasheet
65Kb / 4P
   TRANSZORB TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
1.5KE6.8 NJSEMI-1.5KE6.8 Datasheet
193Kb / 3P
   TRANSZORB TRANSIENT VOLTAGE SUPPRESSOR
logo
General Semiconductor
1.5KE6.8 GE-1.5KE6.8 Datasheet
66Kb / 6P
   TRANSZORB??TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com