Selected language     English  ā–¼


W005M Datasheet(PDF) 2 Page - Micro Commercial Components

Part No. W005M
Description  1.5 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MCC [Micro Commercial Components]
Homepage  http://www.mccsemi.com
Logo 

   
 2 page
background image
W005M thru W10M
Figure 2
Typical Reverse Characteristics
Instantaneous Reverse Leakage Current - MicroAmperesversus
Percent Of Rated Peak Reverse Voltage - Volts
Volts
.4
.6
2
1
ĀµAmps
20
120
40
60
80
100
.001
.002
.004
.006
.01
.02
.04
.06
.1
.2
4
6
10
140
TJ=25
Ā°C
1
100
4
0
10
20
30
8
Figure 4
Peak Forward Surge Current
Peak Forward Surge Current - Amperesversus
Number Of Cycles At 60Hz - Cycles
Amps
Cycles
2
6
10
20
60 80
40
00
40
50
60
Instantaneous Forward Current - Amperesversus
Instantaneous Forward Voltage - Volts
Figure 1
Typical Forward Characteristics
Volts
4
6
20
10
Amps
.2
1.2
.4
.6
.8
1.0
.01
.02
.04
.06
.1
.2
.4
.6
1
2
TJ=25
Ā°C
40
60
100
1.4
MCC
Revision: B
2013/01/01
Single Phase, Half Wave
60Hz Resistive or Inductive Load
0
Average Forward Rectified Current - Amperes versus
Case Temperature -
Ā°C
Figure 3
Forward Derating Curve
25
50
100
125
150
0
0.3
0.6
0.9
Amps
75
1.2
1.5
1.8
TM
Micro Commercial Components
www.mccsemi.com
2 of 3




Html Pages

1  2  3 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl