Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DR366-2-105 Datasheet(PDF) 1 Page - Datatronic Distribution, Inc.

Part # DR366-2-105
Description  DR366-2 Series Radial Leaded Shielded Inductors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATATRONICS [Datatronic Distribution, Inc.]
Direct Link  http://www.datatronics.com
Logo DATATRONICS - Datatronic Distribution, Inc.

DR366-2-105 Datasheet(HTML) 1 Page - Datatronic Distribution, Inc.

  DR366-2-105 Datasheet HTML 1Page - Datatronic Distribution, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
July 15, 2009
DATATRONIC: 28151 Highway 74, Romoland, CA 92585 Tel: 951-928-7700 Fax: 951-928-7701 Email: ddisales@datatronics.com
499 King’s Road, Hong KongTel: (852) 2562 3858, (852) 2564 8477 Fax: (852) 2565 7214, (852) 2563 1290
All specifications are subject to change without notice.
1
2
SCHEMATIC
Ø .025
0,65
.385 MAX.
9,80
.157 MIN.
4,00
.196
5,00
Ø.358
8,80
1
2
NOTES:
1.) All dimensions are in inches/mm
2.) Tolerance: .012/0.30
3.) DR366-2-222 to DR366-2-682 inductance tolerance is ±20%,
DR366-2-103 to DR366-2-155 inductance tolerance is ±10%
4.) For non-RoHs parts, replace DR prefix with 42- (e.G. DR366-2-473 becomes 42-366-2-473)
5.) Terminal finish is compliant to RoHs requirements
6.) Isat is the current level when the inductance drops 20% from its initial value
7.) Irms is the current level when the part reaches a temperature rise of 25°C
DR366-2 Series Radial Leaded Shielded Inductors
Features
Height: 9.8mm Max
Inductance Range: 2.2µH – 1.5mH
Non-RoHS Versions are Available (Note 4)
Meets UL 94V-0
ELECTRICAL SPECIFICATIONS AT 25ºC
OPERATING TEMPERATURE -20°C to +80°C
Part Number
Inductance (µH)
@1kHz
Q Min.
Q Test Freq.
SRF
(MHz) Ref.
DCR (Ω)
Max.
Rated Current
(A) Max. I sat
Rated Current
(A) Max. I rms
DR366-2-222
2.2
10
7.96MHz
60
0.011
5.50
4.00
DR366-2-332
3.3
10
7.96MHz
38
0.013
3.80
3.40
DR366-2-472
4.7
10
7.96MHz
30
0.017
3.70
3.00
DR366-2-682
6.8
10
7.96MHz
24
0.023
2.80
2.60
DR366-2-103
10
20
2.52MHz
19
0.031
2.50
2.20
DR366-2-153
15
20
2.52MHz
15
0.042
2.00
1.90
DR366-2-223
22
20
2.52MHz
12
0.07
1.60
1.50
DR366-2-333
33
20
2.52MHz
10
0.092
1.30
1.20
DR366-2-473
47
20
2.52MHz
8.2
0.13
1.10
1.00
DR366-2-683
68
20
2.52MHz
6.6
0.16
0.91
0.97
DR366-2-104
100
15
796kHz
5.4
0.23
0.75
0.81
DR366-2-154
150
15
796kHz
4.3
0.4
0.60
0.61
DR366-2-224
220
15
796kHz
3.5
0.53
0.50
0.53
DR366-2-334
330
15
796kHz
2.8
0.78
0.41
0.44
DR366-2-474
470
10
796kHz
2.3
1.0
0.34
0.39
DR366-2-684
680
10
796kHz
1.9
1.5
0.28
0.32
DR366-2-105
1000
20
252kHz
1.5
2.2
0.23
0.26
DR366-2-155
1500
30
252kHz
1.2
3.5
0.18
0.21
MECHANICAL OUTLINE


Similar Part No. - DR366-2-105

ManufacturerPart #DatasheetDescription
logo
Datatronic Distribution...
DR366-2-105 DATATRONICS-DR366-2-105 Datasheet
110Kb / 2P
   Radial Leaded Shielded Inductors
More results

Similar Description - DR366-2-105

ManufacturerPart #DatasheetDescription
logo
Datatronic Distribution...
DR366-1 DATATRONICS-DR366-1 Datasheet
101Kb / 1P
   DR366-1 Series Radial Leaded Shielded Inductors
DR366-3 DATATRONICS-DR366-3 Datasheet
102Kb / 1P
   DR366-3 Series Radial Leaded Shielded Inductors
DR366-2-222 DATATRONICS-DR366-2-222 Datasheet
110Kb / 2P
   Radial Leaded Shielded Inductors
DR366-1-102 DATATRONICS-DR366-1-102 Datasheet
111Kb / 2P
   Radial Leaded Shielded Inductors
DR366-3-332 DATATRONICS-DR366-3-332 Datasheet
111Kb / 2P
   Radial Leaded Shielded Inductors
DR217-2 DATATRONICS-DR217-2_14 Datasheet
74Kb / 2P
   DR217-2 SERIES RADIAL LEADED INDUCTORS
logo
Taiyo Yuden (U.S.A.), I...
LHL13TB332J TAIYO-YUDEN-LHL13TB332J Datasheet
522Kb / 20P
   RADIAL LEADED INDUCTORS
LHL08TB272J TAIYO-YUDEN-LHL08TB272J Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHL08TB331K TAIYO-YUDEN-LHL08TB331K Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHL08TB390K TAIYO-YUDEN-LHL08TB390K Datasheet
137Kb / 1P
   Radial Leaded Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com