Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFR3706CPBF Datasheet(PDF) 3 Page - International Rectifier

Part # IRFR3706CPBF
Description  High Frequency Isolated DC-DC
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFR3706CPBF Datasheet(HTML) 3 Page - International Rectifier

  IRFR3706CPBF Datasheet HTML 1Page - International Rectifier IRFR3706CPBF Datasheet HTML 2Page - International Rectifier IRFR3706CPBF Datasheet HTML 3Page - International Rectifier IRFR3706CPBF Datasheet HTML 4Page - International Rectifier IRFR3706CPBF Datasheet HTML 5Page - International Rectifier IRFR3706CPBF Datasheet HTML 6Page - International Rectifier IRFR3706CPBF Datasheet HTML 7Page - International Rectifier IRFR3706CPBF Datasheet HTML 8Page - International Rectifier IRFR3706CPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
IRFR/U3706CPbF
www.irf.com
3
Fig 4. Normalized On-Resistance
Vs. Temperature
Fig 2. Typical Output Characteristics
Fig 1. Typical Output Characteristics
Fig 3. Typical Transfer Characteristics
10
100
1000
0.1
1
10
100
20µs PULSE WIDTH
T = 25 C
J
°
TOP
BOTTOM
VGS
10V
4.5V
3.7V
3.5V
3.3V
3.0V
2.7V
2.5V
V
, Drain-to-Source Voltage (V)
DS
2.5V
10
100
1000
0.1
1
10
100
20µs PULSE WIDTH
T = 175 C
J
°
TOP
BOTTOM
VGS
10V
4.5V
3.7V
3.5V
3.3V
3.0V
2.7V
2.5V
V
, Drain-to-Source Voltage (V)
DS
2.5V
10
100
1000
2.5
3.5
4.5
5.5
6.5
V
= 15V
20µs PULSE WIDTH
DS
V
, Gate-to-Source Voltage (V)
GS
T = 25 C
J
°
T = 175 C
J
°
-60 -40 -20
0
20 40 60 80 100 120 140 160 180
0.0
0.5
1.0
1.5
2.0
T , Junction Temperature ( C)
J
°
V
=
I =
GS
D
10V
71A


Similar Part No. - IRFR3706CPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFR3706CPBF IRF-IRFR3706CPBF Datasheet
254Kb / 10P
   SMPS MOSFET
logo
Kersemi Electronic Co.,...
IRFR3706CPBF KERSEMI-IRFR3706CPBF Datasheet
3Mb / 10P
   SMPS MOSFET
IRFR3706CPBF KERSEMI-IRFR3706CPBF Datasheet
3Mb / 10P
   SMPS MOSFET
IRFR3706CPBF KERSEMI-IRFR3706CPBF Datasheet
3Mb / 10P
   High Frequency Isolated DC-DC Converters
More results

Similar Description - IRFR3706CPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7469TRPBF IRF-IRF7469TRPBF Datasheet
131Kb / 8P
   High Frequency Isolated DC-DC
IRFR3706LPBF IRF-IRFR3706LPBF Datasheet
226Kb / 11P
   High Frequency Isolated DC-DC
IRLR3714TRPBF IRF-IRLR3714TRPBF Datasheet
228Kb / 11P
    High Frequency Isolated DC-DC
logo
Kersemi Electronic Co.,...
IRFR3706CTRR KERSEMI-IRFR3706CTRR Datasheet
3Mb / 10P
   High Frequency Isolated DC-DC Converters
logo
International Rectifier
IRF3708PBF IRF-IRF3708PBF_15 Datasheet
283Kb / 11P
   High Frequency DC-DC Isolated Converters
logo
Kersemi Electronic Co.,...
IRF3708 KERSEMI-IRF3708 Datasheet
1Mb / 10P
   High Frequency DC-DC Isolated Converters
IRFR3704 KERSEMI-IRFR3704 Datasheet
816Kb / 9P
   High Frequency DC-DC Isolated Converters with Synchronous Rectification
logo
International Rectifier
IRFB41N15DPBF IRF-IRFB41N15DPBF_15 Datasheet
343Kb / 13P
   High frequency DC-DC converters
IRFB59N10DPBF IRF-IRFB59N10DPBF_15 Datasheet
233Kb / 12P
   High frequency DC-DC converters
IRFR9N20DPBF IRF-IRFR9N20DPBF_15 Datasheet
231Kb / 11P
   High frequency DC-DC converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com