Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

101600560001 Datasheet(PDF) 1 Page - ERNI Electronics

Part # 101600560001
Description  F04 MSpeed BlindMate 50 THR
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERNI [ERNI Electronics]
Direct Link  http://www.erni.com
Logo ERNI - ERNI Electronics

101600560001 Datasheet(HTML) 1 Page - ERNI Electronics

  101600560001 Datasheet HTML 1Page - ERNI Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Anforderungsstufe 1
Performance Level 1
Kontaktbereich vergoldet
Mating Area gold plating
Anschlussbereich verzinnt 4-6µm
Terminal Area 4-6µm tin plating
Koplanarität der Anschlüsse 0,1mm
Coplanarity Area of Termination
0,1mm
Abspulrichtung -
Reel off Direction
330
150
44,5
Verpackungseinheit: 400 Stück -
Verpackt in Gurtverpackung
-
Tape on Reel Packaging
Packaging unit: 400 pcs
07.09.2010
a
A3
Class
K
www.ERNI.com
Index
MSPEED
F04 MSpeed BlindMate 50 THR
101600560001
before using.
contact one of the ERNI companies
version of this drawing, please
Drawing will not be updated.
Designation
in mm
All Dimensions
Scale
Tolerances
Information:
5:1
All rights reserved.
Only for Information.
To ensure that this is the latest
Subject to modification without
prior notice.
Date
1.) Durchmesser des Bohrers /
Drill tool
Ansaughaube
hood
26
6,5
0,6
0,5
a25
a1
b1
b25
25,3
27,4
1
24 x 1 = 24
5,5
0,8
4,15
Leiterplatten-Layout Vorschlag /
PCB-Layout Proposal
3
±0,03
0,7
26
±0,03
1
1
24
24 x 1 =
0,5
24
8 x 3 =
1
0,9
0,6 ±0,05
a1
16


Similar Part No. - 101600560001

ManufacturerPart #DatasheetDescription
logo
SICK AG
1016005 SICK-1016005 Datasheet
1Mb / 8P
   CONTRAST SENSORS
More results

Similar Description - 101600560001

ManufacturerPart #DatasheetDescription
logo
ERNI Electronics
100101780001 ERNI-100101780001 Datasheet
127Kb / 1P
   F04 MSpeed BlindMate 50 THR
354175 ERNI-354175 Datasheet
97Kb / 1P
   F04 MSpeed BlindMate 50 THR
100101750001 ERNI-100101750001 Datasheet
133Kb / 1P
   F04 MSpeed BlindMate 50 SMD
101200560001 ERNI-101200560001 Datasheet
134Kb / 1P
   F04 MSpeed BlindMate 50 SMD
254876 ERNI-254876 Datasheet
102Kb / 1P
   F04 MSpeed BlindMate 50 SMD
DC0000099 ERNI-DC0000099 Datasheet
97Kb / 1P
   F04 MSpeed BlindMate 50 SMD
DC0000098 ERNI-DC0000098 Datasheet
102Kb / 1P
   F04 MSpeed BlindMate 50 SMD
354177 ERNI-354177 Datasheet
98Kb / 1P
   F06 MSpeed BlindMate 50 THR
354181 ERNI-354181 Datasheet
98Kb / 1P
   F10 MSpeed BlindMate 50 THR
DC0000103 ERNI-DC0000103 Datasheet
98Kb / 1P
   F08 MSpeed BlindMate 50 THR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com