Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6295CVZ Datasheet(PDF) 4 Page - Intersil Corporation

Part # ISL6295CVZ
Description  Low Voltage Fuel Gauge
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6295CVZ Datasheet(HTML) 4 Page - Intersil Corporation

  ISL6295CVZ Datasheet HTML 1Page - Intersil Corporation ISL6295CVZ Datasheet HTML 2Page - Intersil Corporation ISL6295CVZ Datasheet HTML 3Page - Intersil Corporation ISL6295CVZ Datasheet HTML 4Page - Intersil Corporation ISL6295CVZ Datasheet HTML 5Page - Intersil Corporation ISL6295CVZ Datasheet HTML 6Page - Intersil Corporation ISL6295CVZ Datasheet HTML 7Page - Intersil Corporation ISL6295CVZ Datasheet HTML 8Page - Intersil Corporation ISL6295CVZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
4
FN9074.2
February 8, 2011
Functional Pin Descriptions
GPAD/IO1 (Pin 1)
General purpose A/D input or general purpose input/output
pin. Grounded if not used.
VP (Pin 2)
Cell input connection for the positive terminal of the Li-Ion
cell. Connects to the positive terminal of 1-cell series packs.
VP serves as the power supply input for the ISL6295.
SCL (Pin 3)
SMBus/I2C™ clock line connection
SDA (Pin 4)
SMBus/I2C™ data line connection
ROSC (Pin 5)
External bias resistor. 221k
Ω (±0.1%) oscillator reference
setting resistor connected between this pin and GND.
NTC/IO0 (Pin 6)
Connection for an external temperature sensor using a
thermistor. Can also be configured as an open drain general
purpose input/output pin. Grounded if not used.
GND (Pin 7)
Analog and digital ground
SR (Pin 8)
Current measurement A/D input. Connects to the other
terminal of a grounded current sense resistor.
Theory of Operation
The ISL6295 contains a complete analog "front-end" for
battery monitoring as well as digital logic for control,
measurement accumulation, timing, and communications.
Major functions within the ISL6295 include:
• Voltage Regulator
• Precision Time Base
• Temperature Sensor
• 256 Byte NV-EEPROM
• 32 Byte general purpose SRAM
• Analog-to-Digital (A/D) Converter
• 32-bit Accumulators/Timers
•SMBus/I2C™ Communications Interface
Figure 2 is a block diagram of the internal circuitry of the
ISL6295. Figure 1 is a schematic diagram that depicts the
ISL6295 in a typical single cell Lithium-ion application. The
function of each of the blocks listed above is summarized in
the following sections.
FIGURE 1. ISL6295 APPLICATIONS SCHEMATIC
R5
0.020 1%
GPAD
1
VP
2
SCL
3
SDA
4
ROSC
5
NTC
6
GND
7
SR
8
U1
ISL6295
2
3
6
7
Q1
SI6880EDQ
R4
221K 0.1%
PLACE THERMAL
FUSE NEXT TO Q1
ON PCB LAYOUT
R6
680
R7
680
C2
100nF
C3
1.0nF
F1
D1
CMSZDA5V6
R2
1K
R1
1K
C1
100nF
1
Cell +
1
J2
Cell -
1
J3B+
1
J4 C
1
J5D
1
J6 B
DOUT
1
VDD
5
VSS
6
DS
4
COUT
3
V-
2
U2
MM3077DN
t
RT1
THERMISTOR
Note: Connect NTC pin to ground if thermister is not used
ISL6295


Similar Part No. - ISL6295CVZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6295CVZ RENESAS-ISL6295CVZ Datasheet
965Kb / 25P
   Low Voltage Fuel Gauge
ISL6295CVZ-T RENESAS-ISL6295CVZ-T Datasheet
965Kb / 25P
   Low Voltage Fuel Gauge
More results

Similar Description - ISL6295CVZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6295 INTERSIL-ISL6295 Datasheet
387Kb / 25P
   Low Voltage Fuel Gauge
logo
Renesas Technology Corp
ISL6295 RENESAS-ISL6295 Datasheet
965Kb / 25P
   Low Voltage Fuel Gauge
logo
Maxim Integrated Produc...
DS2780 MAXIM-DS2780_09 Datasheet
492Kb / 31P
   Standalone Fuel Gauge IC
5/09
logo
Texas Instruments
BQ34Z100-G1 TI1-BQ34Z100-G1 Datasheet
1Mb / 65P
[Old version datasheet]   Wide Range Fuel Gauge
logo
Maxim Integrated Produc...
DS2751 MAXIM-DS2751_V01 Datasheet
253Kb / 19P
   Multichemistry Battery Fuel Gauge
2007
MAX17047 MAXIM-MAX17047 Datasheet
3Mb / 47P
   ModelGauge m3 Fuel Gauge
Rev 2; 4/12
logo
ON Semiconductor
LC709203F ONSEMI-LC709203F Datasheet
911Kb / 23P
   Smart LiB Gauge Battery Fuel Gauge LSI
March 2015- Rev. 8
LC709203F ONSEMI-LC709203F_16 Datasheet
1Mb / 22P
   Smart LiB Gauge Battery Fuel Gauge LSI
June 2016 - Rev. 9
logo
Texas Instruments
BQ27520-G1 TI1-BQ27520-G1_15 Datasheet
1,022Kb / 49P
[Old version datasheet]   Fuel Gauge With Integrated LDO
logo
Silicon Mitus, Inc.
SM5603 SILICONMITUS-SM5603 Datasheet
589Kb / 2P
   Fuel Gauge for Battery Pack
July 2021 Rev0.0.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com