Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6295 Datasheet(PDF) 2 Page - Intersil Corporation

Part # ISL6295
Description  Low Voltage Fuel Gauge
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6295 Datasheet(HTML) 2 Page - Intersil Corporation

  ISL6295 Datasheet HTML 1Page - Intersil Corporation ISL6295 Datasheet HTML 2Page - Intersil Corporation ISL6295 Datasheet HTML 3Page - Intersil Corporation ISL6295 Datasheet HTML 4Page - Intersil Corporation ISL6295 Datasheet HTML 5Page - Intersil Corporation ISL6295 Datasheet HTML 6Page - Intersil Corporation ISL6295 Datasheet HTML 7Page - Intersil Corporation ISL6295 Datasheet HTML 8Page - Intersil Corporation ISL6295 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
2
FN9074.2
February 8, 2011
Absolute Maximum Ratings
Supply Voltage VP . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to 10V
Input Voltage or IO Voltage . . . . . . . . . . . . . . . . . . . . . . . -0.5V to 7V
Recommended Operating Conditions
Ambient Temperature Range . . . . . . . . . . . . . . . . . . . .-20°C to 85°C
Operating Supply Voltage (VP Pin) . . . . . . . . . . . . . . . . . 2.8V to 7V
Thermal Information
Thermal Resistance (Typical, Note 1)
θJA (°C/W)
TSSOP Package . . . . . . . . . . . . . . . . . . . . . . . . . . .
115
Maximum Junction Temperature (Plastic Package) . . . . . . . . 120°C
Maximum Storage Temperature Range . . . . . . . . . . . -35°C to 120°C
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . . 300°C
CAUTION: Stress above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational section of this specification is not implied.
NOTE:
1.
θ
JA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
Electrical Specifications
Typical Values Are Tested at VP = 5V and ambient temperature is at 25°C, All Maximum and Minimum Values
Are Guaranteed Under the Recommended Operating Conditions., Unless Otherwise Noted.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
DC CHARACTERISTICS
Supply Voltage
VP
For SMBus and register access
2.8
7.0
V
For EEPROM write
3.3
7.0
V
For guaranteed analog parametrics
3.0
7.0
V
Supply Current Run Mode
IDD
A/D Active (Note 1)
85
120
μA
Supply Current Sample Mode
IDDINS
A/D Inactive (Notes 1, 2)
45
85
μA
Supply Current Sample - Sleep Mode
IDDSLP
Sample -Sleep Mode (Note 1)
20
40
μA
Supply Current Shelf Sleep Mode
IDDSSLP
Shelf Sleep Mode (Note 1)
400
800
nA
Input Low Voltage IO0, IO1
VIL
0.6
V
Input High Voltage IO0, IO1
VIH
2.4
V
GPIO Input Low Current Pull-up mode
IIL-IO0PU
7
μA
Leakage Current IO pin programmed
as outputs or inputs without pullup
IL-IO
1
600
nA
Output low voltage for IO0, IO1
VOL-IO
IOL = 0.5mA
0.4
V
Output high voltage for IO0 configured
as push-pull
VOH-IO
IOH = 100μA2.1
V
Thermistor Output Current
INTC
ROSC = 221k
Ω ± 0.1%
8
13
16
μA
Input Low Voltage for SMBus pins
VIL-SMB
0.8
V
Input High Voltage for SMBus pins
VIH-SMB
2.0
5.5
V
Output Low Voltage for SMBus pins
VOL-SMB
IPULLUP = 4mA
0.4
V
Output High Voltage for SMBus pins
VOH-SMB
(Note 3)
2.1
5.5
V
Input leakage current SMBus pins
ILEAK-SMB
-5.0
+5.0
μA
AC CHARACTERISTICS (TA = -20°C to +85°C; VP = 3.0V to 7.0V; ROSC = 221kΩ ± 0.1%)
Internal main oscillator frequency
fRC
ROSC = 221k
Ω ± 0.1%
130.8
131.5
132.2
kHz
Internal auxiliary oscillator frequency
fAUX
118
131
144
kHz
Accumulator Time Base Accuracy
(internal 2Hz clock)
fACC
During Run and Sample mode
(Note 3)
-0.6
+0.6
%
During Sample-Sleep mode (Note 3)
-10
+10
%
Internal A/D operating clock
fA/D
(Note 3)
fRC/4
kHz
Power-on-Reset Threshold
VPOR
Voltage at VP
2.4
2.75
V
Delay to entry of Shelf-Sleep mode
tSHELF
(Shent = 1 or VP < VPtrip) and (SDA
and SCL go low)
10
ms
ISL6295


Similar Part No. - ISL6295

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6295 INTERSIL-ISL6295 Datasheet
387Kb / 25P
   Low Voltage Fuel Gauge
logo
Renesas Technology Corp
ISL6295 RENESAS-ISL6295 Datasheet
965Kb / 25P
   Low Voltage Fuel Gauge
logo
Intersil Corporation
ISL6295CV INTERSIL-ISL6295CV Datasheet
387Kb / 25P
   Low Voltage Fuel Gauge
logo
Renesas Technology Corp
ISL6295CV RENESAS-ISL6295CV Datasheet
965Kb / 25P
   Low Voltage Fuel Gauge
logo
Intersil Corporation
ISL6295CV-T INTERSIL-ISL6295CV-T Datasheet
387Kb / 25P
   Low Voltage Fuel Gauge
More results

Similar Description - ISL6295

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6295 INTERSIL-ISL6295 Datasheet
387Kb / 25P
   Low Voltage Fuel Gauge
logo
Renesas Technology Corp
ISL6295 RENESAS-ISL6295 Datasheet
965Kb / 25P
   Low Voltage Fuel Gauge
logo
Maxim Integrated Produc...
DS2780 MAXIM-DS2780_09 Datasheet
492Kb / 31P
   Standalone Fuel Gauge IC
5/09
logo
Texas Instruments
BQ34Z100-G1 TI1-BQ34Z100-G1 Datasheet
1Mb / 65P
[Old version datasheet]   Wide Range Fuel Gauge
logo
Maxim Integrated Produc...
DS2751 MAXIM-DS2751_V01 Datasheet
253Kb / 19P
   Multichemistry Battery Fuel Gauge
2007
MAX17047 MAXIM-MAX17047 Datasheet
3Mb / 47P
   ModelGauge m3 Fuel Gauge
Rev 2; 4/12
logo
ON Semiconductor
LC709203F ONSEMI-LC709203F Datasheet
911Kb / 23P
   Smart LiB Gauge Battery Fuel Gauge LSI
March 2015- Rev. 8
LC709203F ONSEMI-LC709203F_16 Datasheet
1Mb / 22P
   Smart LiB Gauge Battery Fuel Gauge LSI
June 2016 - Rev. 9
logo
Texas Instruments
BQ27520-G1 TI1-BQ27520-G1_15 Datasheet
1,022Kb / 49P
[Old version datasheet]   Fuel Gauge With Integrated LDO
logo
Silicon Mitus, Inc.
SM5603 SILICONMITUS-SM5603 Datasheet
589Kb / 2P
   Fuel Gauge for Battery Pack
July 2021 Rev0.0.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com