Electronic Components Datasheet Search |
|
KC-J2A Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers |
|
KC-J2A Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers |
5 / 13 page Application notes N°101 DERATING OF CONTACTS FOR DC VOLTAGES ABOVE NOMINAL RATING To establish a standard for the derating of relay contacts is, at best, a subjective practice. Limitations are governed by the type of relay, contact gap, maximum voltage capabilities of the relay contact system, and the contact material. The most common method is to derate the contacts by use of the Power Formula, using the known current and voltage. This method is valid only for Resistive Loads, and is an approximation only; keeping in mind the limitations mentioned above. Power = IE (Current x Voltage) I2 E2 = 2/3 I1E1 Example: A designer is working with a 55 volt DC system and has a relay rated at 10 amps resistive at 28 volts DC. What is the maximum current that can be switched at 55 Vdc. I1 = 10 Amperes E1 = 28 VDC E2 = 55 VDC I2 = ? (Current ratings at 55 VDC Resistive) I2 E2 = 2 I1 E1/3 I2 = 2 I1 E1/E23 = 2 (10 x 28)/55 x 3 = 560/165 I2 = 3.4 Amperes at 55VDC In addition, the user should always be concerned about the following: 1. Derating contacts that are rated for less than 10 Amperes at nominal voltage. 2. Derating contacts for use in system voltages above 130 Volts DC Date of issue: 6/00 - 14 - Page 1 of 1 |
Similar Part No. - KC-J2A |
|
Similar Description - KC-J2A |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |