Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KC-J2A Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # KC-J2A
Description  RELAY - NONLATCH 3 PDT, 25 AMP
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

KC-J2A Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button KC-J2A Datasheet HTML 3Page - List of Unclassifed Manufacturers KC-J2A Datasheet HTML 4Page - List of Unclassifed Manufacturers KC-J2A Datasheet HTML 5Page - List of Unclassifed Manufacturers KC-J2A Datasheet HTML 6Page - List of Unclassifed Manufacturers KC-J2A Datasheet HTML 7Page - List of Unclassifed Manufacturers KC-J2A Datasheet HTML 8Page - List of Unclassifed Manufacturers KC-J2A Datasheet HTML 9Page - List of Unclassifed Manufacturers KC-J2A Datasheet HTML 10Page - List of Unclassifed Manufacturers KC-J2A Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
3. Calculation of coil temperature rise when R initial and R final are known:
Delta T = (234.5 + T1) (R2/R1 - 1)
Delta T = Temperature rise (°C)
T1 = Initial temperature (°C)
R1 = Initial resistance (Ohms)
R2 = Final resistance (Ohms)
R2 = K2R1
Temperature can also be found by making the R2/R1 ratio = the
coefficient of correction graph in Fig. 2, and then finding the corresponding temperature.
TEMPERATURE CORRECTION CHART FOR RESISTANCE
Fig. 2
EXAMPLE:
Catalog indicates coil resistance of 290 ohm at 25°C. What is the value at 125°C?
From the chart: 290 x 1.39 = 403.31 Ohms.
Date of issue: 6/00
- 16 -
Page 2 of 2


Similar Part No. - KC-J2A

ManufacturerPart #DatasheetDescription
logo
Leach International Cor...
KC-J2A-XXX LEACH-KC-J2A-XXX Datasheet
644Kb / 5P
   RELAY – NONLATCH 3PDT, 25 AMP
More results

Similar Description - KC-J2A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KC-D1A-300L ETC2-KC-D1A-300L Datasheet
759Kb / 13P
   RELAY - NONLATCH 3 PDT, 25 AMP
F600-D4N ETC2-F600-D4N Datasheet
796Kb / 15P
   RELAY - NONLATCH 6 PDT, 10 AMP
logo
Leach International Cor...
J-SERIES LEACH-J-SERIES Datasheet
597Kb / 5P
   RELAY – NONLATCH 2 PDT, 12 AMP
9274 LEACH-9274 Datasheet
697Kb / 6P
   RELAY – NONLATCH 4 PDT, 15 AMP
J-A1A LEACH-J-A1A Datasheet
597Kb / 5P
   RELAY – NONLATCH 2 PDT, 12 AMP
K-A1A LEACH-K-A1A Datasheet
585Kb / 5P
   RELAY – NONLATCH 4 PDT, 12 AMP
KCL LEACH-KCL Datasheet
988Kb / 5P
   RELAY – LATCHING 3 PDT, 25 AMP
KC-D1A LEACH-KC-D1A Datasheet
644Kb / 5P
   RELAY – NONLATCH 3PDT, 25 AMP
logo
List of Unclassifed Man...
KDA-E4E ETC2-KDA-E4E Datasheet
656Kb / 11P
   RELAY - NONLATCH 3 PST/NO AUX, 25 AMP
KD-D4N-103 ETC2-KD-D4N-103 Datasheet
773Kb / 13P
   RELAY - NONLATCH 3 PST/NO AUX, 25 AMP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com