Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KSD986YS Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # KSD986YS
Description  Low Frequency Power Amplifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KSD986YS Datasheet(HTML) 1 Page - Fairchild Semiconductor

  KSD986YS Datasheet HTML 1Page - Fairchild Semiconductor KSD986YS Datasheet HTML 2Page - Fairchild Semiconductor KSD986YS Datasheet HTML 3Page - Fairchild Semiconductor KSD986YS Datasheet HTML 4Page - Fairchild Semiconductor KSD986YS Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
©2000 Fairchild Semiconductor International
Rev. A, February 2000
NPN Epitaxial Silicon Darlington Transistor
Absolute Maximum Ratings T
C=25°C unless otherwise noted
* PW
≤300µs, Duty Cycle10%
Electrical Characteristics T
C=25°C unless otherwise noted
* Pulse Test: PW
≤350µs, Duty Cycle≤2%
hFE Classification
Symbol
Parameter
Value
Units
VCBO
Collector-Base Voltage
150
V
VCEO
Collector-Emitter Volage
: KSD985
: KSD986
60
80
V
V
VEBO
Emitter-Base Voltage
8.0
V
IC
Collector Current (DC)
1.5
A
ICP
*Collector Current (Pulse)
3.0
A
IB
Base Current
0.15
A
PC
Collector Dissipation (Ta=25°C)
1.0
W
PC
Collector Dissipation (TC=25°C)
10
W
TJ
Junction Temperature
150
°C
TSTG
Storage Temperature
- 55 ~ 150
°C
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Units
ICBO
Collector Cut-off Current
VCB = 60V, IE = 0
10
µA
ICER
Collector Cut-off Current
VCE = 60V, RBE = 51Ω
@ TC = 125°C
1.0
mA
ICEX1
ICEX2
Collector Cut-off Current
VCE = 60V, VBE(off) = -1.5A
VCE = 60V, VBE(off) = -1.5A
@ TC = 125°C
10
1.0
µA
mA
IEBO
Emitter Cut-off Current
VEB = 5V, IC = 0
1.0
mA
hFE1
hFE2
*DC Current Gain
VCE = 2V, IC = 0.5A
VCE = 2V, IC = 1A
1000
2000
30000
VCE(sat)
*Collector-Emitter Saturation Voltage
IC = 1A, IB = 1mA
1.5
V
VBE(sat)
*Base-Emitter Saturation Voltage
IC = 1A, IB = 1mA
2.0
V
tON
Turn ON Time
VCC = 50V, IC = 1A
IB1 = - IB2 = 1mA
RL = 50Ω
0.5
µs
tSTG
Storage Time
1.0
µs
tF
Fall Time
1.0
µs
Classification
R
O
Y
hFE2
2000 ~ 5000
4000 ~ 10000
8000 ~ 30000
KSD985/986
Low Frequency Power Amplifier
• Low Speed Switching Industrial Use
1
TO-126
1. Emitter
2.Collector
3.Base


Similar Part No. - KSD986YS

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KSD986 SAMSUNG-KSD986 Datasheet
182Kb / 6P
   NPN (LOW FREQUENCY POWER AMPLIFIER LOW SPEED SWITCHING INDUSTRIAL USE)
logo
Fairchild Semiconductor
KSD986 FAIRCHILD-KSD986 Datasheet
50Kb / 5P
   Audio Frequency Power Amplifier
logo
Inchange Semiconductor ...
KSD986 ISC-KSD986 Datasheet
141Kb / 2P
   isc Silicon NPN Darlington Power Transistor
More results

Similar Description - KSD986YS

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KSB1366 FAIRCHILD-KSB1366 Datasheet
50Kb / 4P
   LOW FREQUENCY POWER AMPLIFIER
KSB834W FAIRCHILD-KSB834W Datasheet
28Kb / 3P
   Low Frequency Power Amplifier
KSD1589 FAIRCHILD-KSD1589 Datasheet
44Kb / 4P
   Low Frequency Power Amplifier
KSD261 FAIRCHILD-KSD261 Datasheet
38Kb / 4P
   Low Frequency Power Amplifier
KSD568 FAIRCHILD-KSD568 Datasheet
42Kb / 4P
   Low Frequency Power Amplifier
logo
Hitachi Semiconductor
2SJ48 HITACHI-2SJ48 Datasheet
192Kb / 3P
   LOW FREQUENCY POWER AMPLIFIER
2SB1401 HITACHI-2SB1401 Datasheet
34Kb / 5P
   Low frequency power amplifier
2SB856 HITACHI-2SB856 Datasheet
323Kb / 2P
   LOW FREQUENCY POWER AMPLIFIER
logo
Fairchild Semiconductor
KSC3488 FAIRCHILD-KSC3488 Datasheet
39Kb / 4P
   Low Frequency Power Amplifier
KSB1015YTU FAIRCHILD-KSB1015YTU Datasheet
55Kb / 4P
   Low Frequency Power Amplifier
logo
Unisonic Technologies
TA8227AP UTC-TA8227AP_15 Datasheet
333Kb / 9P
   LOW FREQUENCY POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com