Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCC161-22I01 Datasheet(PDF) 6 Page - IXYS Corporation

Part # MCC161-22I01
Description  High Voltage Thyristor Module
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

MCC161-22I01 Datasheet(HTML) 6 Page - IXYS Corporation

  MCC161-22I01 Datasheet HTML 1Page - IXYS Corporation MCC161-22I01 Datasheet HTML 2Page - IXYS Corporation MCC161-22I01 Datasheet HTML 3Page - IXYS Corporation MCC161-22I01 Datasheet HTML 4Page - IXYS Corporation MCC161-22I01 Datasheet HTML 5Page - IXYS Corporation MCC161-22I01 Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
MCC161-22io1
t[s]
Z
thJC
[K/W]
10-3
10-2
10-1
100
101
102
0.0
0.1
0.2
0.3
Fig. 8 Transient thermal impedance junction to case at various conduction angles
R
thJC for various conduction angles d:
d
R
thJC [K/W]
DC
0.155
180°
0.171
120°
0.184
60°
0.222
30°
0.294
Constants for Z
thJC calculation:
i
R
thi [K/W]
t
i [s]
1
0.012
0.00014
2
0.008
0.019
3
0.030
0.180
4
0.073
0.520
5
0.032
1.600
DC
180°
120°
60°
30°
Thyristor
IXYS reserves the right to change limits, conditions and dimensions.
20131126a
Data according to IEC 60747and per semiconductor unless otherwise specified
© 2013 IXYS all rights reserved


Similar Part No. - MCC161-22I01

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
MCC161-22IO1 IXYS-MCC161-22IO1 Datasheet
92Kb / 3P
   High Voltage Thyristor Module
MCC161-22IO1 IXYS-MCC161-22IO1 Datasheet
220Kb / 6P
   High Voltage Thyristor Module
More results

Similar Description - MCC161-22I01

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
MCC161 IXYS-MCC161 Datasheet
92Kb / 3P
   High Voltage Thyristor Module
MCNA180P2200YA IXYS-MCNA180P2200YA Datasheet
209Kb / 5P
   High Voltage Thyristor Module
MCC161-22IO1 IXYS-MCC161-22IO1 Datasheet
220Kb / 6P
   High Voltage Thyristor Module
MCC224-20IO1 IXYS-MCC224-20IO1 Datasheet
325Kb / 6P
   High Voltage Thyristor Module
MCC224-22IO1 IXYS-MCC224-22IO1 Datasheet
325Kb / 6P
   High Voltage Thyristor Module
MCNA55P2200TA IXYS-MCNA55P2200TA Datasheet
506Kb / 5P
   High Voltage Thyristor Module
MCNA95P2200TA IXYS-MCNA95P2200TA Datasheet
507Kb / 5P
   High Voltage Thyristor Module
MCNA150P2200YA IXYS-MCNA150P2200YA Datasheet
210Kb / 5P
   High Voltage Thyristor Module
MCC224-24IO1 IXYS-MCC224-24IO1 Datasheet
325Kb / 6P
   High Voltage Thyristor Module
MCNA40P2200TA IXYS-MCNA40P2200TA Datasheet
504Kb / 5P
   High Voltage Thyristor Module
MCNA75P2200TA IXYS-MCNA75P2200TA Datasheet
506Kb / 5P
   High Voltage Thyristor Module
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com