Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCC-15 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # MCC-15
Description  The cable can be grounded and fixed with one part
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MCC-15 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  MCC-15 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Plastic Grounding Clamp
Part No.
A
B
C
D
E
Mm
inch
MCC-3
13.2
5.4
3.0
1/8
8.9
4.8
MCC-4
6.3
3.7
3.5
1/7
6.4
4.8
MCC-5
10.0
5.4
4.5
3/16
10.2
4.8
MCC-6
9.3
5.0
6.2
¼
10.2
4.8
MCC-7
9.5
5.0
7.6
5/16
10.5
4.8
MCC-8
9.5
3.2
8.3
5/16
12.0
4.8
MCC-9
9.5
4.9
9.0
3/8
12.5
4.8
MCC-12
12.5
4.9
11.5
½
14.8
4.8
MCC-13
12.9
5.4
12.8
9/16
16.0
4.8
MCC-15
12.9
4.8
15.5
5/8
17.1
4.8
MCC-17
12.9
5.4
17
¾
20.2
4.8
Marcom Electronic Components (UK) Ltd
Marcom House
1-2 Steam Mill Lane
Great Yarmouth
Norfolk
NR31 0HP
Tel: +44 (0)1493 668622
Fax: +44 (0)1493 668623
Email: sales@marcomuk.co.uk
Technical Data
Material: Nylon 66
Colour: Gray/Silver
Drawing Unit: mm
ROHS Status: Compliant
Plating Material: Silver over copper
Features
The cable can be grounded and fixed with one part.
Highly flexible and light weight.
No sharp edges that can damage the cable.


Similar Part No. - MCC-15

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
MCC XPPOWER-MCC Datasheet
3Mb / 9P
   400 W Regulated Output
logo
MAKO SEMICONDUCTOR CO.,...
MCC1045UL MAKOSEMI-MCC1045UL Datasheet
499Kb / 4P
   High current capability, low forward voltage
MCC1045UL MAKOSEMI-MCC1045UL Datasheet
499Kb / 4P
   High current capability, low forward voltage
logo
IXYS Corporation
MCC122 IXYS-MCC122 Datasheet
44Kb / 2P
   Thyristor Module
MCC122-08IO1 IXYS-MCC122-08IO1 Datasheet
44Kb / 2P
   Thyristor Module
More results

Similar Description - MCC-15

ManufacturerPart #DatasheetDescription
logo
Mercury United Electron...
MF MERCURY-MF_15 Datasheet
106Kb / 1P
   The entire package can be grounded via the top metal lid and the two bottom pads.
MJ MERCURY-MJ_15 Datasheet
106Kb / 1P
   The entire package can be grounded via the top metal lid and the two bottom pads .
logo
Golledge Electronics Lt...
GSX-333 GOLLEDGE-GSX-333 Datasheet
598Kb / 6P
   Metal lid can be grounded to minimise EMI
GSX-331 GOLLEDGE-GSX-331 Datasheet
603Kb / 6P
   Metal lid can be grounded to minimise EMI
logo
PHOENIX CONTACT
2322472 PHOENIX-2322472 Datasheet
58Kb / 3P
   Can be screwed on with the I/O module
2322469 PHOENIX-2322469 Datasheet
74Kb / 4P
   Can be screwed on with the I/O module
logo
Neutrik AG
NZPFD-4ST NEUTRIK-NZPFD-4ST Datasheet
246Kb / 2P
   The NZPFD-4ST plate can be loaded with one opticalCON DUO or QUAD chassis connector and four ST chassis connectors.
NZPFD-4E NEUTRIK-NZPFD-4E Datasheet
240Kb / 2P
   The NZPFD-4E plate can be loaded with one opticalCON DUO or QUAD chassis connector and two E2000 compact chassis connectors.
NZPFD-4SC NEUTRIK-NZPFD-4SC Datasheet
247Kb / 2P
   The NZPFD-4SC plate can be loaded with one opticalCON DUO or QUAD chassis connector and two SC duplex chassis connectors.
logo
PHOENIX CONTACT
ASD-BIT-SET-HN PHOENIX-ASD-BIT-SET-HN Datasheet
48Kb / 3P
   Bits can be accessed quickly thanks to the user-friendly, one-handed opening mechanism
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com