Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC19040001 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # MC19040001
Description  3mm Prominent or Recessed
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MC19040001 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  MC19040001 Datasheet HTML 1Page - List of Unclassifed Manufacturers MC19040001 Datasheet HTML 2Page - List of Unclassifed Manufacturers MC19040001 Datasheet HTML 3Page - List of Unclassifed Manufacturers MC19040001 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
LED Indicators
3mm Prominent or Recessed
Page <1>
21/04/08 V1.1
A range of panel mounting LED indicators in high quality bright chrome or black chrome plated brass housings. Fitted with fixing nut
and washer.
Bezel = 4 x 7 diameter (prominent), 3 x 7 diameter (recessed). Total L behind bezel = 11.5 (prominent) 13.0 (recessed). Mounting
hole diameter = 6. Shorter lead Cathode.
Drawing Number - A
Drawing Number - B
Drawing Number - C
Drawing Number - D
Dimensions : Millimetres


Similar Part No. - MC19040001

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC1904 MOTOROLA-MC1904 Datasheet
665Kb / 9P
   INTEGRATED CIRCUITS
More results

Similar Description - MC19040001

ManufacturerPart #DatasheetDescription
logo
Gamewell-FCI by Honeywe...
FC00530 GAMEWELL-FCI-FC00530 Datasheet
133Kb / 2P
   Enclosure, surface or recessed
logo
Schurter Inc.
DF11 SCHURTER-DF11_17 Datasheet
553Kb / 7P
   IEC Appliance Inlet C14 or C18 with recessed Circuit Breaker TA45
logo
Chicago Miniature Lamp,...
1902X25X CML-1902X25X Datasheet
366Kb / 1P
   LED Indicator 6mm Prominent(Exterior) bezel
1902X35X CML-1902X35X Datasheet
365Kb / 1P
   LED Indicator 6mm Prominent(Exterior) bezel
1902X00X CML-1902X00X Datasheet
361Kb / 1P
   LED Indicator 6mm Prominent(Exterior) bezel
logo
Schurter Inc.
DF11 SCHURTER-DF11_18 Datasheet
536Kb / 6P
   IEC Appliance Inlet C14 or C18 with recessed Circuit Breaker TA45
DF11 SCHURTER-DF11_V02 Datasheet
634Kb / 7P
   IEC Appliance Inlet C14 or C18 with recessed Circuit Breaker TA45
08.12.2021
DF11 SCHURTER-DF11_V01 Datasheet
634Kb / 7P
   IEC Appliance Inlet C14 or C18 with recessed Circuit Breaker TA45
logo
Lumins Inc.
NT100R LUMINIS-NT100R Datasheet
113Kb / 2P
   Wall recessed mount
logo
Chicago Miniature Lamp,...
1904X35X CML-1904X35X Datasheet
411Kb / 1P
   LED Indicator 8mm Prominent (Interior) Bezel
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com