Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MTE4064N Datasheet(PDF) 1 Page - Marktech Corporate

Part # MTE4064N
Description  Visible Emitter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

MTE4064N Datasheet(HTML) 1 Page - Marktech Corporate

  MTE4064N Datasheet HTML 1Page - Marktech Corporate MTE4064N Datasheet HTML 2Page - Marktech Corporate MTE4064N Datasheet HTML 3Page - Marktech Corporate MTE4064N Datasheet HTML 4Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Absolute Maximum Ratings (Ta=25ºC)
ITEMS
SYMBOL
RATINGS
UNIT
Forward Current (DC)
IF
50
mA
Forward Current (Pulse)*1
IFP
0.5
A
Reverse Voltage
VR
5
V
Power Dissipation
PD
130
mW
Operating Temperature Range
Topr
-20 ~ +85
ºC
Storage Temperature Range
Tstg
-30 ~ +100
ºC
Junction Temperature
Tj
100
ºC
Lead Soldering Temperature*2
Tls
260
ºC
*1: Tw=10µsec, T=10msec. *2: Time 5 Sec max, Position: Up to 3mm from the body.
Peak Emission Wavelength: 643nm
The 643nm visible emitter series is designed for applications requiring high output and precise optical /
mechanical axis alignment. Custom package solutions and sorting are available.
FEATURES
> TO-18 Metal Can Domed Package
> High Output Power
> Narrow Beam Angle
> High Reliability
APPLICATIONS
> Color Sensor / Money Bill
> Paper Sensor / Money Bill
> Bar-code Reader
Electrical & Optical Characteristics (Ta = 25ºC)
ITEMS
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
Power Output
PO
IF=20mA
1.8
3.0
--
mW
Forward Voltage
VF
IF=20mA
--
2.0
2.4
V
Reverse Current
IR
VR=5V
--
--
100
µA
Peak Emission Wavelength
λp
IF=20mA
--
643
--
nm
Spectral Line Half Width
λ
IF=20mA
--
18
--
nm
Half Intensity Beam Angle
Ө
IF=20mA
--
±6
--
deg
Rise Time
Tr
IFP=20mA
--
--
--
nS
Fall TIme
Tf
IFP=20mA
--
--
--
nS
Junction Capacitance
Cj
1MHz, V=0V
--
20
--
pF
Temperature Coefficient of PO
P/T
IF=10mA
--
-0.8
--
%/ºC
Temperature Coefficient of VF
V/T
IF=10mA
--
-1.5
--
mV/ºC
Visible Emitter
Product No:
MTE4064N-UR
Global Headquarters, 3 Northway Lane North, Latham, NY 12110, USA
www.marktechopto.com
TOLL FREE:
1-800-984-5337 PHONE: 518-956-2980 FAX: 518-785-4725 EMAIL: info@marktechopto.com
1
2011-09-12


Similar Part No. - MTE4064N

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MTE4064N MARKTECH-MTE4064N Datasheet
752Kb / 4P
   Visible Emitter
MTE4064N-UR MARKTECH-MTE4064N-UR Datasheet
752Kb / 4P
   Peak Emission Wavelength: 643nm
MTE4064NJ2-UR MARKTECH-MTE4064NJ2-UR Datasheet
633Kb / 2P
   Visible Emitter
MTE4064NJ2-UR MARKTECH-MTE4064NJ2-UR_15 Datasheet
633Kb / 2P
   Visible Emitter
MTE4064N MARKTECH-MTE4064N_15 Datasheet
752Kb / 4P
   Visible Emitter
More results

Similar Description - MTE4064N

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MTE2056N MARKTECH-MTE2056N_15 Datasheet
755Kb / 4P
   Visible Emitter
MTE2056W MARKTECH-MTE2056W_15 Datasheet
639Kb / 4P
   Visible Emitter
MTE3061NJ1-UO MARKTECH-MTE3061NJ1-UO_15 Datasheet
663Kb / 3P
   Visible Emitter
MTE5066W MARKTECH-MTE5066W Datasheet
649Kb / 4P
   Visible Emitter
MTE5066WSC MARKTECH-MTE5066WSC Datasheet
613Kb / 3P
   Visible Emitter
MTE5900W MARKTECH-MTE5900W Datasheet
626Kb / 4P
   Visible Emitter
MTE2056M3A MARKTECH-MTE2056M3A Datasheet
654Kb / 4P
   Visible Emitter
MTE2056N MARKTECH-MTE2056N Datasheet
755Kb / 4P
   Visible Emitter
MTE2062N-UR MARKTECH-MTE2062N-UR Datasheet
703Kb / 3P
   Visible Emitter
MTE4061M3A MARKTECH-MTE4061M3A Datasheet
662Kb / 4P
   Visible Emitter
MTE4061N MARKTECH-MTE4061N Datasheet
748Kb / 4P
   Visible Emitter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com