Selected language     English  ▼


W01G Datasheet(PDF) 1 Page - General Semiconductor

Part No. W01G
Description  GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  GE [General Semiconductor]
Homepage  http://www.vishay.com
Logo 

   
 1 page
background image
4/98
W005G THRU W10G
GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
Reverse Voltage - 50 to 1000 Volts
Forward Current - 1.5 Amperes
FEATURES
♦ Plastic material has Underwriters Laboratory Flammability
Recognition 94V-0
♦ This series is UL listed under the Recognized Component
Index, file number E54214
♦ Glass passivated chip junctions
♦ High case dielectric strength
♦ Typical IR less than 0.1µA
♦ High overload surge capability
♦ Ideal for printed circuit boards
♦ High temperature soldering guaranteed:
260°C/10 seconds, 0.375” (9.5mm) lead length,
5lbs (2.3kg) tension
MECHANICAL DATA
Case: Molded plastic body over passivated junctions
Terminals: Plated leads solderable per MIL-STD-750,
Method 2026
Mounting Position: Any
Weight: 0.04 ounce, 1.1 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified.
SYMBOLS
W005G
W01G
W02G
W04G
W06G
W08G
W10G
UNITS
Maximum repetitive peak reverse voltage
VRRM
50
100
200
400
600
800
1000
Volts
Maximum RMS voltage
VRMS
35
70
140
280
420
560
700
Volts
Maximum DC blocking voltage
VDC
50
100
200
400
600
800
1000
Volts
Maximum average forward rectified current at
0.375" (9.5mm) lead length at TA=25°C
I(AV)
1.5
Amps
Peak forward surge current single sine-wave
superimposed on rated load (JEDEC Method)
IFSM
50.0
Amps
Rating for fusing (t<8.3ms)
I2t
10.0
A2sec
Maximum instantaneous forward voltage drop
per leg at 1.0A
VF
1.0
Volts
Maximum DC reverse current at rated TA=25°C
5.0
DC blocking voltage per leg
TA=125°C
IR
500.0
µA
Typical junction capacitance per leg (NOTE 1)
CJ
14.0
pF
Typical thermal resistance per leg (NOTE 2)
R
ΘJA
36.0
°C/W
R
ΘJL
11.0
Operating junction temperature range
TJ
-55 to +150
°C
Storage temperature range
TSTG
-55 to +150
°C
NOTES:
(1) Measured at 1.0 MHz and applied reverse voltage of 4.0 Volts
(2) Thermal resistance from junction to ambient and from junction to lead at 0.375" (9.5mm) lead length P.C.B. mounting
0.220 (5.6)
0.160 (4.1)
0.388 (9.86)
0.348 (8.84)
0.032 (0.81)
0.028 (0.71)
1.0
(25.4)
MIN.
0.060 (1.52)
0.020 (0.51)
0.348 (8.84)
0.308 (7.82)
0.220 (5.6)
0.180 (4.6)
0.220 (5.6)
0.180 (4.6)
Case Style WOG
Dimensions in inches and (millimeters)




Html Pages

1  2 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
DB101SSINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER 1 2 Rectron Semiconductor
RB151SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.5 Amperes 1 2 Rectron Semiconductor
DB151SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER 1 2 Rectron Semiconductor
RC201SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes 1 2 Rectron Semiconductor
2W005G2 AMP GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER 1 Fuji Electric
DF005SMINIATURE GLASS PASSIVATED SINGLE-PHASE SURFACE MOUNT BRIDGE RECTIFIER 1 2 General Semiconductor
DB151SSINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER 1 2 Rectron Semiconductor
DB101GGLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER 1 2 Zowie Technology Corporation
RS101SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere 1 2 Rectron Semiconductor
MB2MMINIATURE GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER 1 2 General Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl