Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NT742B Datasheet(PDF) 1 Page - HuaXinAn Electronics CO.,LTD

Part # NT742B
Description  Small size, light weight
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUAXINAN [HuaXinAn Electronics CO.,LTD]
Direct Link  http://www.huaandz.com
Logo HUAXINAN - HuaXinAn Electronics CO.,LTD

NT742B Datasheet(HTML) 1 Page - HuaXinAn Electronics CO.,LTD

  NT742B Datasheet HTML 1Page - HuaXinAn Electronics CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Small size, light weight.
Low coil consumption.
PC board mounting.
Suitable for household electrical appliances, automation system, electrical equipment, instrument, meter
telecommunication facilities and remote control facilities.
Ordering Information
NT74 1C S 10 DC12V N
G
1
2
3
4
5
6
7
Rated
Max.
Dash
numbers
Coil voltage
VDC
Coil
resistance
10%
Pickup
voltage
VDC(max)
(70%of rated
voltage )
Release voltage
VDC(min)
(10% of rated
voltage)
Coil power
consumption
W
Operate
Time
ms
Release
Time
ms
Contact Data
Contact Arrangement
1A SPSTNO
1C
SPDT(B-M)) 1C2
SPDT(B-M)
Contact Material
AgNi
AgSnO
2
Contact Rating (resistive)
1A,1C,1C2:8A,10A/250VAC,30VDC
2A,2B,2C:5A/250VAC,30VDC
Max. Switching Power
1A,1C,1C2:300W 2500VA
Max. Switching Voltage
440VAC 125VDC
Max. Switching Current:10A
Contact Resistance or Voltage drop
100m
Item 4.12 of IEC 61810-7
5
Operational
Electrical
10
Item 4.30 of IEC 61810-7
7
life
Mechanical
10
Item 4.31 of IEC 61810-7
Coil Parameter
4 Contact rating:1A,1C:8A,10A/250VAC 30VDC;
2A,2B,2C:5A/250VAC 30VDC
5 Coil rated voltage(V):DC:5,6,9,12,18,24,48,60
6 Contanct material: N: AgNi; S:AgSnO
2
7 Contact plating: Nil:Standard; G:Gold plated
1 Part number:NT74
2 Contact arrangement:1A:1A;1C:1C;C2:1C2;
2A:2A;2B:2B;2C:2C
3 Enclosure:S: Sealed type
Z: Dust cover
CAUTION: 1.The use of any coil voltage less than the rated coil voltage will compromise the operation of the relay.
2.Pickup and release voltage are for test purposes only and are not to be used as design criteria.
005-220
5
6.5
113
3.5
0.5
006-220
6
7.8
164
4.2
0.6
009-230
9
11.7
360
6.3
0.9
012-230
12
15.6
620
8.4
1.2
0.22
10
5
0.23
10
5
Features
93
Operation condition
Insulation Resistance
1000M
min (at 500VDC)
Item 7 of IEC 61810-5
Dielectric Strength
Between contacts
50Hz 1000V 1min
Item 6 of IEC 61810-5
Between contact and coil
50Hz 5000V 1min
Item 6 of IEC 61810-5
2
Shock resistance
functional: 980m/s
IEC68-2-27 Test Ea
Vibration resistance
10~55Hz double amplitude NO: 1.65mm
IEC68-2-6 Test Fc
Terminals strength
10N
IEC68-2-21 Test Ua1
Solderability
260
5
3
0.5s
IEC68-2-20 Test Ta method 1
Ambient Temperature
-40
~85
Relative Humidity
35%~85% (at 40 )
IEC68-2-3 Test Ca
Mass
8g
Dimensions
NOTES 1).Dimensions are in millimeters.
2).Inch equivalents are given for general information only.
94
NT 74
Dimension
mm /inch
2A
DPSTNO
2B(DPSTNC)
2C
DPDT(B-M)
2A,2B,2C:150W 1250VA
018-250
18
23.4
1295
12.7
1.8
024-250
24
31.2
2350
16.8
2.4
0.25
10
5
048-290
48
62.4
8000
33.6
4.8
060-290
60
78
12500
42
6.0
0.29
10
5
Between contact sets
50Hz 2500V 1min
Item 6 of IEC 61810-5
(no coil voltage) NC: 0.8mm
2
2
survival: NO:98m/s NC:49m/s
1A
1C
2A
2C
1C2
2B
Mounting (Bottom view)
Wiring diagram (Bottom view)
1C
1C2,2C
2B
1A
NT74
28.5
12.5
10.1
2A
22.1
6- 1.3
3.2
0.126
0.051
0.870
0.744
0.126
0.051
6- 1.3
18.9
3.2
0.051
0.744
0.126 0.126
8- 1.3
18.9
3.2 3.2
0.051
0.200
0.744
5- 1.3
18.9
5.08
0.126
0.126
0.051
0.744
5- 1.3
3.2
3.2
18.9
0.016
0.031
0.398
0.008
0.024
1.122
0.008
0.065
0.30
10.1
0.2
28.5
0.2
2- 0.6
7.62
1.65
6-0.4
0.8
E169380
C
US
R
VDE
40019280
Safety approvals
Safety approval
Load
VDE
1A,1C,1C2:8A,10A/250VAC,30VDC
2A,2C:5A/250VAC,30VDC
8A/250VAC
UL&CUR
Ningbo Huaguan Electronics Corporation LTD.


Similar Part No. - NT742B

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
NT742BZ10DC12VN DBLECTRO-NT742BZ10DC12VN Datasheet
352Kb / 2P
   Low coil consumption
NT742BZ10DC12VS DBLECTRO-NT742BZ10DC12VS Datasheet
352Kb / 2P
   Low coil consumption
NT742BZ10DC18VN DBLECTRO-NT742BZ10DC18VN Datasheet
352Kb / 2P
   Low coil consumption
NT742BZ10DC18VS DBLECTRO-NT742BZ10DC18VS Datasheet
352Kb / 2P
   Low coil consumption
NT742BZ10DC24VN DBLECTRO-NT742BZ10DC24VN Datasheet
352Kb / 2P
   Low coil consumption
More results

Similar Description - NT742B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NV2R ETC1-NV2R Datasheet
114Kb / 2P
   Small size, light weight.
logo
HuaXinAn Electronics CO...
NG8QW2C HUAXINAN-NG8QW2C Datasheet
425Kb / 1P
   Small size, light weight
NT72-2A HUAXINAN-NT72-2A Datasheet
581Kb / 1P
   Small size, light weight
NT741C HUAXINAN-NT741C Datasheet
333Kb / 1P
   Small size, light weight.
NV2M-2A HUAXINAN-NV2M-2A Datasheet
470Kb / 1P
   Small size, light weight
NT78A HUAXINAN-NT78A Datasheet
514Kb / 1P
   Small size, light weight
NT742C HUAXINAN-NT742C Datasheet
333Kb / 1P
   Small size, light weight.
NT72C HUAXINAN-NT72C Datasheet
581Kb / 1P
   Small size, light weight.
NV2R HUAXINAN-NV2R Datasheet
806Kb / 1P
   Small size, light weight
NG6D HUAXINAN-NG6D Datasheet
357Kb / 1P
   Small size,light weight
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com